Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0805YC103JA72A Datasheet(PDF) 3 Page - AVX Corporation

Part # 0805YC103JA72A
Description  General Specifications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

0805YC103JA72A Datasheet(HTML) 3 Page - AVX Corporation

  0805YC103JA72A Datasheet HTML 1Page - AVX Corporation 0805YC103JA72A Datasheet HTML 2Page - AVX Corporation 0805YC103JA72A Datasheet HTML 3Page - AVX Corporation 0805YC103JA72A Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
21
21
X7R Dielectric
Capacitance Range
PREFERRED SIZES ARE SHADED
SIZE
0101*
0201
0402
0603
0805
1206
Soldering
Reflow Only
Reflow Only
Reflow/Wave
Reflow/Wave
Reflow/Wave
Reflow/Wave
Packaging
Paper/Embossed
All Paper
All Paper
All Paper
Paper/Embossed
Paper/Embossed
(L) Length
mm
0.40 ± 0.02
0.60 ± 0.03
1.00 ± 0.10
1.60 ± 0.15
2.01 ± 0.20
3.20 ± 0.20
(in.)
(0.016 ± 0.0008)
(0.024 ± 0.001)
(0.040 ± 0.004)
(0.063 ± 0.006)
(0.079 ± 0.008)
(0.126 ± 0.008)
(W) Width
mm
0.20 ± 0.02
0.30 ± 0.03
0.50 ± 0.10
0.81 ± 0.15
1.25 ± 0.20
1.60 ± 0.20
(in.)
(0.008 ± 0.0008)
(0.011 ± 0.001)
(0.020 ± 0.004)
(0.032 ± 0.006)
(0.049 ± 0.008)
(0.063 ± 0.008)
(t)
Terminal
mm
0.10± 0.04
0.15 ± 0.05
0.25 ± 0.15
0.35 ± 0.15
0.50 ± 0.25
0.50 ± 0.25
(in.)
(0.004 ± 0.0016)
(0.006 ± 0.002)
(0.010 ± 0.006)
(0.014 ± 0.006)
(0.020 ± 0.010)
(0.020 ± 0.010)
WVDC
16
10
16
25
50
6.3
10
16
25
50
6.3
10
16
25
50
100
200
6.3
10
16
25
50
100 200
6.3
10
16
25
50
100 200 500
Cap
100
101
B
A
A
A
A
C
C
C
G
G
G
(pF)
150
151
B
A
A
A
A
C
C
C
G
G
G
220
221
B
A
A
A
A
C
C
C
G
G
G
330
331
B
A
A
A
A
C
C
C
G
G
G
J
J
J
J
J
J
K
470
471
B
A
A
A
A
C
C
C
G
G
G
J
J
J
J
J
J
K
680
681
B
A
A
A
C
C
C
G
G
G
J
J
J
J
J
J
K
1000
102
B
A
A
A
C
C
C
C
G
G
G
J
J
J
J
J
J
K
1500
152
B
A
A
A
C
C
C
C
G
G
J
J
J
J
J
J
J
J
J
J
J
J
M
2200
222
B
A
A
A
C
C
C
C
G
G
J
J
J
J
J
J
J
J
J
J
J
J
M
3300
332
A
A
A
C
C
C
C
G
G
J
J
J
J
J
J
J
J
J
J
J
J
M
4700
472
A
A
A
C
C
C
C
G
G
J
J
J
J
J
J
J
J
J
J
J
J
M
6800
682
A
A
A
C
C
C
C
G
G
J
J
J
J
J
J
J
J
J
J
J
J
P
Cap
0.01
103
A
A
A
C
C
C
C
G
G
G
J
J
J
J
J
J
J
J
J
J
J
J
P
(μF)
0.015
153
C
C
C
C
G
G
G
J
J
J
J
J
J
J
J
J
J
J
M
P
0.022
223
C
C
C
C
G
G
G
J
J
J
J
J
N
J
J
J
J
J
M
X
0.033
333
C
C
C
C
G
G
J
J
J
J
J
N
J
J
J
J
J
M
X
0.047
473
C
C
C
C
G
G
G
J
J
J
J
N
J
J
J
J
J
M
0.068
683
C
C
C
C
G
G
G
J
J
J
J
N
J
J
J
J
J
P
0.1
104
C
C
C
C
G
G
G
G
J
J
J
J
N
J
J
J
J
P
P
0.15
154
G
G
G
G
J
J
J
N
N
JJJ
J
Q
0.22
224
C
G
G
J
J
J
J
J
N
N
N
J
J
J
J
Q
0.33
334
JJ
JJ
N
N
N
N
N
JJ
M
P
Q
0.47
474
J
J
J
J
J
N
N
NNN
M
M
M
P
Q
0.68
684
JJ
J
N
N
N
M
M
Q
Q
Q
1.0
105
C
J
J
J
J
N
N
N
N
M
M
Q
Q
Q
2.2
225
J
J
J
P
P
P
P
QQQ
Q
Q**
4.7
475
P
P
P
QQQ
Q
10
106
P
P
QQQ
22
226
QQ
47
476
100
107
WVDC
16
10
16
25
50
6.3
10
16
25
50
6.3
10
16
25
50
100
200
6.3
10
16
25
50
100 200
6.3
10
16
25
50
100 200 500
SIZE
0101
0201
0402
0603
0805
1206
Letter
AB
CE
G
J
K
M
N
P
Q
X
Y
Z
Max.
0.33
0.22
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.80
2.29
2.54
2.79
Thickness
(0.013)
(0.009)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.071)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
NOTE: Contact factory for non-specified capacitance values
*EIA 01005
**Contact Factory for Specifications
PAPER and EMBOSSED available for 01005
REV 02


Similar Part No. - 0805YC103JA72A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805YC103JA72A AVX-0805YC103JA72A Datasheet
338Kb / 20P
   General Specifications
0805YC103JA72A AVX-0805YC103JA72A Datasheet
95Kb / 4P
   X7R Dielectric General Specifications
0805YC103JA72A AVX-0805YC103JA72A Datasheet
282Kb / 18P
   Dielectric General Specifications
0805YC103JA72A AVX-0805YC103JA72A Datasheet
81Kb / 4P
   X7R Dielectric General Specifications
0805YC103JA72A AVX-0805YC103JA72A Datasheet
80Kb / 4P
   X7R Dielectric General Specifications
More results

Similar Description - 0805YC103JA72A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com