Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVS8501V5MUT5G Datasheet(PDF) 1 Page - ON Semiconductor

Part # TVS8501V5MUT5G
Description  Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TVS8501V5MUT5G Datasheet(HTML) 1 Page - ON Semiconductor

  TVS8501V5MUT5G Datasheet HTML 1Page - ON Semiconductor TVS8501V5MUT5G Datasheet HTML 2Page - ON Semiconductor TVS8501V5MUT5G Datasheet HTML 3Page - ON Semiconductor TVS8501V5MUT5G Datasheet HTML 4Page - ON Semiconductor TVS8501V5MUT5G Datasheet HTML 5Page - ON Semiconductor TVS8501V5MUT5G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2014
November, 2014 − Rev. 1
1
Publication Order Number:
TVS8501V5/D
TVS8501V5
Transient Voltage
Suppressors
Features
Protection for the following IEC Standards:
IEC61000−4−2 Level 4:
±30 kV Contact Discharge
IEC61000−4−5 (Lightning) 70 A (8/20
ms)
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
IEC 61000−4−2 (ESD)
Contact
Air
±30
±30
kV
Operating Junction and Storage
Temperature Range
TJ, Tstg
−65 to +150
°C
Maximum Peak Pulse Current
8/20
ms @ TA = 25°C
IPP
70
A
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
Device
Package
Shipping
ORDERING INFORMATION
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
TVS8501V5MUT5G
UDFN2
(Pb−Free)
8000 / Tape &
Reel
MARKING
DIAGRAM
1
Cathode
2
Anode
UDFN2
CASE 517CZ
A M
A
= Specific Device Code
M
= Date Code


Similar Part No. - TVS8501V5MUT5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TVS8501V12 ONSEMI-TVS8501V12 Datasheet
60Kb / 4P
   Transient Voltage Suppressors
November, 2014 ??Rev. P1
TVS8501V12MUT5G ONSEMI-TVS8501V12MUT5G Datasheet
60Kb / 4P
   Transient Voltage Suppressors
November, 2014 ??Rev. P1
TVS8501V6 ONSEMI-TVS8501V6 Datasheet
94Kb / 6P
   Transient Voltage Suppressors
August, 2015 ??Rev. 0
TVS8501V6MUT5G ONSEMI-TVS8501V6MUT5G Datasheet
94Kb / 6P
   Transient Voltage Suppressors
August, 2015 ??Rev. 0
More results

Similar Description - TVS8501V5MUT5G

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com