Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKT672-080-E Datasheet(PDF) 8 Page - ON Semiconductor

Part # SKT672-080-E
Description  Stepping Motor Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SKT672-080-E Datasheet(HTML) 8 Page - ON Semiconductor

Back Button SKT672-080-E Datasheet HTML 4Page - ON Semiconductor SKT672-080-E Datasheet HTML 5Page - ON Semiconductor SKT672-080-E Datasheet HTML 6Page - ON Semiconductor SKT672-080-E Datasheet HTML 7Page - ON Semiconductor SKT672-080-E Datasheet HTML 8Page - ON Semiconductor SKT672-080-E Datasheet HTML 9Page - ON Semiconductor SKT672-080-E Datasheet HTML 10Page - ON Semiconductor SKT672-080-E Datasheet HTML 11Page - ON Semiconductor SKT672-080-E Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
STK672-080-E
No.6507-8/18
Input Signal Functions and Timing
• CLK (phase switching clock)
1) Input frequency range: DC to 50kHz
2) Minimum pulse width: 10
μs
3) Duty: 40 to 60% (However, the minimum pulse width takes precedence when M3 is high.)
4) Pin circuit type: Built-in pull-up resistor (20k
Ω, typical) CMOS Schmitt trigger structure
5) Built-in multi-stage noise rejection circuit
6) Function:
- When M3 is high or open: The phase excited (driven) is advanced one step on each CLK rising edge.
- When M3 is low: The phase is advanced one step by both rising and falling edges, for a total of two steps per cycle.
CLK Input Acquisition Timing (M3 = Low)
• CWB (Method for setting the rotation direction)
1) Pin circuit type: Built-in pull-up resistor (20k
Ω, typical) CMOS Schmitt trigger structure
2) Function:
- When CWB is low: The motor turns in the clockwise direction.
- When CWB is high: The motor turns in the counterclockwise direction.
3) Notes: When M3 is low, the CWB input must not be changed for about 6.25
μs before or after a rising or falling
edge on the CLK input.
• ENABLE (Controls the on/off state of the A, A, B, and B excitation drive outputs and selects either operating or hold
as the internal state of this hybrid IC.)
1) Pin circuit type: Built-in pull-up resistor (20k
Ω, typical) CMOS Schmitt trigger structure
2) Function:
- When ENABLE is high or open: Normal operating state
- When ENABLE is low: This hybrid IC goes to the hold state and excitation drive output (motor current) is
forcibly turned off. In this mode, the hybrid IC system clock is stopped and no inputs
other than the reset input have any effect on the hybrid IC state.
Excitation counter up/down
Control output switching timing
CLK input
System clock
Phase excitation counter clock
Control output timing
A13264


Similar Part No. - SKT672-080-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SKT672-040-E ONSEMI-SKT672-040-E Datasheet
203Kb / 19P
   Stepping Motor Driver
June, 2013
SKT672-050-E ONSEMI-SKT672-050-E Datasheet
204Kb / 19P
   Stepping Motor Driver
June, 2013
SKT672-060-E ONSEMI-SKT672-060-E Datasheet
198Kb / 19P
   Stepping Motor Driver
June, 2013
SKT672-070-E ONSEMI-SKT672-070-E Datasheet
182Kb / 18P
   Stepping Motor Driver
June, 2013
More results

Similar Description - SKT672-080-E

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6845FS ROHM-BA6845FS Datasheet
72Kb / 6P
   Stepping motor driver
BD6775EFV ROHM-BD6775EFV Datasheet
83Kb / 3P
   Stepping Motor Driver
BA6846FV-E2 ROHM-BA6846FV-E2 Datasheet
90Kb / 6P
   Stepping motor driver
logo
ON Semiconductor
SKT672-040-E ONSEMI-SKT672-040-E Datasheet
203Kb / 19P
   Stepping Motor Driver
June, 2013
LB1945H ONSEMI-LB1945H Datasheet
85Kb / 7P
   Stepping Motor Driver
June, 2013
logo
Rohm
BD63621MUV ROHM-BD63621MUV Datasheet
1Mb / 29P
   Stepping Motor Driver
logo
Fairchild Semiconductor
KA3100D FAIRCHILD-KA3100D Datasheet
163Kb / 8P
   Stepping Motor Driver
logo
ON Semiconductor
SKT672-060-E ONSEMI-SKT672-060-E Datasheet
198Kb / 19P
   Stepping Motor Driver
June, 2013
logo
Sanken electric
SI-7200E SANKEN-SI-7200E Datasheet
324Kb / 4P
   STEPPING MOTOR DRIVER
logo
ON Semiconductor
LB11946 ONSEMI-LB11946 Datasheet
127Kb / 14P
   Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com