Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKT672-060-E Datasheet(PDF) 11 Page - ON Semiconductor

Part # SKT672-060-E
Description  Stepping Motor Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SKT672-060-E Datasheet(HTML) 11 Page - ON Semiconductor

Back Button SKT672-060-E Datasheet HTML 7Page - ON Semiconductor SKT672-060-E Datasheet HTML 8Page - ON Semiconductor SKT672-060-E Datasheet HTML 9Page - ON Semiconductor SKT672-060-E Datasheet HTML 10Page - ON Semiconductor SKT672-060-E Datasheet HTML 11Page - ON Semiconductor SKT672-060-E Datasheet HTML 12Page - ON Semiconductor SKT672-060-E Datasheet HTML 13Page - ON Semiconductor SKT672-060-E Datasheet HTML 14Page - ON Semiconductor SKT672-060-E Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
STK672-060-E
No.7441-11/19
Output Pin Functions
Pin No.
Symbol
Function
Pin circuit type
19
MOI
Phase excitation origin monitor
Standard CMOS structure
20, 21
MO1, MO2
Phase excitation state monitor
Standard CMOS structure
Output Signal Functions and Timing
• A, A, B, and B (Motor phase excitation outputs)
1) Function:
- In the 4 phase and 2 phase excitation modes, a 3.75
μs (typical) interval is set up between the A and A and B and
B output signal transition times.
• MO1, MO2, and MOI (Phase excitation state monitors)
1) Pin circuit type: Standard CMOS structure
1) Function:
- Output of the current phase excitation output state.
Phase coordinate
Phase A
Phase B
Phase A
Phase B
MO1
1
0
0
1
MO2
0
1
0
1
MOI outputs a 0 when each phase is at the origin, and outputs a 1 otherwise.
• Current division ratios set by M3, M4, and M5 ········· Values provided for reference purposes.
Mode
Circular
M4 = 1
M4 = 0
M4 = 1
M4 = 1
Setting
M3 = 0
M3 = 1
M5 = 1
M5 = 0
M5 = 0
M5 = 1
Units
Number of steps
15
16
16
15
1/16
2W1-2
21
25
24
20
1/8
2/16
31
34
33
28
3/16
2W1-2
40
44
41
38
2/8
4/16
47
50
49
44
5/16
2W1-2
55
59
56
53
3/8
6/16
63
67
63
60
7/16
2W1-2
71
75
70
67
4/8
8/16
76
81
76
73
9/16
2W1-2
83
87
84
81
5/8
10/16
87
92
88
84
11/16
2W1-2
92
95
95
91
6/8
12/16
96
98
98
93
13/16
Current
division
ratio
4W1-2
2W1-2
100
100
100
100
%
7/8
14/16
[Load conditions]
VCC1 = 24V, VCC2 = 5V, R/L = 3.5/3.8mH
2
1
3


Similar Part No. - SKT672-060-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SKT672-040-E ONSEMI-SKT672-040-E Datasheet
203Kb / 19P
   Stepping Motor Driver
June, 2013
SKT672-050-E ONSEMI-SKT672-050-E Datasheet
204Kb / 19P
   Stepping Motor Driver
June, 2013
SKT672-070-E ONSEMI-SKT672-070-E Datasheet
182Kb / 18P
   Stepping Motor Driver
June, 2013
SKT672-080-E ONSEMI-SKT672-080-E Datasheet
182Kb / 18P
   Stepping Motor Driver
June, 2013
More results

Similar Description - SKT672-060-E

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6845FS ROHM-BA6845FS Datasheet
72Kb / 6P
   Stepping motor driver
BD6775EFV ROHM-BD6775EFV Datasheet
83Kb / 3P
   Stepping Motor Driver
BA6846FV-E2 ROHM-BA6846FV-E2 Datasheet
90Kb / 6P
   Stepping motor driver
logo
ON Semiconductor
SKT672-040-E ONSEMI-SKT672-040-E Datasheet
203Kb / 19P
   Stepping Motor Driver
June, 2013
SKT672-080-E ONSEMI-SKT672-080-E Datasheet
182Kb / 18P
   Stepping Motor Driver
June, 2013
LB1945H ONSEMI-LB1945H Datasheet
85Kb / 7P
   Stepping Motor Driver
June, 2013
logo
Rohm
BD63621MUV ROHM-BD63621MUV Datasheet
1Mb / 29P
   Stepping Motor Driver
logo
Fairchild Semiconductor
KA3100D FAIRCHILD-KA3100D Datasheet
163Kb / 8P
   Stepping Motor Driver
logo
Sanken electric
SI-7200E SANKEN-SI-7200E Datasheet
324Kb / 4P
   STEPPING MOTOR DRIVER
logo
ON Semiconductor
LB11946 ONSEMI-LB11946 Datasheet
127Kb / 14P
   Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com