Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS3P623Z05B Datasheet(PDF) 6 Page - ON Semiconductor

Part # PCS3P623Z05B
Description  Peak EMI Reduction IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCS3P623Z05B Datasheet(HTML) 6 Page - ON Semiconductor

Back Button PCS3P623Z05B Datasheet HTML 2Page - ON Semiconductor PCS3P623Z05B Datasheet HTML 3Page - ON Semiconductor PCS3P623Z05B Datasheet HTML 4Page - ON Semiconductor PCS3P623Z05B Datasheet HTML 5Page - ON Semiconductor PCS3P623Z05B Datasheet HTML 6Page - ON Semiconductor PCS3P623Z05B Datasheet HTML 7Page - ON Semiconductor PCS3P623Z05B Datasheet HTML 8Page - ON Semiconductor PCS3P623Z05B Datasheet HTML 9Page - ON Semiconductor PCS3P623Z05B Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PCS3P623Z05A, PCS3P623Z05B, PCS3P623Z09A, PCS3P623Z09B
http://onsemi.com
6
Table 7. ELECTRICAL CHARACTERISTICS
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
VIL
Input LOW Voltage (Note 11)
0.8
V
VIH
Input HIGH Voltage (Note 11)
2.0
V
IIL
Input LOW Current
VIN = 0 V
50
mA
IIH
Input HIGH Current
VIN = VDD
100
mA
VOL
Output LOW Voltage (Note 12)
IOL = 8 mA
0.4
V
VOH
Output HIGH Voltage (Note 12)
IOH = −8 mA
2.4
V
IDD
Supply Current
Unloaded outputs
27
mA
Zo
Output Impedance
23
W
11. CLKIN input has a threshold voltage of VDD/2
12.Parameter is guaranteed by design and characterization. Not 100% tested in production.
Table 8. SWITCHING CHARACTERISTICS
Parameter
Test Conditions
Min
Typ
Max
Unit
Input Frequency
20
50
MHz
Output Frequency
30 pF load
20
50
MHz
Duty Cycle = (t2 / t1) * 100 (Notes 13, 14)
Measured at VDD/2
40
50
60
%
Output Rise Time (Notes 13, 14)
Measured between 0.8 V and 2.0 V
2.5
nS
Output Fall Time (Notes 13, 14)
Measured between 2.0 V and 0.8 V
2.5
nS
Output−to−output skew (Notes 13, 14)
All outputs equally loaded
250
pS
Delay, CLKIN Rising Edge to
CLKOUT Rising Edge (Note 14)
Measured at VDD/2
±350
pS
Device−to−Device Skew (Note 14)
Measured at VDD/2 on the CLKOUT
pins of the device
700
pS
Cycle−to−Cycle Jitter (Notes 13, 14)
Loaded outputs
±250
pS
PLL Lock Time (Note 14)
Stable power supply, valid clock
presented on CLKIN pin
1.0
mS
13.All parameters specified with 30 pF loaded outputs.
14.Parameter is guaranteed by design and characterization. Not 100% tested in production.


Similar Part No. - PCS3P623Z05B

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS3P623Z05B PULSECORE-PCS3P623Z05B Datasheet
551Kb / 15P
   Timing-Safe??Peak EMI reduction IC
More results

Similar Description - PCS3P623Z05B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCS3P622Z05B ONSEMI-PCS3P622Z05B Datasheet
168Kb / 13P
   Peak EMI Reduction IC
August, 2011 ??Rev. P2
P3P622S01J ONSEMI-P3P622S01J Datasheet
135Kb / 6P
   Peak EMI Reduction IC
October, 2014 ??Rev. 2
PCS3P73Z01AW ONSEMI-PCS3P73Z01AW Datasheet
202Kb / 13P
   Peak EMI Reduction IC
August, 2011 ??Rev. 2
PCS3P2537A ONSEMI-PCS3P2537A Datasheet
133Kb / 7P
   Peak EMI Reduction IC
JANUARY 2010 ??Rev. 1
P3P76Z11D ONSEMI-P3P76Z11D Datasheet
164Kb / 10P
   Peak EMI reduction IC
March, 2011 ??Rev. 0
P3PSL450A ONSEMI-P3PSL450A Datasheet
159Kb / 9P
   Peak EMI Reduction IC
July, 2010 ??Rev. 1
ASM3P623S05A ONSEMI-ASM3P623S05A Datasheet
197Kb / 11P
   Peak EMI Reduction IC
July 2010 ??Rev. 1
PCS3P8103A ONSEMI-PCS3P8103A Datasheet
138Kb / 7P
   General Purpose Peak EMI Reduction IC
APRIL 2010 ??Rev. 2
PCS3PS550A ONSEMI-PCS3PS550A Datasheet
126Kb / 7P
   General Purpose Peak EMI Reduction IC
July, 2010 ??Rev. 1
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com