Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRVTSM245ET1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NRVTSM245ET1G
Description  Surface Mount Trench Schottky Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRVTSM245ET1G Datasheet(HTML) 4 Page - ON Semiconductor

  NRVTSM245ET1G Datasheet HTML 1Page - ON Semiconductor NRVTSM245ET1G Datasheet HTML 2Page - ON Semiconductor NRVTSM245ET1G Datasheet HTML 3Page - ON Semiconductor NRVTSM245ET1G Datasheet HTML 4Page - ON Semiconductor NRVTSM245ET1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NRVTSM245E
www.onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 7. Forward Power Dissipation
IF(AV), AVERAGE FORWARD CURRENT (A)
2.5
2.0
1.5
1.0
0.5
0
0
1
2
3
4
Figure 8. Thermal Response, Junction−to−Ambient
t, PULSE TIME (sec)
1000
0.1
0.01
0.001
0.0001
0.00001
0.000001
0.1
1
10
100
Square Wave
IPK/IAV = 10
DC
IPK/IAV = 20
IPK/IAV = 5
100
10
1
50%
20%
10%
5%
2%
1%


Similar Part No. - NRVTSM245ET1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVTSM245ESF ONSEMI-NRVTSM245ESF Datasheet
112Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
July, 2014 ??Rev. P0
NRVTSM245ESFT3G ONSEMI-NRVTSM245ESFT3G Datasheet
112Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
July, 2014 ??Rev. P0
More results

Similar Description - NRVTSM245ET1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVTSM260E ONSEMI-NRVTSM260E Datasheet
68Kb / 5P
   Surface Mount Trench Schottky Power Rectifier
August, 2014 ??Rev. 2
logo
Microdiode Electronics ...
ST34BF CHENDA-ST34BF Datasheet
214Kb / 2P
   SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST34F CHENDA-ST34F Datasheet
203Kb / 2P
   SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST54BF CHENDA-ST54BF Datasheet
286Kb / 2P
   SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
logo
ON Semiconductor
NRVTS5100ETFS ONSEMI-NRVTS5100ETFS Datasheet
69Kb / 5P
   Trench Surface Mount Schottky Rectifier
June, 2018 ??Rev. 0
NRVTS360ETFS ONSEMI-NRVTS360ETFS Datasheet
179Kb / 6P
   Trench Surface Mount Schottky Rectifier
February, 2019 ??Rev. 2
logo
Microdiode Electronics ...
ST54A CHENDA-ST54A_V01 Datasheet
846Kb / 3P
   SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST34C CHENDA-ST34C Datasheet
210Kb / 2P
   SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST34A CHENDA-ST34A_V01 Datasheet
841Kb / 3P
   SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST54B CHENDA-ST54B_V01 Datasheet
854Kb / 3P
   SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com