Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP81148 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP81148
Description  Synchronous Buck Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81148 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP81148 Datasheet HTML 1Page - ON Semiconductor NCP81148 Datasheet HTML 2Page - ON Semiconductor NCP81148 Datasheet HTML 3Page - ON Semiconductor NCP81148 Datasheet HTML 4Page - ON Semiconductor NCP81148 Datasheet HTML 5Page - ON Semiconductor NCP81148 Datasheet HTML 6Page - ON Semiconductor NCP81148 Datasheet HTML 7Page - ON Semiconductor NCP81148 Datasheet HTML 8Page - ON Semiconductor NCP81148 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2014
January, 2014 − Rev. P0
1
Publication Order Number:
NCP81148/D
NCP81148
Advance Information
Synchronous Buck Controller
with Auto Power Saving
Mode and Built-In LDO
NCP81148 is a dual synchronous buck controller that is optimized
for converting the battery voltage or adaptor voltage into multiple
power rails required in desktop and notebook system. NCP81148
consists of two buck switching controllers with fixed 5.0 V output on
channel 2, 3.3 V on channel 1 and two on−board LDOs with three
outputs: 5 V / 6
0 mA and 3.3 V or 12 V / 10 mA. NCP81148 supports
high efficiency, fast transient response and provides power good
signals. ON Semiconductor proprietary adaptive−ripple control
enables seamless transition from CCM to DCM, where converter runs
at reduced switching frequency with much higher efficiency at light
load. The part operates with supply voltage ranging from 5.5 V to
28 V. NCP81148 is available in a 28−pin QFN package.
Features
Wide Input Voltage Range: from 5.5 V to 28 V
Built−in 5 V / 60 mA LDO
Built−in selectable 3.3 V or 12 V / 10 mA LDO
Three Selectable Fixed Frequency 300 KHz, 400 KHz or 600 KHz
180 Interleaved Operation Between the Two Channels in
Continue−Conduction−Mode (CCM)
Selected Power−Saving Mode/Forced PWM Mode
Transient−Response−Enhancement (TRE) Control
Input Supply Voltage Feed Forward Control
Resistive or Lossless Inductor’s DCR Current Sensing
Over−Temperature Protection
Internal Fixed 8.5 ms Soft−Start
Fixed Output Voltages 5 V and 3.3 V
Power Good Outputs for Both Channels
Built−in Adaptive Gate Drivers
Output Discharge Operation
Built−in Over−Voltage, Under−Voltage Protection
Accurate Over−Current Protection
Thermal Shutdown
Applications
Desktop / Notebook Computers
System Power Supplies
I/O Power Supplies
This document contains information on a new product. Specifications and information
herein are subject to change without notice.
28 PIN QFN, 4x4
MN SUFFIX
CASE 485AR
Device
Package
Shipping
ORDERING INFORMATION
NCP81148MNTWG
QFN−28
(Pb−Free)
4,000 /
Tape & Reel
MARKING
DIAGRAM
81148 = Specific Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
PIN CONNECTIONS
(Top View)
(Note: Microdot may be in either location)
81148
ALYWG
G
1
GH1
BST1
SWN1
GL1/FSET
PGND1
CSP1
CSN1
GH2
BST2
SWN2
GL2
PGND2
CSP2
CSN2
GND
1
28


Similar Part No. - NCP81148

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81140 ONSEMI-NCP81140 Datasheet
305Kb / 20P
   Multiple-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
September, 2015 - Rev. 1
NCP81140MNTXG ONSEMI-NCP81140MNTXG Datasheet
305Kb / 20P
   Multiple-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
September, 2015 - Rev. 1
NCP81141 ONSEMI-NCP81141 Datasheet
540Kb / 24P
   Single-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
September, 2015 - Rev. 2
NCP81141MNTWG ONSEMI-NCP81141MNTWG Datasheet
540Kb / 24P
   Single-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
September, 2015 - Rev. 2
NCP81141MNTXG ONSEMI-NCP81141MNTXG Datasheet
540Kb / 24P
   Single-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
September, 2015 - Rev. 2
More results

Similar Description - NCP81148

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
   300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Analog Devices
ADP1878 AD-ADP1878 Datasheet
2Mb / 40P
   Synchronous Buck Controller
REV. A
logo
Semtech Corporation
SC412A SEMTECH-SC412A_1 Datasheet
588Kb / 22P
   Synchronous Buck Controller
logo
Sipex Corporation
SP6138 SIPEX-SP6138 Datasheet
961Kb / 17P
   Synchronous Buck Controller
logo
Micro Linear Corporatio...
ML4894 MICRO-LINEAR-ML4894 Datasheet
270Kb / 10P
   Synchronous Buck Controller
logo
Sipex Corporation
SP6133 SIPEX-SP6133 Datasheet
1,022Kb / 20P
   Synchronous Buck Controller
logo
Exar Corporation
SP6136 EXAR-SP6136 Datasheet
846Kb / 18P
   Synchronous Buck Controller
logo
Texas Instruments
LM1770 TI1-LM1770 Datasheet
868Kb / 24P
[Old version datasheet]   Synchronous Buck Controller
logo
Micro Linear Corporatio...
ML4895 MICRO-LINEAR-ML4895 Datasheet
275Kb / 10P
   Synchronous Buck Controller
logo
Semtech Corporation
SC412A SEMTECH-SC412A Datasheet
784Kb / 22P
   Synchronous Buck Controller
logo
Sipex Corporation
SP6136 SIPEX-SP6136 Datasheet
826Kb / 18P
   Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com