Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM161MEUS Datasheet(PDF) 1 Page - ON Semiconductor

Part # ASM161MEUS
Description  Supervisory Circuit
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM161MEUS Datasheet(HTML) 1 Page - ON Semiconductor

  ASM161MEUS Datasheet HTML 1Page - ON Semiconductor ASM161MEUS Datasheet HTML 2Page - ON Semiconductor ASM161MEUS Datasheet HTML 3Page - ON Semiconductor ASM161MEUS Datasheet HTML 4Page - ON Semiconductor ASM161MEUS Datasheet HTML 5Page - ON Semiconductor ASM161MEUS Datasheet HTML 6Page - ON Semiconductor ASM161MEUS Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2011
August, 2011 − Rev. 3
1
Publication Order Number:
ASM161/D
ASM161, ASM162
mP Supervisory Circuit
Description
The ASM161 and ASM162 are cost effective, low power
supervisory circuits that monitor power supplies in microprocessor,
microcontroller and digital systems. If the power supply drops below
the reset threshold level, a reset is asserted and remains asserted for at
least 800 ms after VCC has risen above the reset threshold. An
improved manual reset architecture gives the system designer
additional flexibility.
The debounced manual reset input is negative edge triggered. The
reset pulse period generated by a MR transition is a minimum of
800 ms and a maximum of 2 sec duration. In addition, The MR input
signal is blocked for an additional 49
mS minimum after the reset pulse
ends. During the MR disable period, the microcontroller is guaranteed
a time period free of additional manual reset signals. During this
period DRAM contents can be refreshed or other critical system tasks
undertaken. Low power consumption makes the ASM161/162 ideal
for use in portable and battery operated equipments. With 3 V
supplies, power consumption is 8
mW typically and 30 mW maximum.
The ASM161 has an open−drain, active−LOW RESET output and
requires an external pull−up resistor. The ASM162 has an active
HIGH RESET output.
The ASM161/162 are offered in compact 4−pin SOT−143 packages.
No external components are required to trim threshold voltage for
monitoring different supply voltages. With six different factory set,
reset, threshold ranges from 2.63 V to 4.63 V, the ASM161/162 are
suitable for monitoring 5 V, 3.6 V and 3.0 V supplies. The
ASM161/162 are available in temperature ranges 0
°C to 70°C and
−40
°C to +85°C.
Features
Edge Triggered Manual Reset Input
Single Pulse Output
49 mS Minimum MR Disable Period After Reset
CMOS/TTL Logic or Switch Interface
Debounced Input
Low Supply Current Extends Battery Life
6
mA / 15 mA typ/max at 5.5 V
4.5
mA / 10 mA typ/max at 3.6 V
Long Reset Period
0.8 Sec Minimum, 2 Sec Maximum
Two Reset Polarity Options
ASM161: Active LOW, Open−drain
ASM162: Active HIGH
Pinout Matches the ASM811/812
Small 4−Pin SOT−143 Package
Two Temperature Ranges: 0°C to 70°C
and −40
°C to +85°C
Applications
PDAs
Appliances
Computers and Embedded Controllers
Wireless Communication Systems
Battery Operated and Intelligent Instruments
Automotive Systems
Safety Systems
http://onsemi.com
PIN CONFIGURATIONS
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
4.63
L
4.38
M
4.00
J
3.08
T
2.93
S
Voltage (V)
RESET THRESHOLD
SOT−143
4 LEAD
CASE 527AF
ASM161
(Top View)
Part Suffix
RESET
RESET
GND
GND
VCC
MR
VCC
MR
ASM162
(Top View)
RESET is open drain
2.63
R
11


Similar Part No. - ASM161MEUS

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM161MEUS/T ALSC-ASM161MEUS/T Datasheet
245Kb / 9P
   uP Supervisory Circuit
logo
PulseCore Semiconductor
ASM161MEUS/T PULSECORE-ASM161MEUS/T Datasheet
189Kb / 9P
   關P Supervisory Circuit
ASM161MEUSF/T PULSECORE-ASM161MEUSF/T Datasheet
189Kb / 9P
   關P Supervisory Circuit
More results

Similar Description - ASM161MEUS

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M7436 PERICOM-PT7M7436 Datasheet
358Kb / 6P
   Supervisory Circuit
PT7M6315US PERICOM-PT7M6315US Datasheet
430Kb / 6P
   Supervisory Circuit
logo
Diodes Incorporated
PT7M6314US DIODES-PT7M6314US Datasheet
471Kb / 8P
   Supervisory Circuit
01/15/16
PT7M6315US DIODES-PT7M6315US Datasheet
991Kb / 8P
   Supervisory Circuit
March 2021 Rev 2-2
logo
Pericom Semiconductor C...
PT7M1233 PERICOM-PT7M1233 Datasheet
253Kb / 7P
   Supervisory Circuit
PT7M1818 PERICOM-PT7M1818 Datasheet
286Kb / 6P
   Supervisory Circuit
PT7M7433 PERICOM-PT7M7433 Datasheet
359Kb / 7P
   Supervisory Circuit
PT7M6314US PERICOM-PT7M6314US Datasheet
472Kb / 8P
   Supervisory Circuit
logo
Linear Technology
LTC1235 LINER-LTC1235_15 Datasheet
232Kb / 16P
   Microprocessor Supervisory Circuit
logo
RICOH electronics devic...
R5106N RICOH-R5106N Datasheet
446Kb / 14P
   Microprocessor Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com