Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH6429 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CPH6429
Description  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CPH6429 Datasheet(HTML) 3 Page - ON Semiconductor

  CPH6429 Datasheet HTML 1Page - ON Semiconductor CPH6429 Datasheet HTML 2Page - ON Semiconductor CPH6429 Datasheet HTML 3Page - ON Semiconductor CPH6429 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CPH6429
Rev.0 I Page 3 of 4 I www.onsemi.com
0
1.0
2.0
3.0
4.0
1.5
0.5
2.5
3.5
4.5
0
1
2
3
4
VGS -- Qg
IT06820
7
5
10
7
5
3
2
100
SW Time -- ID
IT06818
IT06816
0.1
1.0
23
5
2
3
5
7
05
10
15
20
25
30
10
100
7
1000
7
5
3
2
5
3
2
7
Ciss, Coss, Crss -- VDS
IT06819
IT06817
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1.0
7
5
3
2
7
7
5
3
2
5
3
2
IF -- VSD
VGS=0
td(on)
td(off)
tf
t r
VDD=30V
VGS=4V
Ciss
Coss
Crss
f=1MHz
VDS=30V
ID=2.0A
0.01
0.1
0.1
1.0
23
5
7
2
3
5
7
2
3
5
10
1.0
7
5
3
2
7
5
3
2
yfs -- ID
VDS=10V
75
°C
25°
C
Ta=
--
25
°C
0.01
23
5 7 0.1
23
5 7 1.0
23
5 7 10
23
5 7100
0.01
2
0.1
2
3
5
7
1.0
2
3
5
7
10
3
5
7
A S O
IT07336
IDP=8A
ID=2A
<10
µs
Operation in this area
is limited by RDS(on).
0
0.2
1.2
1.6
1.4
1.0
0.8
0.6
0.4
1.8
020
406080
100
120
140
160
PD -- Ta
IT07337
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
Drain-to-Source Voltage, VDS -- V
Total Gate Charge, Qg -- nC
Ambient Temperature, Ta --
°C
Drain-to-Source Voltage, VDS -- V
Mounted
on
a
ceramic
board
(1200mm
2
0.8mm)
Ta=25
°C
Single pulse
Mounted on a ceramic board (1200mm2
✕0.8mm)
Drain Current, ID -- A


Similar Part No. - CPH6429

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6424 SANYO-CPH6424 Datasheet
53Kb / 4P
   CPH6424
CPH6428 SANYO-CPH6428 Datasheet
58Kb / 4P
   擁낂쳵?잆궧?ㅳ긿?곥꺍?곁뵪
More results

Similar Description - CPH6429

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com