Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AX8052F143-2 Datasheet(PDF) 11 Page - ON Semiconductor

Part # AX8052F143-2
Description  Ultra-Low Power Microcontroller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F143-2 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button AX8052F143-2 Datasheet HTML 7Page - ON Semiconductor AX8052F143-2 Datasheet HTML 8Page - ON Semiconductor AX8052F143-2 Datasheet HTML 9Page - ON Semiconductor AX8052F143-2 Datasheet HTML 10Page - ON Semiconductor AX8052F143-2 Datasheet HTML 11Page - ON Semiconductor AX8052F143-2 Datasheet HTML 12Page - ON Semiconductor AX8052F143-2 Datasheet HTML 13Page - ON Semiconductor AX8052F143-2 Datasheet HTML 14Page - ON Semiconductor AX8052F143-2 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Specifications
www.onsemi.com
AX-SIGFOX/D
11
4.2.
DC Characteristics
Supplies
SYM
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
Conditions for all current and energy values unless otherwise specified are for the hardware configuration described in the AX-Sigfox Application Note:
Sigfox Compliant Reference Design.
TAMB
Operational ambient temperature
-40
27
85
°C
VDDIO
I/O and voltage regulator supply
voltage
1.8
3.0
3.6
V
VDDIO_R1
I/O voltage ramp for reset activation;
Note 1
Ramp starts at VDD_IO≤0.1V
0.1
V/ms
VDDIO_R2
I/O voltage ramp for reset activation;
Note 1
Ramp starts at 0.1V<VDD_IO<0.7V
3.3
V/ms
IDS
Deep sleep mode current
AT$P=2
100
nA
ISLP
Sleep mode current
AT$P=1
1.3
μA
ISTDBY
Standby mode current
0.5
mA
IRX_CONT
Current consumption continuous RX
AT$SR=1,1,-1
10
mA
QSFX_OOB_0
Energy to send a Sigfox out of band
message, 0dBm
AT$S0
0.12
C
QSFX_BIT_0
Energy to send a bit, 0dBm
AT$SB=0
0.08
C
QSFX_BITDL_0
Energy to send a bit with downlink
receive, 0dBm
AT$SB=0,1
0.14
C
QSFX_LFR_0
Energy to send the longest possible
Sigfox frame (12 byte) , 0dBm
AT$SF=00112233445566778899aabb
0.27
C
QSFX_LFRDL_0
Energy to send the longest possible
Sigfox frame (12 byte) with downlink
receive, 0dBm
AT$SF=00112233445566778899aabb,1
0.27
C
QSFX_OOB_14
Energy to send a Sigfox out of band
message, 14dBm
AT$S0
0.28
C
QSFX_BIT_14
Energy to send a bit, 14dBm
AT$SB=0
0.20
C
QSFX_BITDL_14
Energy to send a bit with downlink
receive, 14dBm
AT$SB=0,1
0.35
C
QSFX_LFR_14
Energy to send the longest possible
Sigfox frame (12 byte) , 14dBm
AT$SF=00112233445566778899aabb
0.39
C
QSFX_LFRDL_14
Energy to send the longest possible
Sigfox frame (12 byte) with downlink
receive, 14dBm
AT$SF=00112233445566778899aabb,1
0.46
C
ITXMOD0AVG
Modulated Transmitter Current,
Notes 3, 4
Pout=0 dBm; average
19.0
mA
ITXMOD14AVG
Modulated Transmitter Current,
Notes 3, 4
Pout=14 dBm; average
49.0
mA
Notes :
1.
If VDD_IO ramps cannot be guaranteed, an external reset circuit is recommended, see the AX8052 Application Note: Power On Reset
2.
Digital circuitry is functional down to typically 1 V.
3.
The output power of the AX-Sigfox can be programmed in 1 dB steps from 0 dBm – 14 dBm. Current consumption values are given for a
matching network that is optimized for 14 dBm output. 0 dBm transmission with typically 10 mA can be achieved with other networks
that are optimized for 0 dBm operation.
4.
Values in dBm are typical, the matching network is optimized for 14 dBm


Similar Part No. - AX8052F143-2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AX8052F143-2 ONSEMI-AX8052F143-2 Datasheet
470Kb / 45P
   SoC Ultra-Low Power RF-Microcontroller
November, 2015 ??Rev. 3
AX8052F143-2 ONSEMI-AX8052F143-2 Datasheet
467Kb / 45P
   SoC Ultra-Low Power RF-Microcontroller
August, 2017 ??Rev. 4
More results

Similar Description - AX8052F143-2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AX8052F100 ONSEMI-AX8052F100_18 Datasheet
224Kb / 22P
   Ultra-Low Power Microcontroller
May, 2018 ??Rev. 5
AX8052F100 ONSEMI-AX8052F100 Datasheet
737Kb / 24P
   Ultra-Low Power Microcontroller
Revision 2
AX8052F100 ONSEMI-AX8052F100_16 Datasheet
283Kb / 22P
   Ultra-Low Power Microcontroller
May, 2016 ??Rev. 3
logo
List of Unclassifed Man...
ML620Q503 ETC2-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
logo
EM Microelectronic - MA...
EM6682 EMMICRO-EM6682_10 Datasheet
2Mb / 59P
   Ultra Low Power 8-pin Microcontroller
EM6680 EMMICRO-EM6680 Datasheet
1Mb / 58P
   Ultra Low Power 8-pin Microcontroller
logo
ON Semiconductor
AX8052F131 ONSEMI-AX8052F131_16 Datasheet
312Kb / 29P
   SoC Ultra-Low Power RF-Microcontroller
May, 2016 ??Rev. 3
AX8052F151 ONSEMI-AX8052F151_16 Datasheet
331Kb / 34P
   SoC Ultra-Low Power RF-Microcontroller
May, 2016 ??Rev. 3
AX8052F143 ONSEMI-AX8052F143_17 Datasheet
467Kb / 45P
   SoC Ultra-Low Power RF-Microcontroller
August, 2017 ??Rev. 4
logo
LAPIS Semiconductor Co....
ML620Q503 LAPIS-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com