Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VTM48KP020x088AA1 Datasheet(PDF) 1 Page - Powerbox

Part # VTM48KP020x088AA1
Description  D C / D C C U R R E N T M U LT I P L I E R M O D U L E
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

VTM48KP020x088AA1 Datasheet(HTML) 1 Page - Powerbox

  VTM48KP020x088AA1 Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SELECTION TABLE
VICHIP VTM
D C / D C C U R R E N T M U L T I P L I E R M O D U L E
FEATURES
• 300 WATTS
• 48 Vin V•I Chip Converter.
• >92% efficiency at 1.5V.
• Up to 100 A / 300 W.
• 125°C operation.
• High density - up to 365 A/in3 (1
• 095 W/cm3).
• 1 µs transient response.
• Small footprint: 1.1in2 (7.1cm2).
• >3.5 million hours MTBF.
• Low weight - 0.5 oz (14 g).
• J-lead package.
• Pick & Place / SMD compatible
Part Number
Vin (V)
Vout (V)
Output Current (A)
Package
VTM48MP010x107AA1 48 (0-60)
1.0 (0-1.25)
107
1323
VTM48EF012T130B01
48 (26-55)
1.2 (0.7-1.4)
130
Full Chip
VTM48RP015x050AB1 48 (0-52)
1.5 (0-1.63)
50
623
VTM48EH015x050A00 48 (26-55)
1.5 (0.8-1.7)
50
Half Chip
VTM48EF015T115A00 48 (26-55)
1.5 (0.8-1.7)
115
Full Chip
VTM48KP020x088AA1 48 (0-55)
2.0 (0-2.3)
88
1323
VTM48EH020x040A00 48 (26-55)
2.0 (1.1-2.3)
40
Half Chip
VTM48Ex020y080A00 48 (26-55)
2.0 (1.1-2.3)
80
Full Chip
VTM48Ex030y070A00 48 (26-55)
3.0 (1.6-3.4)
70
Full Chip
VTM48Ex040y050B0R
48 (26-55)
4.0 (2.2-4.6)
50
Full Chip
VTM48EH040x025B00 48 (26-55)
4.0 (2.17-4.58)
25
Half Chip
VTM48Ex040y050B00
48 (26-55)
4.0 (2.17-4.58)
50
Full Chip
VTM48EH060x020A00 48 (26-55)
6.0 (3.25-6.87)
20
Half Chip
VTM48Ex060y040A00 48 (26-55)
6.0 (3.25-6.87)
40
Full Chip
VTM48Ex080y030A00 48 (26-55)
8.0 (4.34-9.16)
30
Full Chip
VTM48Ex096y025A00 48 (26-55)
9.6 (6.4-11.0)
25
Full Chip
VTM48EH120x010B00 48 (26-55)
12 (6.5-13.8)
10
Half Chip
VTM48Ex120y025A0R 48 (26-55)
12 (6.5-13.8)
25
Full Chip
VTM48Ex120y025A00 48 (26-55)
12 (6.5-13.8)
25
Full Chip
VTM48Ex160y015A00 48 (26-55)
16 (8.67-18.3)
15
Full Chip
VTM48Ex240y012A00 48 (26-55)
24 (13.8-26.5)
12
Full Chip
VTM48Ex320y009A00 48 (26-55)
32 (17.3-36.7)
9
Full Chip
VTM48Ex480y006A00 48 (26-55)
48 (26-55)
6
Full Chip


Similar Part No. - VTM48KP020x088AA1

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VTM48KP020X088AA1 VICOR-VTM48KP020X088AA1 Datasheet
94Kb / 3P
   Sine Amplitude Converter
VTM48KP020X088AA1 VICOR-VTM48KP020X088AA1 Datasheet
152Kb / 3P
   Sine Amplitude Converter
VTM48KP020X088AA1 VICOR-VTM48KP020X088AA1_17 Datasheet
152Kb / 3P
   Sine Amplitude Converter
More results

Similar Description - VTM48KP020x088AA1

ManufacturerPart #DatasheetDescription
logo
Powerbox
DCM-VICHIP POWERBOX-DCM-VICHIP Datasheet
208Kb / 2P
   D C / D C C O N V E R T E R M O D U L E
logo
Arch Electronics Corp.
MTC30 ARCH-MTC30_18 Datasheet
204Kb / 3P
   AC - D C I T E & M e d i c a l P o w e r M o d u l e
logo
Gaomi Xinghe Electronic...
S1AF GXELECTRONICS-S1AF Datasheet
465Kb / 2P
   S u r f a c e M o u n t G e n e r a l P u r p o s e S i l i c o n R e c t i f i e r s
logo
Powerbox
WMBB-C-S POWERBOX-WMBB-C-S Datasheet
457Kb / 1P
   S E C U R I T Y C A B I N E T WA L L M O U N T E N C L O S U R E
PBKAM10 POWERBOX-PBKAM10 Datasheet
153Kb / 1P
   1 0 WAT T S - A C / D C P OWE R M O D U L E S I N G L E - M U LT I P L E O U T P U T
logo
Murata Manufacturing Co...
SCA1000-D01 MURATA-SCA1000-D01 Datasheet
352Kb / 18P
   P R O D U C T S P E C I F I C A T I O N F O R X Y - D U A L A X I S A C C E L E R O M E T E R
SCA1020-D06 MURATA-SCA1020-D06 Datasheet
359Kb / 19P
   P R O D U C T S P E C I F I C A T I O N F O R Z Y - D U A L A X I S A C C E L E R O M E T E R
logo
AMETHERM Circuit Protec...
AS320R536 AMETHERM-AS320R536_12 Datasheet
244Kb / 3P
   I N R U S H C U R R E N T L I M I T E R S
logo
Powerbox
PBB6A POWERBOX-PBB6A Datasheet
417Kb / 3P
   C O S E L S I N G L E / D U A L D C / D C C O N V E R T E R
logo
E-Tech Electronics LTD
GD401SD ETL-GD401SD Datasheet
166Kb / 2P
   S U R F A C E M O U N T , S C H O T T K Y B A R R I E R D I O D E R R I E R D I O D E
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com