Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMC-24V150W1AA Datasheet(PDF) 1 Page - Powerbox

Part # PMC-24V150W1AA
Description  3 5 - 1 5 0 WAT T S - PA N E L M O U N T P OWE R S U P P LY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PMC-24V150W1AA Datasheet(HTML) 1 Page - Powerbox

  PMC-24V150W1AA Datasheet HTML 1Page - Powerbox PMC-24V150W1AA Datasheet HTML 2Page - Powerbox PMC-24V150W1AA Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Doc. No. PMC Series_Rev.A_21-09-15
1
Delta PMC Series
3 5 - 1 5 0 W A T T S - P A N E L M O U N T P O W E R S U P P L Y
FEATURES
35W to 150W
Panel Mounted
Corrosion Resistant
Aluminum Chassis
Harmonic IEC/EN 61000-3-2 Class A
Safety IEC/EN/UL 60950-1
EMI EN55022 Class B
Op Temp -10 to +70C
MTBF 700000 hrs
Industrial Control
SPECIFICATIONS
INPUT
Input voltage
85-264Vac (DC input range 125-375Vdc)
Input frequency
47-63Hz
Input Current
PMC35: 0.5A @ 230Vac
PMC50: 0.7A @ 230Vac
PMC75: 1.0A @ 230Vac
PMC100: 1.1A @ 230Vac
PMC150: 2.0A @ 230Vac
Leakage current
<1mA @ 240Vac
OUTPUT
Output Voltage
12Vdc
24Vdc
Voltage Range
12V - 11-14Vdc
24V - 22-28Vdc
Output Current
See Selection Table.
Output Power
See Selection Table.
Hold-up time
> 80ms @230Vac.
Line regulation
<0.5% typ. (@ 85-264VAc input, 100% load)
Load regulation
<1% typ. (@ 85-264VAc input, 0-100% load)
Efficiency
> 85.0%
PROTECTIONS
Overvoltage
16V & 32V+10% SELV Ouput, Hiccup Mode,
Non-Latching (Auto-Recovery)
Overload/Overcurrent
> 120% of rated load current, Hiccup Mode,
Non-Latching (Auto-Recovery)
Over Temperature
> 75C Surrounding Air Temperature @ 100%
load, Latch-off Mode
Short Circuit
Hiccup Mode, Non-Latching (Auto-Recovery)
when the fault is removed)
Protection against Shock Class 1 with Primary Earth connection
MTBF
> 700,000 hrs as per Telcordia SR-332
MECHANICAL
Dimensions
PMC35: 128 x 97 x 38mm, 0.24Kg
PMC50: 128 x 97 x 38mm, 0.26kg
PMC75: 128 x 97 x 38mm, 0.30kg
PMC100: 158 x 97 x 38mm, 0.41kg
PMC150: 178 x 97 x 38mm, 0.48kg
Case Material
Aluminium
Cooling system
Convection
Indicator
Green LED (DC OK)
ENVIRONMENT
Operating temperature
-10°C to + 70°C
Storage temperature
-25°C to + 85°C
Power de-rating
>50°C (2.5% / °C)
Operating humidity
<95% RH (Non-condensing)
Shock Test
IEC60068 -2- 27, 30G (300m/s) for a
duration of 18ms
Operating altitude
3,000m


Similar Part No. - PMC-24V150W1AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-24V150W1AA DELTA-PMC-24V150W1AA Datasheet
861Kb / 13P
   24V 150W 1 Phase
More results

Similar Description - PMC-24V150W1AA

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBKAM10 POWERBOX-PBKAM10 Datasheet
153Kb / 1P
   1 0 WAT T S - A C / D C P OWE R M O D U L E S I N G L E - M U LT I P L E O U T P U T
LOPAC POWERBOX-LOPAC Datasheet
181Kb / 2P
   5 0 0 - 1 5 0 0 WAT T S - A C / D C L OW P R O F I L E S I N G L E - M U LT I P L E O U T P U T
PBBA POWERBOX-PBBA Datasheet
188Kb / 4P
   1 . 5 - 1 0 WAT T S - D C / D C S I N G L E - M U LT I P L E O U T P U T
ES300 POWERBOX-ES300 Datasheet
966Kb / 2P
   3 0 0 WAT T S P R O G R A M M A B L E D C S U P P LY
PBI6C POWERBOX-PBI6C Datasheet
792Kb / 3P
   5 0 - 1 5 0 WAT T S A C / D C S I N G L E O U T P U T WI T H R E M O T E C O N T R O L
PBIH POWERBOX-PBIH Datasheet
288Kb / 3P
   1 5 - 1 5 0 WAT T S D C / D C S I N G L E O U T P U T
PBBO POWERBOX-PBBO Datasheet
168Kb / 1P
   5 - 1 0 WAT T S - A C / D C S I N G L E O U T P U T
PBCBAT POWERBOX-PBCBAT Datasheet
135Kb / 2P
   1 5 0 - 3 0 0 WAT T S - A C / D C S I N G L E O U T P U T
PBB2C POWERBOX-PBB2C Datasheet
427Kb / 4P
   1 0 - 1 5 0 WAT T S - A C / D C S I N G L E O U T P U T
VI-J00MEGA POWERBOX-VI-J00MEGA Datasheet
168Kb / 1P
   2 5 - 3 0 0 WAT T S - D C / D C C O N V E R T E R C H A S S I S M O U N T - S I N G L E - M U LT I P L E O U T P U T
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com