Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMC-24V100W1AA Datasheet(PDF) 2 Page - Powerbox

Part # PMC-24V100W1AA
Description  3 5 - 1 5 0 WAT T S - PA N E L M O U N T P OWE R S U P P LY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PMC-24V100W1AA Datasheet(HTML) 2 Page - Powerbox

  PMC-24V100W1AA Datasheet HTML 1Page - Powerbox PMC-24V100W1AA Datasheet HTML 2Page - Powerbox PMC-24V100W1AA Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Powering Progress – www.powerbox.com.au
2
PMC Series_Rev.A_21-09-15
SELECTION TABLE
TECHNICAL ILLUSTRATIONS
Delta PMC Series
3 5 - 1 5 0 W A T T S - P A N E L M O U N T P O W E R S U P P L Y
MODEL NUMBER
OUTPUT VOLTAGE
OUTPUT CURRENT
OUTPUT POWER
PMC-12V035W1AA
12Vdc
3.00A
35W
PMC-12V050W1AA
12Vdc
4.17A
50W
PMC-12V100W1AA
12Vdc
8.33A
100W
PMC-12V150W1BJ
12Vdc
12.5A
150W
PMC-24V050W1AA
24Vdc
2.10A
50W
PMC-24V100W1AA
24Vdc
4.17A
100W
PMC-24V150W1AA
24Vdc
6.25A
150W
35 W Models
50 W Models


Similar Part No. - PMC-24V100W1AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-24V100W1AA DELTA-PMC-24V100W1AA Datasheet
944Kb / 2P
   Panel Mount Power Supply 24V 100W 1 Phase
PMC-24V100W1AA DELTA-PMC-24V100W1AA Datasheet
912Kb / 12P
   PMC Panel Mount Power Supply
More results

Similar Description - PMC-24V100W1AA

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBKAM10 POWERBOX-PBKAM10 Datasheet
153Kb / 1P
   1 0 WAT T S - A C / D C P OWE R M O D U L E S I N G L E - M U LT I P L E O U T P U T
LOPAC POWERBOX-LOPAC Datasheet
181Kb / 2P
   5 0 0 - 1 5 0 0 WAT T S - A C / D C L OW P R O F I L E S I N G L E - M U LT I P L E O U T P U T
PBBA POWERBOX-PBBA Datasheet
188Kb / 4P
   1 . 5 - 1 0 WAT T S - D C / D C S I N G L E - M U LT I P L E O U T P U T
ES300 POWERBOX-ES300 Datasheet
966Kb / 2P
   3 0 0 WAT T S P R O G R A M M A B L E D C S U P P LY
PBI6C POWERBOX-PBI6C Datasheet
792Kb / 3P
   5 0 - 1 5 0 WAT T S A C / D C S I N G L E O U T P U T WI T H R E M O T E C O N T R O L
PBIH POWERBOX-PBIH Datasheet
288Kb / 3P
   1 5 - 1 5 0 WAT T S D C / D C S I N G L E O U T P U T
PBBO POWERBOX-PBBO Datasheet
168Kb / 1P
   5 - 1 0 WAT T S - A C / D C S I N G L E O U T P U T
PBCBAT POWERBOX-PBCBAT Datasheet
135Kb / 2P
   1 5 0 - 3 0 0 WAT T S - A C / D C S I N G L E O U T P U T
PBB2C POWERBOX-PBB2C Datasheet
427Kb / 4P
   1 0 - 1 5 0 WAT T S - A C / D C S I N G L E O U T P U T
VI-J00MEGA POWERBOX-VI-J00MEGA Datasheet
168Kb / 1P
   2 5 - 3 0 0 WAT T S - D C / D C C O N V E R T E R C H A S S I S M O U N T - S I N G L E - M U LT I P L E O U T P U T
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com