Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM42-23A Datasheet(PDF) 1 Page - Powerbox

Part # PM42-23A
Description  3 0 - 4 8 WAT T S - A C / D C S I N G L E - M U LT I P L E O U T P U T
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PM42-23A Datasheet(HTML) 1 Page - Powerbox

  PM42-23A Datasheet HTML 1Page - Powerbox PM42-23A Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Doc. No. PBC9 Rev.C 28-4-11
392
PM42 Series
3 0 - 4 8 W A T T S - A C / D C S I N G L E & M U L T I P L E O U T P U T
FEATURES
Medical and ITE approvals
Compact size
Single, dual and triple outputs
Wide-range input 90-264 VAC
Low earth leakage current
Level B emissions
RoHS compliant
OPERATING
MTBF
400,000 hours at full load at 25°C
ambient, calculated per MIL-HDBK-217F
Efficiency
80-88% typical except PM42-31-3A and
PM42-31-5A at 75% typical
Switching frequency
62 KHz typical
ENVIRONMENT
Operating temperature:
-10°C to +70°C
Storage temperature:
-40°C to +85°C
Relative humidity:
5% to 95% non-condensing
Derating:
Derate from 100% to +50°C linearly to
50% at +70°C
STANDARDS AND APPROVALS
Safety
UL 60601-1, CSA C22.2 No. 601.1, TÜV EN
60601-1,
UL 60950-1, CSA C22.2 No.
60950-1, TÜV EN 60950-1
C-Tick
AS/NZS CISPR11 Group1, Class A
EMC standards
IEC60601-1-2, EN55011 / EN55022 and
FCC, VCCI: Class B conducted . class B
radiated
Immunity standards
EN61000-3-2, EN61000-3-3, EN61000-4-
2, EN61000-4-3, EN61000-4-4, EN61000-
4-5, EN61000-4-6, EN61000-4-8,
EN61000-4-11
MECHANICAL
Dimensions
101x50.8x30mm
Weight
205g
INPUT
Voltage range
90-264 VAC
Frequency
47-63 Hz
Inrush current
25 A @ 115 VAC, or 50 A @ 230 VAC, at
25°C cold start
Input current
0.9 A (rms) for 100 VAC
0.5 A (rms) for 240 VAC
Earth leakage current
150 µA max. @ 264 VAC, 63 Hz
Isolation
Input – Output: 4000VAC
Input – Case:1500VAC
Output – Case: 500VAC
OUTPUT
Output voltage
See table
Output current
See table
Ripple and noise
100 mV peak to peak on 3.3 V & 5.0 V
models, 1% peak to peak on other models
Line regulation
±0.5% maximum at full load
Load regulation
See table
Minimum load current
See table
Transient response
Maximum excursion of +0.04% or better
on all models, recovering to 1% of final
value within 500 us after a 25% step
load change
Overvoltage protection
Provided on output #1 only; set at
112–132% of its nominal output voltage
Overcurrent protection
All outputs protected to short circuit
conditions
Temperature coefficient
All outputs ±0.04% /°C maximum
Hold-up time
12 ms minimum at 110 VAC
SPECIFICATIONS


Similar Part No. - PM42-23A

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
PM422-155.52M CONNOR-WINFIELD-PM422-155.52M Datasheet
145Kb / 2P
   5.0x7.0mm Surface Mount LVPECL Clock Oscillator Series
PM423-155.52M CONNOR-WINFIELD-PM423-155.52M Datasheet
145Kb / 2P
   5.0x7.0mm Surface Mount LVPECL Clock Oscillator Series
logo
Bourns Electronic Solut...
PM428S-100-RC BOURNS-PM428S-100-RC Datasheet
358Kb / 2P
   PM428S Series - Shielded SMD Power Inductor
PM428S-101-RC BOURNS-PM428S-101-RC Datasheet
358Kb / 2P
   PM428S Series - Shielded SMD Power Inductor
PM428S-120-RC BOURNS-PM428S-120-RC Datasheet
358Kb / 2P
   PM428S Series - Shielded SMD Power Inductor
More results

Similar Description - PM42-23A

ManufacturerPart #DatasheetDescription
logo
Powerbox
EC2SA POWERBOX-EC2SA Datasheet
172Kb / 2P
   2 WAT T S - D C / D C S I N G L E & M U LT I P L E O U T P U T
EC3SA POWERBOX-EC3SA Datasheet
171Kb / 3P
   3 WAT T S - D C / D C S I N G L E and M U LT I P L E O U T P U T
PBKAM10 POWERBOX-PBKAM10 Datasheet
153Kb / 1P
   1 0 WAT T S - A C / D C P OWE R M O D U L E S I N G L E - M U LT I P L E O U T P U T
PBBA POWERBOX-PBBA Datasheet
188Kb / 4P
   1 . 5 - 1 0 WAT T S - D C / D C S I N G L E - M U LT I P L E O U T P U T
PM25A POWERBOX-PM25A Datasheet
302Kb / 2P
   2 5 - 2 8 WAT T S - A C / D C S I N G L E - M U LT I P L E O U T P U T
PSC-AC POWERBOX-PSC-AC Datasheet
246Kb / 3P
   1 0 0 - 2 4 0 WAT T S A C / D C S I N G L E M U LT I O U T P U T
VIPAC POWERBOX-VIPAC Datasheet
265Kb / 2P
   5 0 - 7 5 0 WAT T S - D C / D C S I N G L E - M U LT I P U L E O U T P U T C O N F I G U R A B L E
LOPAC POWERBOX-LOPAC Datasheet
181Kb / 2P
   5 0 0 - 1 5 0 0 WAT T S - A C / D C L OW P R O F I L E S I N G L E - M U LT I P L E O U T P U T
VI-J00MEGA POWERBOX-VI-J00MEGA Datasheet
168Kb / 1P
   2 5 - 3 0 0 WAT T S - D C / D C C O N V E R T E R C H A S S I S M O U N T - S I N G L E - M U LT I P L E O U T P U T
VI-200MEGA POWERBOX-VI-200MEGA Datasheet
164Kb / 1P
   5 0 - 6 0 0 WAT T S - D C / D C C O N V E R T E R C H A S S I S M O U N T S I N G L E - M U LT I P L E O U T P U T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com