Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM100-13-1A Datasheet(PDF) 2 Page - Powerbox

Part # PM100-13-1A
Description  3 7 - 6 4 WAT T S - A C / D C S I N G L E O U T P U T
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PM100-13-1A Datasheet(HTML) 2 Page - Powerbox

  PM100-13-1A Datasheet HTML 1Page - Powerbox PM100-13-1A Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Powering Progress – www.powerbox.com.au
Doc. No. PBC9 Rev.C 28-4-11
401
SELECTION TABLE
OUTPUT
AVERAGE ACTIVE
EFFICIENCY (TYPICAL)
@ 115 / 230 VAC
MODEL(1)
V1
MIN.
CURRENT
MAX.
CURRENT
TOL.
RIPPLE &
NOISE (2)
PM100-10A
PM100-12A
5 V
12 V
0 A
0 A
20.00 A
8.34 A
±2%
±2%
150 mV
120 mV
100 W
100 W
85/88%
86/89%
PM100-13A
PM100-13-1A
15 V
18 V
0 A
0 A
6.70 A
5.56 A
±2%
±2%
150 mV
180 mV
100 W
100 W
86/89%
86/89%
PM100-14A
PM100-15A
24 V
28 V
0 A
0 A
4.20 A
3.58 A
±2%
±2%
240 mV
280 mV
100 W
100 W
87/90%
87/90%
PM100-17A
PM100-18A
36 V
48 V
0 A
0 A
2.78 A
2.10 A
±2%
±2%
360 mV
480 mV
100 W
100 W
87/89%
87/89%
NOTES:
1. Safety approvals are for PCB form only. To order models with metallic L-bracket or box, change suffix “A” to “B” for L-bracket form, to “C” for
enclosed form (see Outline Drawing of Cased Internal Switchers), e.g. PM100-14C.
2. Ripple and noise is maximum peak-to-peak voltage value measured at output within 20 MHz bandwidth, at rated line voltage and output load
ranges, and with a 10 µF tantalum capacitor in parallel with a 0.1 µF ceramic capacitor across the output.
MECHANICAL SPECIFICATIONS
OUTPUT POWER DERATING CURVE
PM100 Series
3 7 - 6 4 W A T T S - A C / D C S I N G L E O U T P U T
NOTES:
1.
Dimensions shown in inches [mm]
2.
Tolerance 0.02 [0.5] maximum
3.
Connector P1: Molex header 09-65-2038 or equivalent, mating with Molex housing 09-50-1031 or equivalent.
4.
Connector P2: Molex header 09-65-2068 or equivalent, mating with Molex housing 09-50-1061 or equivalent.
5.
To ensure compliance with level B emissions, connect the three “
* “ marked mounting holes with metallic standoffs to chassis.
6.
Weight: 190 grams (0.44 lbs.) approx.
MODEL
PIN
1
2
3
4
5
6
PM100-10A PM100-13-1A PM100-17A
PM100-12A PM100-14A PM100-18A
PM100-13A PM100-15A
V1 Return
V1 Return
V1 Return
+V1
+V1
+V1
PIN CHART


Similar Part No. - PM100-13-1A

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
PM100-G EXTECH-PM100-G Datasheet
59Kb / 1P
   Medidor de potencia de fibra 짰tica con foto detector de silicio
PM100-S EXTECH-PM100-S Datasheet
59Kb / 1P
   Medidor de potencia de fibra 짰tica con foto detector de silicio
More results

Similar Description - PM100-13-1A

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBB13C POWERBOX-PBB13C Datasheet
195Kb / 4P
   7 - 3 0 0 WAT T S - A C / D C S I N G L E O U T P U T
TRG36A POWERBOX-TRG36A Datasheet
562Kb / 1P
   3 6 WAT T S - A C / D C G E N E R A L S I N G L E O U T P U T
TRG70A POWERBOX-TRG70A Datasheet
536Kb / 1P
   7 0 WAT T S - A C / D C G E N E R A L S I N G L E O U T P U T
TRG45A POWERBOX-TRG45A Datasheet
503Kb / 1P
   4 5 WAT T S - A C / D C G E N E R A L S I N G L E O U T P U T
EC3SA POWERBOX-EC3SA Datasheet
171Kb / 3P
   3 WAT T S - D C / D C S I N G L E and M U LT I P L E O U T P U T
PBBO POWERBOX-PBBO Datasheet
168Kb / 1P
   5 - 1 0 WAT T S - A C / D C S I N G L E O U T P U T
EC2SA POWERBOX-EC2SA Datasheet
172Kb / 2P
   2 WAT T S - D C / D C S I N G L E & M U LT I P L E O U T P U T
PM42 POWERBOX-PM42 Datasheet
694Kb / 2P
   3 0 - 4 8 WAT T S - A C / D C S I N G L E - M U LT I P L E O U T P U T
PBLN POWERBOX-PBLN Datasheet
260Kb / 2P
   60 - 2 4 0 WAT T S - A C / D C L I N E A R S I N G L E O U T P U T
TRG150 POWERBOX-TRG150 Datasheet
377Kb / 1P
   1 5 0 WAT T S - A C / D C G E N E R A L S I N G L E O U T P U T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com