Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GST36B09-P1J Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # GST36B09-P1J
Description  36W AC-DC High Reliability Industrial Adaptor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GST36B09-P1J Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  GST36B09-P1J Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GST36B09-P1J Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. GST36B09-P1J Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Derating Curve
Static Characteristics
Mechanical Specification
NAME PLATE
11 0.5mm
±
33
79
ID 2.1 x OD 5.5
C"+"
UL2468 16AWG 1000
50mm
±
70 10mm
±
35 10mm
±
POWER LED
Installation Manual
Please refer to : http://www.meanwell.com/webnet/search/InstallationSearch.html
85
100
95
120
110
160
140
200
180
240
220
264
85
100
80
70
60
50
40
36W AC-DC High Reliability Industrial Adaptor
GST36B series
File Name:GST36B-SPEC 2015-06-24
Unit:mm
Plug Assignment
Standard plug: P1J
P/N
OUTPUT
P1J
CENTER
+
-30
10
20
30
40
50
100
50
60
70
AMBIENT TEMPERATURE ( )
INPUT VOLTAGE (VAC) 60Hz
10
-20
230VAC
Input only


Similar Part No. - GST36B09-P1J

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GST360A MEANWELL-GST360A Datasheet
791Kb / 4P
   360W AC-DC High Reliability Industrial Adaptor
2022-04-19
GST360A12-C8P MEANWELL-GST360A12-C8P Datasheet
791Kb / 4P
   360W AC-DC High Reliability Industrial Adaptor
2022-04-19
GST360A15-C8P MEANWELL-GST360A15-C8P Datasheet
791Kb / 4P
   360W AC-DC High Reliability Industrial Adaptor
2022-04-19
GST360A24-C6P MEANWELL-GST360A24-C6P Datasheet
791Kb / 4P
   360W AC-DC High Reliability Industrial Adaptor
2022-04-19
GST360A36-C6P MEANWELL-GST360A36-C6P Datasheet
791Kb / 4P
   360W AC-DC High Reliability Industrial Adaptor
2022-04-19
More results

Similar Description - GST36B09-P1J

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GST36E MEANWELL-GST36E Datasheet
91Kb / 3P
   36W AC-DC High Reliability Industrial Adaptor
GST36U MEANWELL-GST36U Datasheet
526Kb / 3P
   36W AC-DC High Reliability Industrial Adaptor
GST25U MEANWELL-GST25U Datasheet
550Kb / 4P
   25W AC-DC High Reliability Industrial Adaptor
GST40A MEANWELL-GST40A Datasheet
406Kb / 3P
   40W AC-DC High Reliability Industrial Adaptor
GST220A MEANWELL-GST220A Datasheet
104Kb / 3P
   220W AC-DC High Reliability Industrial Adaptor
GST280A MEANWELL-GST280A Datasheet
154Kb / 4P
   280W AC-DC High Reliability Industrial Adaptor
GST18A MEANWELL-GST18A Datasheet
113Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18U MEANWELL-GST18U Datasheet
525Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST25A MEANWELL-GST25A Datasheet
849Kb / 4P
   25W AC-DC High Reliability Industrial Adaptor
GST360A MEANWELL-GST360A Datasheet
791Kb / 4P
   360W AC-DC High Reliability Industrial Adaptor
2022-04-19
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com