Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GST25E05-P1J Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # GST25E05-P1J
Description  25W AC-DC High Reliability Industrial Adaptor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GST25E05-P1J Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  GST25E05-P1J Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GST25E05-P1J Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. GST25E05-P1J Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. GST25E05-P1J Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Derating Curve
Static Characteristics
Mechanical Specification
NAME PLATE
11±0.5mm
UL2468 16AWG 1000±50mm for 5~12V
33
79
ID 2.1 x OD 5.5
C"+"
70±10mm
35±10mm
POWER LED
85
100
95
120
110
160
140
200
180
240
220
264
85
100
80
70
60
50
40
-30
10
20
30
40
50
100
50
60
70
AMBIENT TEMPERATURE (℃)
INPUT VOLTAGE (VAC) 60Hz
25W AC-DC High Reliability Industrial Adaptor
G S T 2 5 E series
File Name:GST25E-SPEC 2015-10-29
Unit:mm
Plug Assignment
Standard plug: P1J
P/N
OUTPUT
P1J
CENTER
+
UL1185 18AWG 1800±50mm for 15~48V


Similar Part No. - GST25E05-P1J

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
GST25 WILLOW-GST25 Datasheet
924Kb / 2P
   High Value Resistors radial leaded
logo
Riedon Powertron
GST25 RIEDON-GST25 Datasheet
274Kb / 2P
   High Resistance / Thick Film Leaded Resistors
logo
Willow Technologies Ltd
GST2512 WILLOW-GST2512 Datasheet
924Kb / 2P
   High Value Resistors radial leaded
logo
Riedon Powertron
GST2512 RIEDON-GST2512 Datasheet
274Kb / 2P
   High Resistance / Thick Film Leaded Resistors
GST2512 RIEDON-GST2512 Datasheet
171Kb / 2P
   High Resistance / Thick Film Leaded Resistors
More results

Similar Description - GST25E05-P1J

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GST25U MEANWELL-GST25U Datasheet
550Kb / 4P
   25W AC-DC High Reliability Industrial Adaptor
GST25A MEANWELL-GST25A Datasheet
849Kb / 4P
   25W AC-DC High Reliability Industrial Adaptor
GST25B MEANWELL-GST25B Datasheet
772Kb / 4P
   25W AC-DC High Reliability Industrial Adaptor
GSM25E MEANWELL-GSM25E Datasheet
93Kb / 3P
   25W AC-DC High Reliability Medical Adaptor
SGA25E MEANWELL-SGA25E Datasheet
85Kb / 3P
   25W AC-DC High Reliability Slim Wall-mounted Adaptor
GP25A MEANWELL-GP25A Datasheet
98Kb / 3P
   25W AC-DC Triple Output Industrial Adaptor
SGA25U MEANWELL-SGA25U Datasheet
74Kb / 3P
   25W AC-DC High Reliability Slim Wall-mounted Adaptor
GST40A MEANWELL-GST40A Datasheet
406Kb / 3P
   40W AC-DC High Reliability Industrial Adaptor
GST220A MEANWELL-GST220A Datasheet
104Kb / 3P
   220W AC-DC High Reliability Industrial Adaptor
GST280A MEANWELL-GST280A Datasheet
154Kb / 4P
   280W AC-DC High Reliability Industrial Adaptor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com