Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GEM18I48-P1J Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # GEM18I48-P1J
Description  18W AC-DC High Reliability Interchangeable Medical Adaptor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GEM18I48-P1J Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  GEM18I48-P1J Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GEM18I48-P1J Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. GEM18I48-P1J Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TYPE
ORDER NO.
Australian type
U.K type
European type
US type
Mix four type
AC plug-AU2
AC plug-UK2
AC plug-EU2
AC plug-US2
AC plug-MIX2
Interchangeable AC plug Specifically for GEM18I
PUSH
PUSH
PUSH
PUSH
PUSH
PUSH
PUSH
PUSH
PUSH
PUSH
SPECIFICATION
GEM18 series
I
File Name:GEM18 -SPEC 2015-06-03
I
ORDER NO.
SAFETY MODEL NO.
DC VOLTAGE
Note.2
RATED CURRENT
CURRENT RANGE
RATED POWER (max.)
RIPPLE & NOISE (max.) Note.3
OUTPUT
SETUP, RISE, HOLD UP TIME
VOLTAGE RANGE
Note.7
FREQUENCY RANGE
EFFICIENCY (Typ.)
AC CURRENT
INPUT
ENVIRONMENT
INRUSH CURRENT (max.)
LEAKAGE CURRENT(max.)
SAFETY STANDARDS
SAFETY &
EMC
(Note. 8)
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
LIFE
MTBF
DIMENSION
OTHERS
NOTE
PACKING
PROTECTION
5V
9V
12V
15V
18V
24V
48V
GEM18 05
I
GEM18 09
I
GEM18 12
I
GEM18 15
I
GEM18 18
I
GEM18 24
I
GEM18 48
I
GEM18 05-P1J
I
GEM18 09-P1J
I
GEM18 12-P1J
I
GEM18 15-P1J
I
GEM18 18-P1J
I
GEM18 24-P1J
I
GEM18 48-P1J
I
3A
2A
1.5A
1.2A
1A
0.75A
0.38A
0 ~ 3A
0 ~ 2A
0 ~ 1.5A
0 ~ 1.2A
0 ~ 1A
0 ~ 0.75A
60mVp-p
60mVp-p
80mVp-p
80mVp-p
80mVp-p
80mVp-p
80mVp-p
VOLTAGE TOLERANCE Note.4
LINE REGULATION
Note.5
LOAD REGULATION
Note.6
±5.0%
±5.0%
±3.0%
±3.0%
±2.0%
±2.0%
±2.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±5.0%
±5.0%
±3.0%
±3.0%
±2.0%
±2.0%
±2.0%
80 ~ 264VAC
113 ~ 370VDC
47 ~ 63Hz
0.45A / 115VAC
0.25A / 230VAC
30A / 115VAC
60A / 230VAC
ANSI/AAMI ES60601-1 / 60601-1-11, TUV EN60601-1 / 60601-1-11 approved
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
I/P-O/P:5656VDC
I/P-O/P:100M Ohms / 500VDC / 25
/ 70% RH
3 years : 100% load 40
, 12hours / day
400Khrs min. MIL-HDBK-217F(25
)
-20 ~ +50
(Refer to "Derating Curve")
20% ~ 90% RH non-condensing
-20 ~ +85
, 10 ~ 95% RH
±℃
0.03% /
(0 ~ 40
)
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
75.5*39.1*56.2mm (L*W*H)
140g ; 60pcs / 14kg / CARTON
CONNECTOR
PLUG
CABLE
15W
18W
18W
18W
18W
18W
18W
0 ~ 0.38A
1.All parameters are specified at 230VAC input, rated load, 25 70% RH ambient.
2.DC voltage: The output voltage set at point measure by plug terminal & 50% load.
3.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
4.Tolerance: includes set up tolerance, line regulation, load regulation.
5.Line regulation is measured from low line to high line at rated load.
6.Load regulation is measured from 10% to 100% rated load.
7.Derating may be needed under low input voltage. Please check the derating curve for more details.
8.The power supply is considered as an independent unit, but the final equipment still need to re-confirm that the whole system complies with the
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
OVERLOAD
OVER VOLTAGE
105 ~ 160% rated output power
Protection type : Hiccup mode, recovers automatically after fault condition is removed
110 ~ 140% rated output voltage
Protection type : Clamp by zener diode, output short
Compliance to EN55011 class B, EN61000-3-2,3, FCC PART 15 / CISPR22 class B
Compliance to EN61000-4,-2,3,4,5,6,8,11, light industry level, criteria A
500ms, 30ms, 16ms/230VAC
500ms, 30ms, 16ms/115VAC at full load
80%
84%
84%
84%
84%
85%
87%
EMC EMISSION
EMC IMMUNITY
See page 3 ; Other type available by customer requested
See page 3 ; Other type available by customer requested
18W AC-DC High Reliability Interchangeable Medical Adaptor
Touch current < 100 A/264VAC
μ


Similar Part No. - GEM18I48-P1J

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
GEM1 NJSEMI-GEM1 Datasheet
61Kb / 1P
   Microwave Diodes
logo
Green Power Solutions s...
GEM10-027 GPSEMI-GEM10-027 Datasheet
2Mb / 9P
   Green Power Easy Module
logo
Mean Well Enterprises C...
GEM12I MEANWELL-GEM12I Datasheet
169Kb / 4P
   12W AC-DC High Reliability Interchangeable Medical Adaptor
GEM12I07-P1J MEANWELL-GEM12I07-P1J Datasheet
169Kb / 4P
   12W AC-DC High Reliability Interchangeable Medical Adaptor
GEM12I09-P1J MEANWELL-GEM12I09-P1J Datasheet
169Kb / 4P
   12W AC-DC High Reliability Interchangeable Medical Adaptor
More results

Similar Description - GEM18I48-P1J

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GEM12I MEANWELL-GEM12I Datasheet
169Kb / 4P
   12W AC-DC High Reliability Interchangeable Medical Adaptor
GST18B MEANWELL-GST18B Datasheet
107Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18A MEANWELL-GST18A Datasheet
113Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18U MEANWELL-GST18U Datasheet
525Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18E MEANWELL-GST18E Datasheet
94Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
SGA18E MEANWELL-SGA18E Datasheet
87Kb / 3P
   18W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA18U MEANWELL-SGA18U Datasheet
75Kb / 3P
   18W AC-DC High Reliability Slim Wall-mounted Adaptor
GSM25E MEANWELL-GSM25E Datasheet
93Kb / 3P
   25W AC-DC High Reliability Medical Adaptor
GSM160B MEANWELL-GSM160B Datasheet
556Kb / 3P
   160W AC-DC High Reliability Medical Adaptor
GSM220B MEANWELL-GSM220B Datasheet
578Kb / 3P
   220W AC-DC High Reliability Medical Adaptor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com