Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GSM90B Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # GSM90B
Description  90WAC-DC High Reliability Medical Adaptor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GSM90B Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  GSM90B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GSM90B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. GSM90B Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
90W AC-DC
Medical Adaptor
High Reliability
GSM90B series
Mobile clinical workstation
Oral irrigator
Portable hemodialysis machine
Breath Machine
Medical computer monitor
■ Features
■ Applications
■ Model Encoding
-
B12
GSM
P1M
90
Output wattage
IEC320-C8 AC inlet
Output voltage
■ Description
EN 60601-1
IEC 60601-1
8
Series name
File Name:GSM90B-SPEC 2015-11-02
Universal AC input / Full range
2 pole AC inlet IEC320-C8
Medical safety approved (2 x MOPP between primary to secondary)
Suitable for BF application with appropriate system consideration
Low leakage current <100uA
No load power consumption<0.15W
Energy efficiency level VI
Comply with EISA 2007/DoE,NRCan, AU/NZ MEPS,
EU ErP and meet CoC Version 5
Built-in active PFC function
High efficiency up to 91%
Fanless design with -30~+60 working temperature
Class
power (without earth pin)
Protections: Short circuit / Overload / Over voltage / Over temperature
Fully enclosed plastic case
LED indicator for power on
100% full load burn-in test
Optional lock type DC plug
3 years warranty
GSM90B is a highly reliable, 90W desktop style single-output green medical adaptor series. This product
is equipped with a 2-pin (no FG) standard IEC320-C8 power plug, adopting the input range from 80VAC to
264VAC. The entire series supplies different output voltages between 12VDC and 48VDC that can satisfy
the demands for various kinds of medical electrical devices. The circuitry design meets the international medical
standards (2*MOPP), having an ultra low leakage current (<100uA), fitting the medical devices in direct electrical
contact with the patients.
With the efficiency up to 91% and the extremely low no-load power consumption below 0.15W, GSM90B is
under the operating mode or the standby mode. The entire series utilizes the 94V-0 flame retardant plastic
case, providing the double insulation that effectively prevents electrical shock. GSM90B is approved with
the international medical safety certificates.
Code of Conduct (CoC) Version 5. The supreme feature allows the adaptor to
save the energy when it is either
compliant with USA EISA 2007/DoE, Canada NRCan, Australia and New Zealand MEPS, EU ErP,and meet
DC plug type
Optional plug type available by customer requested
{P1M:Plugforstandardmodel,2.5 x5.5 x11mm,c+,tuningforktype
ψψ


Similar Part No. - GSM90B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
GSM900 NSC-GSM900 Datasheet
268Kb / 14P
   Triple-band VCO for GSM900/DCS1800/PCS1900
logo
Eudyna Devices Inc
GSM900 EUDYNA-GSM900 Datasheet
176Kb / 5P
   Quad-band Antenna Switch Module
logo
TDK Electronics
GSM900 TDK-GSM900 Datasheet
52Kb / 3P
   Multilayer Low Pass Filters
logo
Murata Manufacturing Co...
GSM900 MURATA1-GSM900 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
logo
Mean Well Enterprises C...
GSM90A MEANWELL-GSM90A Datasheet
789Kb / 5P
   90W AC-DC Reliable Green Medical Adaptor
More results

Similar Description - GSM90B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GSM120B MEANWELL-GSM120B Datasheet
103Kb / 3P
   120WAC-DC High Reliability Medical Adaptor
GSM60B MEANWELL-GSM60B Datasheet
107Kb / 3P
   60WAC-DC High Reliability Medical Adaptor
GSM25E MEANWELL-GSM25E Datasheet
93Kb / 3P
   25W AC-DC High Reliability Medical Adaptor
GSM160B MEANWELL-GSM160B Datasheet
556Kb / 3P
   160W AC-DC High Reliability Medical Adaptor
GSM220B MEANWELL-GSM220B Datasheet
578Kb / 3P
   220W AC-DC High Reliability Medical Adaptor
GEM12I MEANWELL-GEM12I Datasheet
169Kb / 4P
   12W AC-DC High Reliability Interchangeable Medical Adaptor
GEM18I MEANWELL-GEM18I Datasheet
126Kb / 3P
   18W AC-DC High Reliability Interchangeable Medical Adaptor
GST160A MEANWELL-GST160A Datasheet
98Kb / 3P
   160WAC-DC High Reliability Industrial Adaptor
GST25U MEANWELL-GST25U Datasheet
550Kb / 4P
   25W AC-DC High Reliability Industrial Adaptor
GST40A MEANWELL-GST40A Datasheet
406Kb / 3P
   40W AC-DC High Reliability Industrial Adaptor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com