Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRC-60 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # DRC-60
Description  60W Single Output with Battery Charger (UPS Function)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

DRC-60 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  DRC-60 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. DRC-60 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. DRC-60 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. DRC-60 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. DRC-60 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Suggested Application
1.Backup connection for AC interruption
(1) Please refer to Fig1.1 for suggested connection.
The power supply charges the battery and provides energy to the load at the same time when AC mains is OK.
The battery starts to supply power to the load when AC mains fails.
60W Single Output with Battery Charger (UPS Function)
D R C - 6 0 series
File Name:DRC-60-SPEC 2014-10-22
2.Alarm signal for AC OK and battery low
(1) Alarm Signal is sent out through " AC OK " & " Battery Low " pins via relay contact.
(2) An external voltage source is required for this function. The maximum applied voltage is 30V and the maximum sink current is 1A. Please refer to Fig 2.2.
(3) Table2.1 explains the alarm function built in the power supply
V-
V+
Bat-
Bat+
Load
A : 12V
B : 24V
Battery
+
+
-
-
Fig 1.1 Suggested system connection
External voltage sorece (V) and resistor (R)
(The max. Sink is 1A and 30V)
AC OK (Battery low)
Fig 2.2 Internal circuit of AC OK (Battery Low), via relay contact
Function
Output of alarm
Low or short
Low or short
High or open (External applied voltage 30V max.)
High or open (External applied voltage 30V max.)
Description
The signal is "Low" when the power supply turns ON.
The signal is "Low" when the voltage of battery is under A:11V, B:22V.
The signal is "High" when the voltage of battery is above A:11V, B:22V.
The signal turns to be "High" when the power supply turns OFF.
AC OK
Battery Low
Table 2.1 Explanation of alarm signal
(4) AC OK signal (RL1,referring to Block Diagram) will go into hiccup mode when the overload protecton is activated.
R
V
+
DC OK
+V ADJ


Similar Part No. - DRC-60

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DRC-100 MEANWELL-DRC-100 Datasheet
662Kb / 5P
   100W Single Output with Battery Charger (UPS Function)
DRC-100A MEANWELL-DRC-100A Datasheet
662Kb / 5P
   100W Single Output with Battery Charger (UPS Function)
DRC-100B MEANWELL-DRC-100B Datasheet
662Kb / 5P
   100W Single Output with Battery Charger (UPS Function)
logo
Delta Electronics, Inc.
DRC-12V10W1AX DELTA-DRC-12V10W1AX Datasheet
766Kb / 10P
   Protection Class II, Double Isolation
logo
Powerbox
DRC-12V10W1AZ POWERBOX-DRC-12V10W1AZ Datasheet
287Kb / 3P
   Double Isolation (No earth connection required)
More results

Similar Description - DRC-60

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PSC-60 MEANWELL-PSC-60 Datasheet
327Kb / 2P
   60W Single Output with Battery Charger(UPS Function)
PSC-60 MEANWELL-PSC-60_11 Datasheet
433Kb / 3P
   60W Single Output with Battery Charger(UPS Function)
DRC-40 MEANWELL-DRC-40 Datasheet
267Kb / 5P
   40W Single Output with Battery Charger (UPS Function)
PSC-100 MEANWELL-PSC-100_V01 Datasheet
892Kb / 3P
   100W Single Output with Battery Charger(UPS Function)
2021-06-21
PSC-35 MEANWELL-PSC-35 Datasheet
663Kb / 4P
   35W Single Output with Battery Charger(UPS Function)
PSC100B-C MEANWELL-PSC100B-C Datasheet
2Mb / 3P
   100W Single output with Battery Charger(UPS Function)
DRC-100 MEANWELL-DRC-100 Datasheet
662Kb / 5P
   100W Single Output with Battery Charger (UPS Function)
AD-155 MEANWELL-AD-155 Datasheet
429Kb / 2P
   155W Single Output with Battery Charger(UPS Function)
PSC-100 MEANWELL-PSC-100 Datasheet
907Kb / 3P
   100W Single Output with Battery Charger(UPS Function)
PSC-100 MEANWELL-PSC-100_11 Datasheet
864Kb / 3P
   100W Single Output with Battery Charger(UPS Function)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com