Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH3333 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MCH3333
Description  General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCH3333 Datasheet(HTML) 1 Page - ON Semiconductor

  MCH3333 Datasheet HTML 1Page - ON Semiconductor MCH3333 Datasheet HTML 2Page - ON Semiconductor MCH3333 Datasheet HTML 3Page - ON Semiconductor MCH3333 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MCH3333
Rev.0 I Page 1 of 4 I www.onsemi.com
Ordering number : ENN7989
MCH3333
P-Channel Silicon MOSFET
General-Purpose Switching Device
Applications
Features
Low ON-resistance.
Ultrahigh-speed switching.
2.5V drive.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
--30
V
Gate-to-Source Voltage
VGSS
±10
V
Drain Current (DC)
ID
--1.5
A
Drain Current (Pulse)
IDP
PW≤10µs, duty cycle≤1%
--6.0
A
Allowable Power Dissipation
PD
Mounted on a ceramic board (900mm2
✕0.8mm)
0.9
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0
--30
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--30V, VGS=0
--1
µA
Gate-to-Source Leakage Current
IGSS
VGS=±8V, VDS=0
±10
µA
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--1mA
--0.4
--1.4
V
Forward Transfer Admittance
yfs
VDS=--10V, ID=--0.8A
1.38
2.3
S
RDS(on)1
ID=--0.8A, VGS=--4V
215
280
mΩ
Static Drain-to-Source On-State Resistance
RDS(on)2
ID=--0.4A, VGS=--2.5V
290
410
mΩ
Input Capacitance
Ciss
VDS=--10V, f=1MHz
285
pF
Output Capacitance
Coss
VDS=--10V, f=1MHz
52
pF
Reverse Transfer Capacitance
Crss
VDS=--10V, f=1MHz
38
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
10
ns
Rise Time
tr
See specified Test Circuit.
21
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
35
ns
Fall Time
tf
See specified Test Circuit.
28
ns
Marking : YJ
Continued on next page.
© 2011, SCILLC. All rights reserved.
Jan-2011, Rev. 0
www.onsemi.com
Publication Order Number:
MCH3333/D


Similar Part No. - MCH3333

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCH3333A ONSEMI-MCH3333A Datasheet
491Kb / 5P
   Single P-Channel Power MOSFET
June 2015 - Rev. 1
MCH3333A-TL-H ONSEMI-MCH3333A-TL-H Datasheet
491Kb / 5P
   Single P-Channel Power MOSFET
June 2015 - Rev. 1
MCH3333A-TL-W ONSEMI-MCH3333A-TL-W Datasheet
491Kb / 5P
   Single P-Channel Power MOSFET
June 2015 - Rev. 1
More results

Similar Description - MCH3333

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com