Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR2045EMFS Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBR2045EMFS
Description  Switch-mode Power Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR2045EMFS Datasheet(HTML) 1 Page - ON Semiconductor

  MBR2045EMFS Datasheet HTML 1Page - ON Semiconductor MBR2045EMFS Datasheet HTML 2Page - ON Semiconductor MBR2045EMFS Datasheet HTML 3Page - ON Semiconductor MBR2045EMFS Datasheet HTML 4Page - ON Semiconductor MBR2045EMFS Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2014
May, 2014 − Rev. 1
1
Publication Order Number:
MBR2045EMFS/D
MBR2045EMFS,
NRVB2045EMFS
Switch-mode
Power Rectifiers
These state−of−the−art devices have the following features:
Features
Low Power Loss / High Efficiency
New Package Provides Capability of Inspection and Probe After
Board Mounting
Guardring for Stress Protection
Low Forward Voltage Drop
150°C Operating Junction Temperature
Wettable Flacks Option Available
NRV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These are Pb−Free and Halide−Free Devices
Mechanical Characteristics:
Case: Epoxy, Molded
Epoxy Meets Flammability Rating UL 94−0 @ 0.125 in.
Lead Finish: 100% Matte Sn (Tin)
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
Device Meets MSL 1 Requirements
Applications
Excellent Alternative to DPAK in Space−Constrained Automotive
Applications
Output Rectification in Compact Portable Consumer Applications
Freewheeling Diode used with Inductive Loads
Device
Package
Shipping†
ORDERING INFORMATION
MBR2045EMFST1G
SO−8 FL
(Pb−Free)
1500 /
Tape & Reel
SCHOTTKY BARRIER
RECTIFIERS
20 AMPERES
45 VOLTS
http://onsemi.com
1,2,3
5,6
SO−8 FLAT LEAD
CASE 488AA
STYLE 2
B2045E
= Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
ZZ
= Lot Traceability
MARKING
DIAGRAM
B2045E
AYWZZ
A
A
A
Not Used
C
C
1
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
MBR2045EMFST3G
SO−8 FL
(Pb−Free)
5000 /
Tape & Reel
NRVB2045EMFST1G
SO−8 FL
(Pb−Free)
1500 /
Tape & Reel
NRVB2045EMFST3G
SO−8 FL
(Pb−Free)
5000 /
Tape & Reel


Similar Part No. - MBR2045EMFS

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR2045 MCC-MBR2045 Datasheet
98Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Microdiode Electronics ...
MBR2045 CHENDA-MBR2045 Datasheet
584Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Gunter Seniconductor Gm...
MBR2045 GSG-MBR2045 Datasheet
76Kb / 1P
   Chips for Schottky Diodes
logo
Inchange Semiconductor ...
MBR2045 ISC-MBR2045 Datasheet
229Kb / 2P
   Schottky Barrier Rectifier
logo
JILIN SINO-MICROELECTRO...
MBR2045 JSMC-MBR2045 Datasheet
336Kb / 7P
   SCHOTTKY BARRIER DIODE
More results

Similar Description - MBR2045EMFS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR1635 ONSEMI-MBR1635_14 Datasheet
68Kb / 5P
   Switch Mode Power Rectifiers
April, 2014 ??Rev. 12
MBR1045MFS ONSEMI-MBR1045MFS Datasheet
82Kb / 5P
   Switch Mode Power Rectifiers
August, 2014 ??Rev. 1
MUR1510G ONSEMI-MUR1510G_14 Datasheet
141Kb / 8P
   Switch-mode Power Rectifiers
February, 2014 ??Rev. 10
MBR8H100MFS ONSEMI-MBR8H100MFS Datasheet
67Kb / 4P
   Switch Mode Power Rectifiers
August, 2015 ??Rev. 2
MBR30H100MFS ONSEMI-MBR30H100MFS Datasheet
91Kb / 5P
   Switch-mode Power Rectifiers
March, 2015 ??Rev. 2
MUR3020PTG ONSEMI-MUR3020PTG Datasheet
205Kb / 8P
   Switch-mode Power Rectifiers
January, 2012 - Rev. 10
NHPV08S600G ONSEMI-NHPV08S600G_14 Datasheet
66Kb / 4P
   Switch Mode Power Rectifiers
April, 2014 ??Rev. 3
MUR805G ONSEMI-MUR805G_14 Datasheet
143Kb / 8P
   Switch-mode Power Rectifiers
February, 2014 ??Rev. 13
MBR2045MFS ONSEMI-MBR2045MFS Datasheet
62Kb / 5P
   Switch Mode Power Rectifiers
March, 2014 ??Rev. 1
MBRD620CT ONSEMI-MBRD620CT_16 Datasheet
73Kb / 6P
   Switch-mode Power Rectifiers
November, 2016 ??Rev. 13
MBRB30H30CT-1G ONSEMI-MBRB30H30CT-1G_15 Datasheet
101Kb / 7P
   Switch-mode Power Rectifiers
January, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com