Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8771VH Datasheet(PDF) 7 Page - ON Semiconductor

Part # LV8771VH
Description  PWM Constant-Current Control Stepping Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV8771VH Datasheet(HTML) 7 Page - ON Semiconductor

Back Button LV8771VH Datasheet HTML 3Page - ON Semiconductor LV8771VH Datasheet HTML 4Page - ON Semiconductor LV8771VH Datasheet HTML 5Page - ON Semiconductor LV8771VH Datasheet HTML 6Page - ON Semiconductor LV8771VH Datasheet HTML 7Page - ON Semiconductor LV8771VH Datasheet HTML 8Page - ON Semiconductor LV8771VH Datasheet HTML 9Page - ON Semiconductor LV8771VH Datasheet HTML 10Page - ON Semiconductor LV8771VH Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
LV8771VH
No.A2056-7/13
Description of operation
Input Pin Function
The function to prevent including the turn from the input to the power supply is built into each logic pin.
Therefore, the current turns to the power supply even if power supply (VM) is turned off with the voltage impressed to
the input pin and there is not crowding.
(1) Chip enable function
This IC is switched between standby and operating mode by setting the ST pin. In standby mode, the IC is set to
power-save mode and all logic is reset. In addition, the internal regulator circuit and charge pump circuit do not
operate in standby mode.
ST
Mode
Internal regulator
Charge pump
Low or Open
Standby mode
Standby
Standby
High
Operating mode
Operating
Operating
(2) Output control logic
I01(02)
I11(12)
Output current (IO)
Low
Low
0
High
Low
IO = (( VREF / 5 ) / RF ) × 40%
Low
High
IO = (( VREF / 5 ) / RF ) × 70%
High
High
IO = ( VREF / 5 ) / RF
PH1(2)
Current direction
Low
OUTB → OUTA
High
OUTA → OUTB
(3) Setting constant-current control reference current
This IC is designed to automatically exercise PWM constant-current chopping control for the motor current by setting
the output current. Based on the voltage input to the VREF pin and the resistance connected between RF and GND,
the output current that is subject to the constant-current control is set using the calculation formula below:
IOUT = (VREF / 5) / RF resistance
* The above setting is the output current at I01(02) = High, I11(12) = Low.
(Example) When VREF = 1.5V, I01(02) = High, I11(12) = Low and RF1(2) resistance is 0.5Ω, the setting current is
shown below.
IOUT = (1.5V / 5) / 0.5Ω = 0.6A
(4) Chopping frequency control logic
FC
Chopping frequency
Low
31kHz
High
62kHz
(5) Blanking period
If, when exercising PWM constant-current chopping control over the motor current, the mode is switched from decay
to charge, the recovery current of the parasitic diode may flow to the current sensing resistance, causing noise to be
carried on the current sensing resistance pin, and this may result in erroneous detection. To prevent this erroneous
detection, a blanking period is provided to prevent the noise occurring during mode switching from being received.
During this period, the mode is not switched from charge to decay even if noise is carried on the current sensing
resistance pin.
The blanking time is fixed at approximately 1
μs.


Similar Part No. - LV8771VH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8771VH SANYO-LV8771VH Datasheet
787Kb / 13P
   PWM Constant-Current Control Stepping Motor Driver
More results

Similar Description - LV8771VH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8772 ONSEMI-LV8772 Datasheet
217Kb / 17P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
LV8773 ONSEMI-LV8773 Datasheet
162Kb / 14P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LV8711T SANYO-LV8711T_11 Datasheet
401Kb / 12P
   PWM Constant-Current Control Stepping Motor Driver
LV8732V SANYO-LV8732V_10 Datasheet
329Kb / 26P
   PWM Constant-Current Control Stepping Motor Driver
LV8772 SANYO-LV8772 Datasheet
252Kb / 17P
   PWM Constant-Current Control Stepping Motor Driver
logo
ON Semiconductor
LV8736V ONSEMI-LV8736V Datasheet
289Kb / 26P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LV8711T SANYO-LV8711T Datasheet
411Kb / 12P
   PWM Constant-Current Control Stepping Motor Driver
LV8732V SANYO-LV8732V Datasheet
316Kb / 26P
   PWM Constant-Current Control Stepping Motor Driver
LV8735V SANYO-LV8735V Datasheet
259Kb / 26P
   PWM Constant-Current Control Stepping Motor Driver
LV8736LF SANYO-LV8736LF Datasheet
313Kb / 26P
   PWM Constant-Current Control Stepping Motor Driver
logo
ON Semiconductor
LV8713T ONSEMI-LV8713T Datasheet
249Kb / 16P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com