Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8726TA Datasheet(PDF) 3 Page - ON Semiconductor

Part # LV8726TA
Description  Stepper Motor Pre-Driver
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV8726TA Datasheet(HTML) 3 Page - ON Semiconductor

  LV8726TA Datasheet HTML 1Page - ON Semiconductor LV8726TA Datasheet HTML 2Page - ON Semiconductor LV8726TA Datasheet HTML 3Page - ON Semiconductor LV8726TA Datasheet HTML 4Page - ON Semiconductor LV8726TA Datasheet HTML 5Page - ON Semiconductor LV8726TA Datasheet HTML 6Page - ON Semiconductor LV8726TA Datasheet HTML 7Page - ON Semiconductor LV8726TA Datasheet HTML 8Page - ON Semiconductor LV8726TA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
LV8726TA
www.onsemi.com
3
APPLICATION CIRCUIT EXAMPLE
1
2
NC
3
OUT2
4
OUT1
5
RF1
6
NC
7
VM
8
VREG2
9
NC
10 NC
11 NC
12 NC
36
35
34
33
32
31
30
29
28
27
26
25
NC
OUT4
OUT3
RF2
NC
GND
VREG1
NC
NC
NC
VCC
NC
NC
0.1uF
0.1uF
0.1Ω
0.1Ω
TR3
TR5
TR7
TR4
TR2
TR6
TR8
TR1
PGND
PGND
PGND
SGND
SGND
Serial Input
100uF
1uF
Logic Input
48V
5V
100uF
0.1uF
PGND
* Optional diodes and damping resistors for each gate are connected
to control turn OFF time of P-N channel MOSFETS, if needed.
SFT1342
SFT1342
0Ω
0Ω
0Ω
0Ω
SFT1446
SFT1446
100Ω
100Ω
SFT1342
SFT1342
SFT1446
SFT1446
100Ω
100Ω
M
Figure 2. Application Circuit Example


Similar Part No. - LV8726TA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8727 SANYO-LV8727 Datasheet
370Kb / 23P
   PWM Current Control Stepping Motor Driver
logo
ON Semiconductor
LV8727 ONSEMI-LV8727 Datasheet
327Kb / 23P
   PWM Current Control Stepping Motor Driver
June, 2013
LV8728MR ONSEMI-LV8728MR Datasheet
814Kb / 23P
   Stepper Motor Driver, PWM, Constant-Current Control,1/128 step
June 2016 - Rev. 1
logo
Sanyo Semicon Device
LV8729V SANYO-LV8729V Datasheet
435Kb / 26P
   PWM Constant-Current Control Stepping Motor Driver
logo
ON Semiconductor
LV8729V ONSEMI-LV8729V Datasheet
543Kb / 21P
   PWM Constant-Current Control Stepper Motor Driver
June, 2014
More results

Similar Description - LV8726TA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
   Stepper motor driver
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
   STEPPER MOTOR DRIVER
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
   Stepper Motor Driver
December, 2001 - Rev. 2
logo
New Japan Radio
NJM37770 NJRC-NJM37770 Datasheet
152Kb / 10P
   STEPPER MOTOR DRIVER
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
MC3479FN ONSEMI-MC3479FN Datasheet
100Kb / 10P
   Stepper Motor Driver
June, 2006 ??Rev. 7
logo
System Logic Semiconduc...
PBL3717A SLS-PBL3717A_03 Datasheet
826Kb / 11P
   STEPPER MOTOR DRIVER
logo
STMicroelectronics
TEA3717 STMICROELECTRONICS-TEA3717 Datasheet
137Kb / 8P
   STEPPER MOTOR DRIVER
April 1993
TEA3718 STMICROELECTRONICS-TEA3718 Datasheet
288Kb / 16P
   STEPPER MOTOR DRIVER
December 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com