Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8121V Datasheet(PDF) 10 Page - ON Semiconductor

Part # LV8121V
Description  3-phase Brushless Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV8121V Datasheet(HTML) 10 Page - ON Semiconductor

Back Button LV8121V Datasheet HTML 6Page - ON Semiconductor LV8121V Datasheet HTML 7Page - ON Semiconductor LV8121V Datasheet HTML 8Page - ON Semiconductor LV8121V Datasheet HTML 9Page - ON Semiconductor LV8121V Datasheet HTML 10Page - ON Semiconductor LV8121V Datasheet HTML 11Page - ON Semiconductor LV8121V Datasheet HTML 12Page - ON Semiconductor LV8121V Datasheet HTML 13Page - ON Semiconductor LV8121V Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LV8121V
No.A2135-10/14
Description of LV8121V
1. Motor Drive Output Circuit
The LV8121V provides a charge pump circuit and implements both upper side and lower side N-channel power FET
drive circuit. This IC employs the direct PWM drive technique. The motor speed is controlled by changing the output
duty according to an analog voltage input (CTL). The upper side N-channel power FET is switched so that the output
duty tracks the CTL voltage.
The PWM frequency is determined by the capacitor connected between the PWM pin and GND1.
When the PWM switching of the upper side N-channel power FET is off, the lower side N-channel power FET is
turned on (synchronous rectification). Therefore, it is possible to reduce the temperature increase of the lower side
N-channel power FET.
2. PWM Oscillator
The PWM frequency is set by the oscillation frequency of the PWM pin. When a capacitor C [F] is connected between
the PWM pin and GND1, the PWM frequency (fPWM) is calculated as follows.
fPWM = 1/(28900
× C)
When a 1800pF capacitor is connected, this frequency becomes about 19kHz.
By the variance of the IC, “28900” of the above formula has varied from 22400 to 36800.
If the PWM frequency is too high, since the switching power loss will be large, the IC temperature increase will be
excessive. The PWM frequency therefore should be normally kept below 50kHz, which is achieved with a capacitor C
of 1000pF or higher. The GND lead of the connected capacitor to the PWM pin should be connected as close as
possible to the GND1 pin.
3. Output Duty
The CTL voltage and the PWM oscillation waveform are compared to determine the output duty of the upper side
N-channel power FET.
If the LIM pin is not used (LIM=GND), the output duty becomes 0% when the CTL voltage is lower than about 1.3V
and 100% when it exceeds about 3.1V.
For the application that inputs a fixed voltage to the LIM pin, the LIM voltage and the PWM oscillation waveform are
compared to determine the minimum output duty. Accordingly, even if the CTL voltage is lower than the LIM voltage,
the output duty does not decrease below the minimum output duty.
If a minus voltage is applied to the CTL pin, this pin current must be limited within 2mA by inserting the resistor of
about 200
Ω.
When the CTL pin is open, the output duty becomes 100%. Therefore, connect a pull-down resistor to prevent open.
If the output duty is fast reduced by dropping the CTL voltage quickly when the motor speed is changed from high to
low, since this IC employs the synchronous rectification, the lower side N-channel power FET can be the short brake
condition that turns on two phases. If the lower side N-channel power FET (synchronous rectification) is switched
from on to off while this condition, the motor current may flow on the power supply side, and the power supply
voltage may bounce. The bounce of the power supply voltage is different on the motor speed, the varied range of the
CTL voltage and the capacitance of the power supply line. Therefore, check sufficiently that the bounce of the power
supply voltage does not exceed the maximum rating when the CTL voltage is changed.
Continued on next page.
CTL voltage
LIM voltage
PWM oscillation waveform
OFF
ON
compared result
OFF
ON
Upper side FET
(PWM)
Lower side FET
(synchronous rectification)


Similar Part No. - LV8121V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8121V SANYO-LV8121V Datasheet
230Kb / 14P
   For Fan Motor 3-phase Brushless Motor Driver
More results

Similar Description - LV8121V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
   3-Phase Brushless Motor Driver????
LB1687 SANYO-LB1687 Datasheet
86Kb / 4P
   3-Phase Brushless Motor Driver???
logo
ON Semiconductor
LB1927 ONSEMI-LB1927 Datasheet
271Kb / 11P
   3-phase Brushless Motor Driver
May, 2013
LB8111V ONSEMI-LB8111V Datasheet
160Kb / 15P
   3-phase Brushless Motor Driver
August, 2014
LV8112VB ONSEMI-LV8112VB Datasheet
206Kb / 15P
   3-phase Brushless Motor Driver
November 2014 - Rev. 1
logo
Sanyo Semicon Device
LB1687M SANYO-LB1687M Datasheet
101Kb / 5P
   3-Phase Brushless Motor Driver???
LB1619M SANYO-LB1619M Datasheet
141Kb / 6P
   3-Phase Brushless Motor Driver
LB1688 SANYO-LB1688 Datasheet
96Kb / 4P
   3-Phase Brushless Motor Driver????
LB1851M SANYO-LB1851M Datasheet
141Kb / 6P
   3-phase Brushless Motor Driver?
LB1980JH SANYO-LB1980JH Datasheet
106Kb / 7P
   3-Phase Brushless Motor Driver
logo
Renesas Technology Corp
M56733AFP RENESAS-M56733AFP Datasheet
186Kb / 7P
   3-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com