Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8105W-TLM-E Datasheet(PDF) 3 Page - ON Semiconductor

Part # LV8105W-TLM-E
Description  Three-Phase Brushless Motor Predriver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV8105W-TLM-E Datasheet(HTML) 3 Page - ON Semiconductor

  LV8105W-TLM-E Datasheet HTML 1Page - ON Semiconductor LV8105W-TLM-E Datasheet HTML 2Page - ON Semiconductor LV8105W-TLM-E Datasheet HTML 3Page - ON Semiconductor LV8105W-TLM-E Datasheet HTML 4Page - ON Semiconductor LV8105W-TLM-E Datasheet HTML 5Page - ON Semiconductor LV8105W-TLM-E Datasheet HTML 6Page - ON Semiconductor LV8105W-TLM-E Datasheet HTML 7Page - ON Semiconductor LV8105W-TLM-E Datasheet HTML 8Page - ON Semiconductor LV8105W-TLM-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LV8105W
No.A1271-3/21
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
FGS output
Output saturation voltage
VOL (FGS)
IFGS = 2mA
0.2
0.4
V
Output leakage current
IL (FGS)
VO = 6V
10
A
CSD oscillator
High level output voltage
VOH (CSD)
2.9
3.4
3.9
V
Low level output voltage
VOL (CSD)
1.6
2.0
2.4
V
Amplitude
V (CSD)
1.15
1.4
1.65
Vp-p
External capacitor charge current
ICHG1
-13
-10
-7
A
External capacitor discharge current
ICHG2
7.5
10.5
13.5
A
Oscillation frequency
f (CSD)
C = 0.047
F
78
Hz
Speed Discriminator output
High level output voltage 1
VOH1 (D)
VREG-1.25
VREG-1.0
VREG-0.75
V
Low level output voltage 1
VOL1 (D)
0.65
0.9
1.15
V
High level output voltage 2
VOH2 (D)
VREG-2.0
VREG-1.7
VREG-1.4
V
Low level output voltage 2
VOL2 (D)
1.3
1.6
1.9
V
Counts
512
LD output
Output saturation voltage
VOL (LD)
ILD = 2mA
0.2
0.4
V
Output leakage current
IL (LD)
VO = 6V
10
A
Lock range
-6.25
+6.25
%
Speed control PLL output
High level output voltage
VOH (P)
VREG-2.0
VREG-1.7
VREG-1.4
V
Low level output voltage
VOL (P)
1.3
1.6
1.9
V
Current control circuit
Drive gain
GDF
0.20
0.25
0.32
Current limiter operation
Limiter voltage
VRF
0.23
0.25
0.275
V
Integrator
Input offset voltage
VIO (INT)
-10
10
mV
Input bias current
IB (INT)
-1
1
A
Reference voltage
VB (INT)
-5%
VREG/2
5%
V
High level output voltage
VOH (INT)
IINTI = -0.1mA, No load
3.95
4.4
4.85
V
Low level output voltage
VOL (INT)
IINTI = 0.1mA, No load
0.75
1.2
1.65
V
Open-loop gain
fINT = 2kHz
45
48
dB
VCO Oscillator (C pin)
Oscillation frequency range
f (C)
C = 120pF, R = 24k
0.15
1.54
MHz
High level output voltage
VOH (C)
FIL = 2.5V
2.71
3.16
3.61
V
Low level output voltage
VOL (C)
FIL = 2.5V
2.20
2.60
3.00
V
Amplitude
V (C)
FIL = 2.5V
0.44
0.56
0.68
Vp-p
FIL pin
Output source current
IOH (FIL)
-15
-11
-6
A
Output sink current
IOL (FIL)
6
10
15
A
RC pin
Comparator voltage
VRC
VREG
0.59 VREG0.60 VREG0.61
V
Low-voltage protection circuit
Operation voltage
VLVSD
8.00
8.54
9.00
V
Hysteresis width
VLVSD
0.25
0.34
0.45
V
Thermal shutdown operation
Thermal shutdown operation
temperature
TSD
Design target value*
150
175
C
Hysteresis width
TSD
Design target value*
30
C
Note : * These items are design target values and are not tested.
Continued on next page.


Similar Part No. - LV8105W-TLM-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8105W SANYO-LV8105W Datasheet
202Kb / 21P
   Bi-CMOS IC For Variable Speed Control Three-Phase Brushless Motor Predriver
More results

Similar Description - LV8105W-TLM-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8104V ONSEMI-LV8104V Datasheet
303Kb / 19P
   Three-Phase Brushless Motor Predriver
May, 2013
logo
Rohm
BD63001AMUV ROHM-BD63001AMUV Datasheet
2Mb / 26P
   Three-Phase Brushless Motor Predriver
BD16805FV-M ROHM-BD16805FV-M Datasheet
1Mb / 20P
   Three Phase Motor Predriver
logo
Sanyo Semicon Device
LV8104V SANYO-LV8104V Datasheet
415Kb / 19P
   For Variable Speed Control Three-Phase Brushless Motor Predriver
logo
STMicroelectronics
L8150 STMICROELECTRONICS-L8150 Datasheet
732Kb / 37P
   Brushless motor predriver
logo
Sanyo Semicon Device
LB11600JV SANYO-LB11600JV Datasheet
343Kb / 30P
   Brushless Motor Predriver IC
logo
ON Semiconductor
LB11600JV ONSEMI-LB11600JV Datasheet
339Kb / 30P
   Brushless Motor Predriver IC
May, 2013
logo
Sanyo Semicon Device
LV8105W SANYO-LV8105W Datasheet
202Kb / 21P
   Bi-CMOS IC For Variable Speed Control Three-Phase Brushless Motor Predriver
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com