Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBLN1210RM Datasheet(PDF) 1 Page - Powerbox

Part # PBLN1210RM
Description  60 - 2 4 0 WAT T S - A C / D C L I N E A R S I N G L E O U T P U T
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBLN1210RM Datasheet(HTML) 1 Page - Powerbox

  PBLN1210RM Datasheet HTML 1Page - Powerbox PBLN1210RM Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Powering Progress – www.powerbox.com.au
Doc. No. PBC9 Rev.C 28-4-11
83
PBLN Series
6 0 - 2 4 0 W A T T S - A C / D C L I N E A R S I N G L E O U T P U T
FEATURES
Very low RF noise
Highly efficient linear
Chassis mounting
Rack mounting
Superior line & load regulation
INPUT
Voltage
240VAC ±5% full output current.
Other voltages on request
Frequency
50Hz–60Hz
Input protection
Yes, internal fuse
Efficiency
60%–80% depending on output voltage
Isolation
Input – Output: 3500VAC, 1 min
Input – Ground: 1500VAC (with varisters
removed)
Output – Ground: 500VAC, 1 min
OUTPUT
Output voltage
See table
Output current
See table
Output ripple
0.5mV pk-pk max. (100Hz–120Hz).
Line regulation
±0.1% max.
Load regulation
±0.3% max.
Temperature coefficient
±50ppm per °C typical
(±250ppm per °C max.).
Overvoltage protection
SCR crowbar, factory set at 120% V
out ±5%.
Overcurrent protection
Foldback current limiting 115% I max.
High temperature
Thermal shutdown, Auto electronic reset.
Alarms
Optional DC OK alarm with relay output, add
suffix “-AL”.
Operating temperature
0°C to 50°C at full load
Derating
50°C to 70°C derate linearly to 40%
Cooling
Natural convection.
STANDARDS
Safety
Meets AS/NZS 60950, Class 1
C-Tick
AS/NZS CISPR11 Group 1 Class A.
EMC compliances
AS/NZS 3548:1995 Class B
MECHANICALS
Connections
7 way 9.5mm barrier terminal block
Mounting
CM: Chassis mount
RM: Rack mount
MODEL
NUMBER
OUTPUT
RIPPLE
NOISE
POWER
PBLN1205CM
12V
5A
0.5mVp-p
60W
PBLN1210CM
12V
10A
0.5mVp-p
120W
PBLN2405CM
24V
5A
0.5mVp-p
120W
PBLN2410CM
24V
10A
0.5mVp-p
240W
PBLN4805CM
48V
5A
0.5mVp-p
240W
PBLN1205RM
12V
5A
0.5mVp-p
60W
PBLN1210RM
12V
10A
0.5mVp-p
120W
PBLN2405RM
24V
5A
0.5mVp-p
120W
PBLN2410RM
24V
10A
0.5mVp-p
240W
PBLN4805RM
48V
5A
0.5mVp-p
240W
SELECTION TABLE
SPECIFICATIONS


Similar Part No. - PBLN1210RM

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBLN12C05CM POWERBOX-PBLN12C05CM Datasheet
717Kb / 3P
   77-275 WATTS FLOAT CHARGER LINEAR
PBLN12C05CM POWERBOX-PBLN12C05CM Datasheet
313Kb / 2P
   7 7 - 2 7 5 WAT T S F L O AT C H A R G E R L I N E A R
PBLN12C05RM POWERBOX-PBLN12C05RM Datasheet
717Kb / 3P
   77-275 WATTS FLOAT CHARGER LINEAR
PBLN12C05RM POWERBOX-PBLN12C05RM Datasheet
313Kb / 2P
   7 7 - 2 7 5 WAT T S F L O AT C H A R G E R L I N E A R
PBLN12C10CM POWERBOX-PBLN12C10CM Datasheet
717Kb / 3P
   77-275 WATTS FLOAT CHARGER LINEAR
More results

Similar Description - PBLN1210RM

ManufacturerPart #DatasheetDescription
logo
Powerbox
TRG70A POWERBOX-TRG70A Datasheet
536Kb / 1P
   7 0 WAT T S - A C / D C G E N E R A L S I N G L E O U T P U T
TRG45A POWERBOX-TRG45A Datasheet
503Kb / 1P
   4 5 WAT T S - A C / D C G E N E R A L S I N G L E O U T P U T
TRG150 POWERBOX-TRG150 Datasheet
377Kb / 1P
   1 5 0 WAT T S - A C / D C G E N E R A L S I N G L E O U T P U T
TRG36A POWERBOX-TRG36A Datasheet
562Kb / 1P
   3 6 WAT T S - A C / D C G E N E R A L S I N G L E O U T P U T
VI-J00MEGA POWERBOX-VI-J00MEGA Datasheet
168Kb / 1P
   2 5 - 3 0 0 WAT T S - D C / D C C O N V E R T E R C H A S S I S M O U N T - S I N G L E - M U LT I P L E O U T P U T
PBBO POWERBOX-PBBO Datasheet
168Kb / 1P
   5 - 1 0 WAT T S - A C / D C S I N G L E O U T P U T
VI-200MEGA POWERBOX-VI-200MEGA Datasheet
164Kb / 1P
   5 0 - 6 0 0 WAT T S - D C / D C C O N V E R T E R C H A S S I S M O U N T S I N G L E - M U LT I P L E O U T P U T
EC2SA POWERBOX-EC2SA Datasheet
172Kb / 2P
   2 WAT T S - D C / D C S I N G L E & M U LT I P L E O U T P U T
PM42 POWERBOX-PM42 Datasheet
694Kb / 2P
   3 0 - 4 8 WAT T S - A C / D C S I N G L E - M U LT I P L E O U T P U T
PBKAM10 POWERBOX-PBKAM10 Datasheet
153Kb / 1P
   1 0 WAT T S - A C / D C P OWE R M O D U L E S I N G L E - M U LT I P L E O U T P U T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com