Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBB20C-12D Datasheet(PDF) 6 Page - Powerbox

Part # PBB20C-12D
Description  A C / D C S I N G L E O U T P U T S U P P LY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBB20C-12D Datasheet(HTML) 6 Page - Powerbox

  PBB20C-12D Datasheet HTML 1Page - Powerbox PBB20C-12D Datasheet HTML 2Page - Powerbox PBB20C-12D Datasheet HTML 3Page - Powerbox PBB20C-12D Datasheet HTML 4Page - Powerbox PBB20C-12D Datasheet HTML 5Page - Powerbox PBB20C-12D Datasheet HTML 6Page - Powerbox PBB20C-12D Datasheet HTML 7Page - Powerbox PBB20C-12D Datasheet HTML 8Page - Powerbox PBB20C-12D Datasheet HTML 9Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Powering Progress – www.powerbox.com.au
Doc. No. PBB20C Rev.E 25-11-15
6
PBB20C-L 75W
PBB20C-M 100W
PBB20C Series
A C / D C S I N G L E O U T P U T S U P P L Y


Similar Part No. - PBB20C-12D

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBB20C-D POWERBOX-PBB20C-D Datasheet
407Kb / 3P
   1 5 - 5 0W- A C / D C D U A L O U T P U T
PBB20C-D12F POWERBOX-PBB20C-D12F Datasheet
407Kb / 3P
   1 5 - 5 0W- A C / D C D U A L O U T P U T
PBB20C-D12H POWERBOX-PBB20C-D12H Datasheet
407Kb / 3P
   1 5 - 5 0W- A C / D C D U A L O U T P U T
PBB20C-D12J POWERBOX-PBB20C-D12J Datasheet
407Kb / 3P
   1 5 - 5 0W- A C / D C D U A L O U T P U T
PBB20C-D15F POWERBOX-PBB20C-D15F Datasheet
407Kb / 3P
   1 5 - 5 0W- A C / D C D U A L O U T P U T
More results

Similar Description - PBB20C-12D

ManufacturerPart #DatasheetDescription
logo
Powerbox
EC2SA POWERBOX-EC2SA Datasheet
172Kb / 2P
   2 WAT T S - D C / D C S I N G L E & M U LT I P L E O U T P U T
EC3SA POWERBOX-EC3SA Datasheet
171Kb / 3P
   3 WAT T S - D C / D C S I N G L E and M U LT I P L E O U T P U T
PBKAM10 POWERBOX-PBKAM10 Datasheet
153Kb / 1P
   1 0 WAT T S - A C / D C P OWE R M O D U L E S I N G L E - M U LT I P L E O U T P U T
PM25A POWERBOX-PM25A Datasheet
302Kb / 2P
   2 5 - 2 8 WAT T S - A C / D C S I N G L E - M U LT I P L E O U T P U T
PM42 POWERBOX-PM42 Datasheet
694Kb / 2P
   3 0 - 4 8 WAT T S - A C / D C S I N G L E - M U LT I P L E O U T P U T
PBBO POWERBOX-PBBO Datasheet
168Kb / 1P
   5 - 1 0 WAT T S - A C / D C S I N G L E O U T P U T
PBB11C POWERBOX-PBB11C Datasheet
667Kb / 4P
   A C / D C H I G H S U R G E S U P P LY
PBBA POWERBOX-PBBA Datasheet
188Kb / 4P
   1 . 5 - 1 0 WAT T S - D C / D C S I N G L E - M U LT I P L E O U T P U T
PBI2C POWERBOX-PBI2C Datasheet
454Kb / 2P
   A C / D C H I G H S U R G E S U P P LY
VIPAC POWERBOX-VIPAC Datasheet
265Kb / 2P
   5 0 - 7 5 0 WAT T S - D C / D C S I N G L E - M U LT I P U L E O U T P U T C O N F I G U R A B L E
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com