Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBB2C-T1H Datasheet(PDF) 2 Page - Powerbox

Part # PBB2C-T1H
Description  1 5 - 6 0 WAT T S - A C / D C M U LT I P L E O U T P U T
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBB2C-T1H Datasheet(HTML) 2 Page - Powerbox

  PBB2C-T1H Datasheet HTML 1Page - Powerbox PBB2C-T1H Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Doc. No. PBC9 Rev.C 28-4-11
58
PBB2C-T Series
1 5 - 6 0 W A T T S - A C / D C M U L T I P L E O U T P U T
MODEL
NUMBER
OUTPUT #1
OUTPUT #2
OUTPUT #3
MAX OUTPUT
VNOM
INOM
IPEAK
VNOM
INOM
IPEAK
VNOM
INOM
IPEAK
POWER
PBB2C-T1F
+5V
2A
3A
+12V
0.3A
0.6A
-12V
0.2A
0.3A
15W
PBB2C-T2F
+5V
2A
3A
+15V
0.3A
0.6A
-15V
0.2A
0.3A
15W
PBB2C-T1H
+5V
3A
4.5A
+12V
1.2A
2.0A
-12V
0.3A
0.45A
30W
PBB2C-T2H
+5V
3A
4.5A
+15V
1.0A
2.0A
-15V
0.3A
0.45A
30W
PBB2C-T1K
+5V
5A
7A
+12V
2.5A
3.5A
-12V
0.5A
0.7A
60W
PBB2C-T2K
+5V
5A
7A
+15V
2.0A
3.5A
-15V
0.5A
0.7A
60W
PBB2C-F
PBB2C-H
PBB2C-K
TECHNICAL ILLUSTRATIONS


Similar Part No. - PBB2C-T1H

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBB2C-12D-SNY POWERBOX-PBB2C-12D-SNY Datasheet
427Kb / 4P
   1 0 - 1 5 0 WAT T S - A C / D C S I N G L E O U T P U T
PBB2C-12F-SNY POWERBOX-PBB2C-12F-SNY Datasheet
427Kb / 4P
   1 0 - 1 5 0 WAT T S - A C / D C S I N G L E O U T P U T
PBB2C-12H-SNY POWERBOX-PBB2C-12H-SNY Datasheet
427Kb / 4P
   1 0 - 1 5 0 WAT T S - A C / D C S I N G L E O U T P U T
PBB2C-15D-SNY POWERBOX-PBB2C-15D-SNY Datasheet
427Kb / 4P
   1 0 - 1 5 0 WAT T S - A C / D C S I N G L E O U T P U T
PBB2C-15F-SNY POWERBOX-PBB2C-15F-SNY Datasheet
427Kb / 4P
   1 0 - 1 5 0 WAT T S - A C / D C S I N G L E O U T P U T
More results

Similar Description - PBB2C-T1H

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBBA POWERBOX-PBBA Datasheet
188Kb / 4P
   1 . 5 - 1 0 WAT T S - D C / D C S I N G L E - M U LT I P L E O U T P U T
PBKAM10 POWERBOX-PBKAM10 Datasheet
153Kb / 1P
   1 0 WAT T S - A C / D C P OWE R M O D U L E S I N G L E - M U LT I P L E O U T P U T
EC2SA POWERBOX-EC2SA Datasheet
172Kb / 2P
   2 WAT T S - D C / D C S I N G L E & M U LT I P L E O U T P U T
PSC-AC POWERBOX-PSC-AC Datasheet
246Kb / 3P
   1 0 0 - 2 4 0 WAT T S A C / D C S I N G L E M U LT I O U T P U T
PBIC POWERBOX-PBIC Datasheet
966Kb / 4P
   1 5 - 1 1 0 W A T T S - A C / D C & M U L T I P L E D U A L O U T P U T
PBBO POWERBOX-PBBO Datasheet
168Kb / 1P
   5 - 1 0 WAT T S - A C / D C S I N G L E O U T P U T
PM42 POWERBOX-PM42 Datasheet
694Kb / 2P
   3 0 - 4 8 WAT T S - A C / D C S I N G L E - M U LT I P L E O U T P U T
LOPAC POWERBOX-LOPAC Datasheet
181Kb / 2P
   5 0 0 - 1 5 0 0 WAT T S - A C / D C L OW P R O F I L E S I N G L E - M U LT I P L E O U T P U T
EC3SA POWERBOX-EC3SA Datasheet
171Kb / 3P
   3 WAT T S - D C / D C S I N G L E and M U LT I P L E O U T P U T
PM25A POWERBOX-PM25A Datasheet
302Kb / 2P
   2 5 - 2 8 WAT T S - A C / D C S I N G L E - M U LT I P L E O U T P U T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com