Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37478M4-408SP Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M37478M4-408SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER ???
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37478M4-408SP Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button M37478M4-408SP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37478M4-408SP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37478M4-408SP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37478M4-408SP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37478M4-408SP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37478M4-408SP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37478M4-408SP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37478M4-408SP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M37478M4-408SP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
7
MITSUBISHI MICROCOMPUTERS
7477/ 7478 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Input/
Output
PIN DESCRIPTION
Pin
Name
Functions
Power source
Analog power
source
Reset input
Clock input
Clock output
Reference voltage
input
I/O port P0
I/O port P1
Input port P2
Input port P3
I/O port P4
Input port P5
Input
Input
Output
Input
I/O
I/O
Input
Input
I/O
Input
Notes 1 : AVSS for M37478M4/M8/E8-XXXFP.
2 : Only P20–P23 (IN0–IN3) 4-bit for the 7477 group.
3 : Only P40 and P41 2-bit for the 7477 group.
4 : This port is not included in the 7477 group.
Apply voltage of 2.7 to 5.5V to VCC, and 0V to VSS.
Ground level input pin for A-D converter.
Same voltage as VSS is applied.
To enter the reset state, the reset input pin must be kept at “L” for 2
µs or more
(under normal VCC conditions).
These are I/O pins of internal clock generating circuit for main clock. To
control generating frequency, an external ceramic or a quartz crystal oscillator
is connected between the XIN and XOUT pins. If an external clock is used, the
clock source should be connected the XIN pin and the XOUT pin should be left
open. Feedback resistor is connected between XIN and XOUT.
Reference voltage input pin for A-D converter.
Port P0 is an 8-bit I/O port. The output structure is CMOS output.
When this port is selected for input, pull-up transistor can be connected in
units of 1-bit and a key on wake up function is provided.
Port P1 is an 8-bit I/O port. The output structure is CMOS output.
When this port is selected for input, pull-up transistor can be connected in
units of 4-bit. P12 and P13 are in common with timer output pins T0 and T1.
P14, P15, P16 and P17 are in common with serial I/O pins RXD, TXD, SCLK
____
and SRDY, respectively.
Port P2 is an 8-bit input port.
This port is in common with analog input pins IN0 to IN7.
Port P3 is a 4-bit input port. P30, P31 are in common with external interrupt
input pins INT0, INT1, and P32, P33 are in common with timer input pins
CNTR0, CNTR1.
Port P4 is a 4-bit I/O port. The output structure is CMOS output, When this
port is selected for input, pull-up transistor can be connected in units of 4-bit.
Port P5 is a 4-bit input port and pull-up transistor can be connected in units of
4-bit. P50, P51 are in common with input/output pins of clock for clock function
XCIN, XCOUT. When P50, P51 are used as XCIN, XCOUT, connect a ceramic or a
quartz crystal oscillator between XCIN and XCOUT. If an external clock input is
used, connect the clock input to the XCIN pin and open the XCOUT pin.
Feedback resistor is connected between XCIN and XCOUT pins.
VCC, VSS
AVSS
(Note 1)
RESET
XIN
XOUT
VREF
P00 – P07
P10 – P17
P20 – P27
(Note 2)
P30 – P33
P40 – P43
(Note 3)
P50 – P53
(Note 4)


Similar Part No. - M37478M4-408SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37478M4-XXXFP RENESAS-M37478M4-XXXFP Datasheet
4Mb / 361P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
M37478M4-XXXFP RENESAS-M37478M4-XXXFP Datasheet
4Mb / 354P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
M37478M4-XXXSP RENESAS-M37478M4-XXXSP Datasheet
4Mb / 361P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
M37478M4-XXXSP RENESAS-M37478M4-XXXSP Datasheet
4Mb / 354P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
M37478M4-XXXSP/FP RENESAS-M37478M4-XXXSP/FP Datasheet
770Kb / 48P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37478M4-408SP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com