Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OWA-120U-36 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # OWA-120U-36
Description  120W Single Output Moistureproof Adaptor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

OWA-120U-36 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  OWA-120U-36 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. OWA-120U-36 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. OWA-120U-36 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. OWA-120U-36 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. OWA-120U-36 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
■ Model Encoding
■ Description
OWA-120U is one 120W single-output external LED power supply series. Pairing the North American type
of AC plug and the prevailing DC connectors, OWA-120U, working like an adaptor, simplifies the connection
with LED lighting fixtures without extra wiring efforts. The entire series is certified with the
for
“UL LISTED”
dry and damp locations.
As a class
(no FG) design, the enclosure of OWA-120U is a 94V-0 flame retardant plastic case. The interior
is fully potted with silicone that enhances the heat dissipation. With the working efficiency up to 90.5%,
OWA-120U is cooled by free air convection; the working temperature ranges from -40 to +70 .
℃℃
Universal AC input / Full range
Class
power unit, no FG
Built-in active PFC function
High efficiency up to 90.5%
No load power consumption <0.15W
Energy efficiency Level Ⅵ
Comply with EISA 2007/DoE,NRCan
Fully isolated plastic case
Fanless design, cooling by free air convection
Protections: Short circuit / Over current /
Over voltage / Over temperature
UL LISTED, suitable for dry and damp locations
5 years warranty
Indoor LED lighting
LED decorative lighting
LED office lighting
General electronic products in
dusty or humid environment
■ Features
■ Applications
120W Single Output Moistureproof Adaptor
OWA-120U series
Output voltage
North American type of AC plug
Output wattage
Series name
IP67
( for power body )
-
U12
OWA - 120
File Name:OWA-120U-SPEC 2015-09-07


Similar Part No. - OWA-120U-36

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
OWA-120E MEANWELL-OWA-120E Datasheet
211Kb / 4P
   120W Single Output Moistureproof Adaptor
OWA-120E-12 MEANWELL-OWA-120E-12 Datasheet
211Kb / 4P
   120W Single Output Moistureproof Adaptor
OWA-120E-15 MEANWELL-OWA-120E-15 Datasheet
211Kb / 4P
   120W Single Output Moistureproof Adaptor
OWA-120E-20 MEANWELL-OWA-120E-20 Datasheet
211Kb / 4P
   120W Single Output Moistureproof Adaptor
OWA-120E-24 MEANWELL-OWA-120E-24 Datasheet
211Kb / 4P
   120W Single Output Moistureproof Adaptor
More results

Similar Description - OWA-120U-36

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
OWA-120E MEANWELL-OWA-120E Datasheet
211Kb / 4P
   120W Single Output Moistureproof Adaptor
OWA-60E MEANWELL-OWA-60E Datasheet
170Kb / 4P
   60W Single Output Moistureproof Adaptor
OWA-90U MEANWELL-OWA-90U Datasheet
116Kb / 6P
   90W Single Output Moistureproof Adaptor
OWA-200E MEANWELL-OWA-200E Datasheet
734Kb / 5P
   200W Single Output Moistureproof Adaptor
OWA-200U MEANWELL-OWA-200U Datasheet
714Kb / 5P
   200W Single Output Moistureproof Adaptor
OWA-60U MEANWELL-OWA-60U Datasheet
130Kb / 5P
   60W Single Output Moistureproof Adaptor
OWA-90E MEANWELL-OWA-90E Datasheet
162Kb / 4P
   90W Single Output Moistureproof Adaptor
logo
Total Power Internation...
GC-120 TOTAL-POWER-GC-120 Datasheet
140Kb / 2P
   120W Single Output Battery Charger
logo
Mean Well Enterprises C...
GC120 MEANWELL-GC120_11 Datasheet
142Kb / 2P
   120W Single Output Battery Charger
GC120 MEANWELL-GC120 Datasheet
142Kb / 2P
   120W Single Output Battery Charger
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com