Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OWA-60U-48 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # OWA-60U-48
Description  60W Single Output Moistureproof Adaptor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

OWA-60U-48 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  OWA-60U-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. OWA-60U-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. OWA-60U-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. OWA-60U-48 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. OWA-60U-48 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
■ Model Encoding
■ Description
OWA-60U is one 60W single-output external LED power supply series. Pairing the North American
type of AC plug and the prevailing DC connectors, OWA-60U, working like an adaptor, simplifies
the connection with LED lighting fixtures without extra wiring efforts. The entire series
is certified with the “UL LISTED” for dry and damp locations.
As a class
(no FG) design, the enclosure of OWA-60U is a 94V-0 flame retardant plastic case.
The interior is fully potted with silicone that enhances the heat dissipation. With the working
efficiency up to 91%, OWA-60U is cooled by free air convection; the working temperature ranges
from -35 to +70 .
℃℃
Universal AC input / Full range (up to 264VAC)
High efficiency up to 91%
Protections: Short circuit / Over current /
Over voltage / Over temperature
Class
power unit, no FG
Class 2 power unit
Fully isolated plasticcase
Fanless design, cooling by free air convection
No load power consumption <0.15W
Comply with EISA 2007 DoE and NRCan
UL LISTED, suitable for dry and damp locations
5 years warranty
■ Features
■ Applications
60W Single Output Moistureproof Adaptor
OWA-60U series
Output voltage
North American type of AC plug
Output wattage
Series name
IP67
File Name:OWA-60U-SPEC 2015-05-28
-
U12
OWA - 60
Indoor LED lighting
LED decorative lighting
LED office lighting
General electronic products in
dusty or humid environment
( except for 42V,48V,54V )
( for 42V,48V,54V )
( for power body )


Similar Part No. - OWA-60U-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
OWA-60E MEANWELL-OWA-60E Datasheet
170Kb / 4P
   60W Single Output Moistureproof Adaptor
OWA-60E-12 MEANWELL-OWA-60E-12 Datasheet
170Kb / 4P
   60W Single Output Moistureproof Adaptor
OWA-60E-15 MEANWELL-OWA-60E-15 Datasheet
170Kb / 4P
   60W Single Output Moistureproof Adaptor
OWA-60E-20 MEANWELL-OWA-60E-20 Datasheet
170Kb / 4P
   60W Single Output Moistureproof Adaptor
OWA-60E-24 MEANWELL-OWA-60E-24 Datasheet
170Kb / 4P
   60W Single Output Moistureproof Adaptor
More results

Similar Description - OWA-60U-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
OWA-60E MEANWELL-OWA-60E Datasheet
170Kb / 4P
   60W Single Output Moistureproof Adaptor
OWA-120E MEANWELL-OWA-120E Datasheet
211Kb / 4P
   120W Single Output Moistureproof Adaptor
OWA-90U MEANWELL-OWA-90U Datasheet
116Kb / 6P
   90W Single Output Moistureproof Adaptor
OWA-200E MEANWELL-OWA-200E Datasheet
734Kb / 5P
   200W Single Output Moistureproof Adaptor
OWA-200U MEANWELL-OWA-200U Datasheet
714Kb / 5P
   200W Single Output Moistureproof Adaptor
OWA-120U MEANWELL-OWA-120U Datasheet
104Kb / 5P
   120W Single Output Moistureproof Adaptor
OWA-90E MEANWELL-OWA-90E Datasheet
162Kb / 4P
   90W Single Output Moistureproof Adaptor
logo
SL Power Electronics
GB60 SLPOWER-GB60 Datasheet
2Mb / 7P
   60W Single Output
logo
List of Unclassifed Man...
SPD-060 ETC2-SPD-060 Datasheet
75Kb / 1P
   60W, Single Output Adapter
logo
Mean Well Enterprises C...
RPS-60 MEANWELL-RPS-60_12 Datasheet
312Kb / 2P
   60W Single Output Medical Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com