Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OWA-60U Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # OWA-60U
Description  60W Single Output Moistureproof Adaptor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

OWA-60U Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  OWA-60U Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. OWA-60U Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. OWA-60U Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. OWA-60U Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. OWA-60U Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MAX. No. of PSUs on 16A
CIRCUIT BREAKER
2 units (circuit breaker of type B) / 4 units (circuit breaker of type C) at 230VAC
SPECIFICATION
60W Single Output Moistureproof Adaptor
OWA-60U series
File Name:OWA-60U-SPEC 2015-05-28
MODEL
DC VOLTAGE
RATED CURRENT
RATED POWER
OUTPUT
LINE REGULATION
LOAD REGULATION
SETUP, RISE TIME Note.4
HOLD UP TIME (Typ.)
VOLTAGE RANGE
FREQUENCY RANGE
EFFICIENCY
(Typ.)
AC CURRENT (Typ.)
INPUT
INRUSH CURRENT (Typ.)
LEAKAGE CURRENT
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVER CURRENT
OVER VOLTAGE
OVER TEMPERATURE
500ms, 80ms/230VAC
1000ms, 80ms/115VAC at 95% load
10ms at full load
115VAC / 230VAC
90 ~ 264VAC
127 ~ 370VDC
47 ~ 63Hz
1.2A / 115VAC
0.7A / 230VAC
<0.25mA / 240VAC
95 ~ 108%
Protection type : Constant current limiting, recovers automatically after fault condition is removed
-35 ~ +70
(Refer to "Derating Curve")
20 ~ 95% RH non-condensing
-40 ~ +80
, 10 ~ 95% RH
±℃
0.03%/
(0 ~ 50
)
10 ~ 500Hz, 5G 12min./1cycle, period for 72min. each along X, Y, Z axes
292.8K hrs min.
MIL-HDBK-217F (25
)
130*53*35mm
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel
capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Length of set up time is measured at cold first start. Turning ON/OFF the power supply may lead to increase of the set up time.
RIPPLE & NOISE (max.) Note.2
VOLTAGE TOLERANCE Note.3
ENVIRONMENT
PROTECTION
Shut down o/p voltage, re-power on to recover
SHORT CIRCUIT
Hiccup mode, recovers automatically after fault condition is removed
Protection type : Shut down o/p voltage, re-power on to recover
COLD START 35A(twidth=750 s measured at 50% Ipeak) at 115VAC
14 ~ 16V
17.5 ~ 23V 23 ~ 27V
28 ~ 34V
34 ~ 40V
41 ~ 50V
46 ~ 54V
53 ~ 62V
58 ~ 66V
87%
88%
88%
88.5%
88.5%
88.5%
88.5%
88.5%
89%
±4.0%
±4.0%
±4.0%
±3.0%
±3.0%
±2.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.5%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
12V
15V
20V
24V
30V
36V
42V
48V
54V
OWA-60U-12 OWA-60U-15 OWA-60U-20 OWA-60U-24 OWA-60U-30 OWA-60U-36 OWA-60U-42 OWA-60U-48 OWA-60U-54
150mVp-p
150mVp-p
150mVp-p
150mVp-p
200mVp-p
200mVp-p
250mVp-p
250mVp-p
350mVp-p
5A
4A
3A
2.5A
2A
1.67A
1.5A
1.25A
1.12A
60W
60W
60W
60W
60W
60.12W
63W
60W
60.48W
SAFETY &
EMC
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
SAFETY STANDARDS
EMC EMISSION
UL8750 listed; CSA C22.2 No.250.13-12(except for 42V,48V,54V); IP67 approved for power body
I/P-O/P:3.75KVAC
I/P-O/P:100M Ohms / 500VDC / 25
/ 70% RH
Compliance to FCC Part15
μ
CONSTANT CURRENT REGION
7.5 ~ 15V
6 ~ 12V
10 ~ 20V
12 ~ 24V
15 ~ 30V
18 ~ 36V
24 ~ 48V
27 ~ 54V
21 ~ 42V
115VAC
230VAC
88%
89%
89%
90%
90%
90%
90%
91%
91%
COLD START 65A(twidth=750 s measured at 50% Ipeak) at 230VAC
μ
0.41Kg; 16pcs/6.8Kg/0.85CUFT


Similar Part No. - OWA-60U

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
OWA-60E MEANWELL-OWA-60E Datasheet
170Kb / 4P
   60W Single Output Moistureproof Adaptor
OWA-60E-12 MEANWELL-OWA-60E-12 Datasheet
170Kb / 4P
   60W Single Output Moistureproof Adaptor
OWA-60E-15 MEANWELL-OWA-60E-15 Datasheet
170Kb / 4P
   60W Single Output Moistureproof Adaptor
OWA-60E-20 MEANWELL-OWA-60E-20 Datasheet
170Kb / 4P
   60W Single Output Moistureproof Adaptor
OWA-60E-24 MEANWELL-OWA-60E-24 Datasheet
170Kb / 4P
   60W Single Output Moistureproof Adaptor
More results

Similar Description - OWA-60U

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
OWA-60E MEANWELL-OWA-60E Datasheet
170Kb / 4P
   60W Single Output Moistureproof Adaptor
OWA-120E MEANWELL-OWA-120E Datasheet
211Kb / 4P
   120W Single Output Moistureproof Adaptor
OWA-90U MEANWELL-OWA-90U Datasheet
116Kb / 6P
   90W Single Output Moistureproof Adaptor
OWA-200E MEANWELL-OWA-200E Datasheet
734Kb / 5P
   200W Single Output Moistureproof Adaptor
OWA-200U MEANWELL-OWA-200U Datasheet
714Kb / 5P
   200W Single Output Moistureproof Adaptor
OWA-120U MEANWELL-OWA-120U Datasheet
104Kb / 5P
   120W Single Output Moistureproof Adaptor
OWA-90E MEANWELL-OWA-90E Datasheet
162Kb / 4P
   90W Single Output Moistureproof Adaptor
logo
SL Power Electronics
GB60 SLPOWER-GB60 Datasheet
2Mb / 7P
   60W Single Output
logo
List of Unclassifed Man...
SPD-060 ETC2-SPD-060 Datasheet
75Kb / 1P
   60W, Single Output Adapter
logo
Mean Well Enterprises C...
RPS-60 MEANWELL-RPS-60_12 Datasheet
312Kb / 2P
   60W Single Output Medical Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com