Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRS-200-24 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # LRS-200-24
Description  200W Single Output Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LRS-200-24 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  LRS-200-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LRS-200-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LRS-200-24 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LRS-200-24 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Mechanical Specification
Mechanical Specification
Terminal Pin No. Assignment :
Pin No.
Pin No.
1
4~6
3
2
7~9
Assignment
Assignment
AC/L
DC OUTPUT -V
FG
AC/N
DC OUTPUT +V
Case No. 207
Unit:mm
+V
ADJ.
LED
1
2
3
4
5
6
7
8
9
4-M4(Both Sides) L=5mm
150
32.5
150
215
15
4-M4 L=3mm
6.5
6.5
32.5
2
Installation Manual
Please refer to : http://www.meanwell.com/webnet/search/InstallationSearch.html
200W Single Output Switching Power Supply
LRS-200 series
File Name:LRS-200-SPEC 2015-12-31


Similar Part No. - LRS-200-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LRS-200N2 MEANWELL-LRS-200N2 Datasheet
185Kb / 5P
   200W Single Output Switching Power Supply
2023-07-14
LRS-200N2-12 MEANWELL-LRS-200N2-12 Datasheet
185Kb / 5P
   200W Single Output Switching Power Supply
2023-07-14
LRS-200N2-24 MEANWELL-LRS-200N2-24 Datasheet
185Kb / 5P
   200W Single Output Switching Power Supply
2023-07-14
LRS-200N2-36 MEANWELL-LRS-200N2-36 Datasheet
185Kb / 5P
   200W Single Output Switching Power Supply
2023-07-14
LRS-200N2-48 MEANWELL-LRS-200N2-48 Datasheet
185Kb / 5P
   200W Single Output Switching Power Supply
2023-07-14
More results

Similar Description - LRS-200-24

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
NES-200 TOTAL-POWER-NES-200 Datasheet
54Kb / 1P
   200W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
NES-200 MEANWELL-NES-200_12 Datasheet
297Kb / 2P
   200W Single Output Switching Power Supply
ERP-200 MEANWELL-ERP-200 Datasheet
521Kb / 5P
   200W Single Output Switching Power Supply
NES-200 MEANWELL-NES-200 Datasheet
293Kb / 2P
   200W Single Output Switching Power Supply
NES-200_1104 MEANWELL-NES-200_1104 Datasheet
297Kb / 2P
   200W Single Output Switching Power Supply
LRS-200N2 MEANWELL-LRS-200N2 Datasheet
185Kb / 5P
   200W Single Output Switching Power Supply
2023-07-14
SE-200 MEANWELL-SE-200 Datasheet
289Kb / 2P
   200W Single Output Switching Power Supply
SE-200 MEANWELL-SE-200_12 Datasheet
289Kb / 2P
   200W Single Output Switching Power Supply
HSN-200 MEANWELL-HSN-200 Datasheet
143Kb / 3P
   200W Single Output Switching Power Supply
S-201 MEANWELL-S-201 Datasheet
325Kb / 2P
   200W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com