Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRS-150F-48 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # LRS-150F-48
Description  150W Single Output Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LRS-150F-48 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  LRS-150F-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LRS-150F-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LRS-150F-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LRS-150F-48 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Industrial automation machinery
Industrial control system
Mechanical and electrical equipment
Electronic instruments, equipments or
apparatus
■ Features
■ Applications
150W Single Output Switching Power Supply
LRS-150F series
Bauar
Sicherheit
egel
ge
ma
t gepruft
od
be
www.
ID 2000000000
tuv.com
wac
g
os
■ Model Encoding
■ Description
File Name:LRS-150F-SPEC 2015-12-31
Output voltage
Series name
LRS
-
- 150 F
5
easily meet the worldwide energy requirement. LRS-150F has the complete protection functions and 5G anti-
LRS-150F series is a 150W single-output enclosed type power supply with 30mm of low profile design.
Adopting the full range 85~264VAC input, the entire series provides an output voltage line of 5V, 12V, 15V,
24V, 36V and 48V.
In addition to the high efficiency up to 90%, the design of metallic mesh case enhances the heat dissipation
of LRS-150F that the whole series operates from -30 through 70 under air convection without a fan.
℃℃
Delivering an extremely low no load power consumption (less than 0.5W), it allows the end system to
Output wattage
Full range input
vibration capability; it is complied with the international safety regulations such as TUV EN60950-1,
EN60335-1,EN61558-1/-2-16, UL60950-1
and GB4943. LRS-150F series serves as a high price-to-
performance power supply solution for various industrial applications.
Universal AC input / Full range
Withstand 300VAC surge input for 5 second
No load power consumption<0.5W
Miniature size and 1U low profile
High operating temperature up to 70℃
Protections: Short circuit / Overload / Over voltage /
Over temperature
Cooling by free air convection
Compliance to IEC/EN 60335-1(PD3) and
IEC/EN61558-1, 2-16 for household appliances
Operating altitude up to 5000 meters
Withstand 5G vibration test
High efficiency, long life and high reliability
LED indicator for power on
100% full load burn-in test
3 years warranty
Household appliances


Similar Part No. - LRS-150F-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LRS-150 MEANWELL-LRS-150 Datasheet
114Kb / 4P
   150W Single Output Switching Power Supply
LRS-150-12 MEANWELL-LRS-150-12 Datasheet
114Kb / 4P
   150W Single Output Switching Power Supply
LRS-150-15 MEANWELL-LRS-150-15 Datasheet
114Kb / 4P
   150W Single Output Switching Power Supply
LRS-150-24 MEANWELL-LRS-150-24 Datasheet
114Kb / 4P
   150W Single Output Switching Power Supply
LRS-150-36 MEANWELL-LRS-150-36 Datasheet
114Kb / 4P
   150W Single Output Switching Power Supply
More results

Similar Description - LRS-150F-48

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
RS-150 TOTAL-POWER-RS-150 Datasheet
495Kb / 2P
   150W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
SC-150 MEANWELL-SC-150_10 Datasheet
425Kb / 2P
   150W Single Output Switching Power Supply
SC-150 MEANWELL-SC-150 Datasheet
102Kb / 2P
   150W Single Output Switching Power Supply
HLG-150 MEANWELL-HLG-150 Datasheet
316Kb / 6P
   150W Single Output Switching Power Supply
S-150 MEANWELL-S-150_10 Datasheet
417Kb / 2P
   150W Single Output Switching Power Supply
CLG-150 MEANWELL-CLG-150_11 Datasheet
577Kb / 5P
   150W Single Output Switching Power Supply
CLG-150_1108 MEANWELL-CLG-150_1108 Datasheet
577Kb / 5P
   150W Single Output Switching Power Supply
HLG-150 MEANWELL-HLG-150_12 Datasheet
350Kb / 6P
   150W Single Output Switching Power Supply
HEP-150 MEANWELL-HEP-150 Datasheet
89Kb / 4P
   150W Single Output Switching Power Supply
logo
Total Power Internation...
NES-150 TOTAL-POWER-NES-150 Datasheet
432Kb / 2P
   150W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com