Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCC-106B-RT Datasheet(PDF) 7 Page - ON Semiconductor

Part # TCC-106B-RT
Description  Six-Output PTIC Control IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TCC-106B-RT Datasheet(HTML) 7 Page - ON Semiconductor

Back Button TCC-106B-RT Datasheet HTML 3Page - ON Semiconductor TCC-106B-RT Datasheet HTML 4Page - ON Semiconductor TCC-106B-RT Datasheet HTML 5Page - ON Semiconductor TCC-106B-RT Datasheet HTML 6Page - ON Semiconductor TCC-106B-RT Datasheet HTML 7Page - ON Semiconductor TCC-106B-RT Datasheet HTML 8Page - ON Semiconductor TCC-106B-RT Datasheet HTML 9Page - ON Semiconductor TCC-106B-RT Datasheet HTML 10Page - ON Semiconductor TCC-106B-RT Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
TCC−106
www.onsemi.com
7
AVDD Power−On Reset (POR)
Upon application of AVDD the TCC−106 will be in
shutdown mode. All circuit blocks are off and the chip draws
only minimal leakage current.
VIO Power−On Reset and Startup Conditions
A high level on VIO places the chip in startup mode which
provides a POR to the TCC−106. POR resets all registers to
their default settings as described in Table 8. VIO POR also
resets the serial interface circuitry. POR is not a brown−out
detector and VIO needs to be brought back to a low level to
enable the POR to trigger again.
Table 7. VIO POWER−ON RESET AND STARTUP
Register
Default State for
VIO POR
Comment
DAC Boost
[1111]
VHV = 24 V
Power Mode
[01]>[00]
Transitions from shutdown to startup and then automatically to active mode
DAC Enable
[000000]
VOUT A, B, C, D, E and F Disabled
DAC A
Output in High−Z Mode
DAC B
Output in High−Z Mode
DAC C
Output in High−Z Mode
DAC D
Output in High−Z Mode
DAC E
Output in High−Z Mode
DAC F
Output in High−Z Mode
VIO Shutdown
A low level at any time on VIO places the chip in shutdown mode in which all circuit blocks are off. The contents of the
registers are not maintained in shutdown mode.
Table 8. VIO THRESHOLDS (AVDD from 2.3 V to 5.5 V; TA = –30 to +85°C unless otherwise specified)
Parameter
Description
Min
Typ
Max
Unit
Comments
VIORST
VIO Low Threshold
0.2
V
When VIO is lowered below this threshold level the
chip is reset and placed into the shutdown state
Power Supply Sequencing
The AVDD input is typically directly supplied from the battery and thus is the first on. After AVDD is applied and before VIO
is applied to the chip, all circuits are in the shutdown state and draw minimum leakage currents. Upon application of VIO, the
chip automatically starts up using default settings and is placed in the active state waiting for a command via the serial interface.
Table 9. TIMING (AVDD from 2.3 V to 5.5 V; VIO from 1.1 V to 3.0 V; TA = –30 to +85°C; OUT A, OUT B, OUT C, OUT D, OUT E &
OUT F; CHV = 22 nF; LBOOST = 15 mH; VHV = 20 V; Turbo−Charge mode off unless otherwise specified)
Parameter
Description
Min
Typ
Max
Unit
Comments
TPOR_VREG
Internal bias settling time from shutdown to active mode
50
120
ms
For info only
TBOOST_START
Time to charge CHV @ 95% of set VHV
130
ms
For info only
TSD_TO_ACT
Startup time from shutdown to active mode
180
300
ms
TSET+
Output A, B, C, D, E, F positive settling time to within
5% of the delta voltage, equivalent series load of
2.7 kohm and 5.6 nF, VOUT from 2 V to 20 V; 0Bh
(11d) to 55h (85d)
50
60
ms
Voltage settling time
connected on VOUT
A, B, C, D, E, F
TSET−
Output A, B, C, D, E, F negative settling time to within
5% of the delta voltage, equivalent series load of
2.7 kohm and 5.6 nF, VOUT from 20 V to 2 V; 55h
(85d) to 0Bh (11d)
50
60
ms
Voltage settling time
connected on VOUT
A, B, C, D, E, F
TSET+
Output A, B, C, D, E, F positive settling time with Turbo
35
ms
Voltage settling time
connected on VOUT
A, B, C, D, E, F
TSET−
Output A, B, C, D, E, F negative settling time with Turbo
35
ms
Voltage settling time
connected on VOUT
A, B, C, D, E, F


Similar Part No. - TCC-106B-RT

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
TCC-100 MOXA-TCC-100 Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
TCC-100-T MOXA-TCC-100-T Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
TCC-100I MOXA-TCC-100I Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
TCC-100I-T MOXA-TCC-100I-T Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
logo
ON Semiconductor
TCC-103 ONSEMI-TCC-103 Datasheet
539Kb / 29P
   PTIC Control IC
February, 2013 ??Rev. 0
More results

Similar Description - TCC-106B-RT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCC-206 ONSEMI-TCC-206 Datasheet
559Kb / 33P
   Six-Output PTIC Control IC
November, 2015 ??Rev. 1
TCC-226 ONSEMI-TCC-226 Datasheet
960Kb / 33P
   Six-Output PTIC Control IC
June, 2016 ??Rev. 0
TCC-303 ONSEMI-TCC-303 Datasheet
583Kb / 32P
   Three-Output PTIC Control IC
September, 2019 ??Rev. 5
TCC-303-D ONSEMI-TCC-303-D Datasheet
609Kb / 32P
   Three-Output PTIC Control IC
September, 2017 ??Rev. 4
TCC-404 ONSEMI-TCC-404 Datasheet
511Kb / 40P
   Four-Output PTIC Control IC
September, 2019 ??Rev. 1
TCC-202 ONSEMI-TCC-202 Datasheet
447Kb / 23P
   Two-Output PTIC Control IC
November, 2015 ??Rev. 2
TCC-103 ONSEMI-TCC-103 Datasheet
539Kb / 29P
   PTIC Control IC
February, 2013 ??Rev. 0
logo
Shenzhen Huazhimei Semi...
HM226NS HMSEMI-HM226NS Datasheet
581Kb / 7P
   Six touch six output IC
HM226S HMSEMI-HM226S Datasheet
563Kb / 7P
   Six touch six output IC
logo
International Rectifier
IR3523 IRF-IR3523 Datasheet
547Kb / 37P
   XPHASE3TM DUAL OUTPUT CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com