Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC-100-2100 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # LPC-100-2100
Description  100W Single Output LED Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LPC-100-2100 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  LPC-100-2100 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LPC-100-2100 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MAX. No. of PSUs
on 16A CIRCUIT
2 units (circuit breaker of type B) / 3 units (circuit breaker of type C) at 230VAC
SPECIFICATION
MODEL
LPV
-150-12
LPV-150-15
LPV
-150-24
LPV-150-36
LPV-150-48
DC VOLTAGE
RATED CURRENT
CURRENT RANGE
RATED POWER
OUTPUT
LINE REGULATION
LOAD REGULATION
SETUP, RISE TIME
Note.6
HOLD UP TIME (Typ.)
VOLTAGE RANGE
Note.4
FREQUENCY RANGE
EFFICIENCY (Typ.)
AC CURRENT
INPUT
INRUSH CURRENT
(Typ.)
LEAKAGE CURRENT
SAFETY
STANDARDS
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVER VOLTAGE
12V
15V
24V
36V
48V
10A
8A
6.3A
4.2A
3.2A
0 ~ 10A
0 ~ 8A
0 ~ 6.3A
0 ~ 4.2A
0 ~ 3.2A
120W
120W
151.2W
151.2W
153.6W
200mVp-p
200mVp-p
200mVp-p
200mVp-p
200mVp-p
±1.0%
LPV-150: 180 ~ 305VAC 254 ~ 431VDC;
LPVL-150: 90~132VAC 254 ~ 370VDC
47 ~ 63Hz
87%
±2.0%
±5.0%
88%
89%
89%
90%
13.5 ~ 18V
17 ~ 25V
27 ~ 35V
40 ~ 49V
52 ~ 63V
LPV-150: 1.7A/230VAC 1.5A/277VAC;
LPVL-150: 3.0A/115VAC
COLD START 60A(twidth=900 s measured at 50% Ipeak) at 230VAC
μ
LPV-150: 0.25mA / 240VAC
LPVL-150:0.25mA / 120VAC
110 ~ 150% rated output power
Protection type : Hiccup mode, recovers automatically after fault condition is removed
Compliance to EN55022 (CISPR22) Class B, EN61000-3-2 Class A( 80
load), EN61000-3-3
≤%
Compliance to EN61000-4-2,3,4,5,6,8,11; EN55024, light industry level, criteria A
-25 ~ +65
(Refer to "Derating Curve")
20 ~ 90% RH non-condensing
-40 ~ +80
, 10 ~ 95% RH
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
703Khrs min.
MIL-HDBK-217F (25
)
191*63*37.5mm (L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC(115VAC for LPVL) input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Derating may be needed under low input voltage. Please checkthe static characteristics for more details.
5. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
6. Length of set up time is measured at first cold start. Turning ON/OFF the power supply may lead to increase of the set up time.
7. The unit might not be suitable for lighting applications in EU countries. Please checkwith your local authorities for the possible use of the unit.
8. Suitable for indoor use or outdoor use without direct sunlight exposure.
LPV-150: 0.74Kg;20pcs/15.8Kg/0.95CUFT;
LPVL-150: 0.85Kg;20pcs/17Kg/0.95CUFT
Protection type : Shut down o/p voltage, re-power on to recover
150W Single Output Switching Power Supply
LPV-150 series
RIPPLE & NOISE (max.) Note.2
VOLTAGE TOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
I/P-O/P:3KVAC
I/P-O/P:>100M Ohms / 500VDC / 25
/ 70% RH
File Name:LPV-150-SPEC 2015-09-01
LPV-150: 18ms/230VAC
20ms/277VAC at full load;
LPVL-150: 10ms/115VAC at full load
LPV-150: 500ms, 50ms / 230VAC
500ms, 50ms / 277VAC;
LPVL-150: 1500ms, 50ms / 115VAC
±℃
0.03%/
(0 ~ 40
for LPV-150-12,15 and LPVL-150-12,24;0~50
for LPV-150-24,36,48)
EMC IMMUNITY
EMC EMISSION
OVER TEMPERATURE
Shut down o/p voltage, recovers automatically after temperature goes down
UL8750,CSA C22.2 No 250.13-12 UL879,CSA C22.2 No.207-M89,IP67 approved. Design refer to EN60950-1
,
COLD START 75A(twidth=900 s measured at 50% Ipeak) at 115VAC
μ
Blank type
L type
Blank type
L type
BREAKER
1 units (circuit breaker of type B) / 2 units (circuit breaker of type C) at 115VAC
Blank type
L type
Compliance to FCC part 15
L type
Blank type
Design refer to IEC61000-4-2,3,4,5,6,8,11; light industry level, criteria A
Blank type
L type
UL8750(type”HL”),CSA C22.2 No 250.13-12 UL879,CSA C22.2 No.207-M89,IP67 approved
,


Similar Part No. - LPC-100-2100

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPC-150 MEANWELL-LPC-150 Datasheet
88Kb / 2P
   150W Single Output LED Power Supply
LPC-150-1050 MEANWELL-LPC-150-1050 Datasheet
88Kb / 2P
   150W Single Output LED Power Supply
LPC-150-1400 MEANWELL-LPC-150-1400 Datasheet
88Kb / 2P
   150W Single Output LED Power Supply
LPC-150-1750 MEANWELL-LPC-150-1750 Datasheet
88Kb / 2P
   150W Single Output LED Power Supply
LPC-150-2100 MEANWELL-LPC-150-2100 Datasheet
88Kb / 2P
   150W Single Output LED Power Supply
More results

Similar Description - LPC-100-2100

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HVGC-100 MEANWELL-HVGC-100_12 Datasheet
328Kb / 6P
   100W Single Output LED Power Supply
CEN-100 MEANWELL-CEN-100 Datasheet
165Kb / 3P
   100W Single Output LED Power Supply
logo
CINCON ELECTRONICS Corp...
LDA100S CINCON-LDA100S Datasheet
247Kb / 2P
   100W SINGLE OUTPUT LED POWER SUPPLY
logo
Mean Well Enterprises C...
ELG-100-C MEANWELL-ELG-100-C Datasheet
148Kb / 7P
   100W Single Output LED Power Supply
HVGC-100 MEANWELL-HVGC-100 Datasheet
328Kb / 6P
   100W Single Output LED Power Supply
CEN-100 MEANWELL-CEN-100_12 Datasheet
169Kb / 3P
   100W Single Output LED Power Supply
PLN-100 MEANWELL-PLN-100 Datasheet
193Kb / 2P
   100W Single Output Switching Power Supply
HLG-100H MEANWELL-HLG-100H Datasheet
315Kb / 6P
   100W Single Output Switching Power Supply
HLG-100_1107 MEANWELL-HLG-100_1107 Datasheet
323Kb / 6P
   100W Single Output Switching Power Supply
NES-100 MEANWELL-NES-100_10 Datasheet
386Kb / 2P
   100W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com