Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVTFS4C08N Datasheet(PDF) 2 Page - ON Semiconductor

Part # NVTFS4C08N
Description  Single N- Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVTFS4C08N Datasheet(HTML) 2 Page - ON Semiconductor

  NVTFS4C08N Datasheet HTML 1Page - ON Semiconductor NVTFS4C08N Datasheet HTML 2Page - ON Semiconductor NVTFS4C08N Datasheet HTML 3Page - ON Semiconductor NVTFS4C08N Datasheet HTML 4Page - ON Semiconductor NVTFS4C08N Datasheet HTML 5Page - ON Semiconductor NVTFS4C08N Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NVTFS4C08N
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
30
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/
TJ
13.8
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 24 V
TJ = 25°C
1.0
mA
TJ = 125°C
10
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
1.3
2.2
V
Negative Threshold Temperature Coefficient
VGS(TH)/TJ
5.0
mV/
°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V
ID = 30 A
4.7
5.9
m
W
VGS = 4.5 V
ID = 18 A
7.2
9.0
Forward Transconductance
gFS
VDS = 1.5 V, ID = 15 A
42
S
Gate Resistance
RG
TA = 25°C
1.0
W
CHARGES AND CAPACITANCES
Input Capacitance
CISS
VGS = 0 V, f = 1 MHz, VDS = 15 V
1113
pF
Output Capacitance
COSS
702
Reverse Transfer Capacitance
CRSS
39
Capacitance Ratio
CRSS/CISS
VGS = 0 V, VDS = 15 V, f = 1 MHz
0.035
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 15 V; ID = 30 A
8.4
nC
Threshold Gate Charge
QG(TH)
1.8
Gate−to−Source Charge
QGS
3.5
Gate−to−Drain Charge
QGD
3.3
Gate Plateau Voltage
VGP
3.4
V
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 15 V; ID = 30 A
18.2
nC
SWITCHING CHARACTERISTICS (Note 6)
Turn−On Delay Time
td(ON)
VGS = 4.5 V, VDS = 15 V,
ID = 15 A, RG = 3.0 W
9.0
ns
Rise Time
tr
33
Turn−Off Delay Time
td(OFF)
15
Fall Time
tf
4.0
Turn−On Delay Time
td(ON)
VGS = 10 V, VDS = 15 V,
ID = 15 A, RG = 3.0 W
7.0
ns
Rise Time
tr
26
Turn−Off Delay Time
td(OFF)
19
Fall Time
tf
3.0
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 10 A
TJ = 25°C
0.79
1.1
V
TJ = 125°C
0.66
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS = 30 A
28.3
ns
Charge Time
ta
14.5
Discharge Time
tb
13.8
Reverse Recovery Charge
QRR
15.3
nC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
5. Pulse Test: pulse width
v 300 ms, duty cycle v 2%.
6. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NVTFS4C08N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVTFS4C02N ONSEMI-NVTFS4C02N Datasheet
146Kb / 7P
   MOSFET - Power, Single N-Channel, 8FL
September, 2020 ??Rev. 0
NVTFS4C02NTAG ONSEMI-NVTFS4C02NTAG Datasheet
146Kb / 7P
   MOSFET - Power, Single N-Channel, 8FL
September, 2020 ??Rev. 0
NVTFS4C02NWFTAG ONSEMI-NVTFS4C02NWFTAG Datasheet
146Kb / 7P
   MOSFET - Power, Single N-Channel, 8FL
September, 2020 ??Rev. 0
NVTFS4C05N ONSEMI-NVTFS4C05N Datasheet
85Kb / 6P
   Single N- Channel Power MOSFET
July, 2014 ??Rev. 2
NVTFS4C05NTAG ONSEMI-NVTFS4C05NTAG Datasheet
85Kb / 6P
   Single N- Channel Power MOSFET
July, 2014 ??Rev. 2
More results

Similar Description - NVTFS4C08N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS6H800N ONSEMI-NTMFS6H800N Datasheet
141Kb / 6P
   MOSFET ??Power, Single, N-Channel
May, 2019 ??Rev. 1
CPH3448 ONSEMI-CPH3448 Datasheet
709Kb / 5P
   Single N-Channel Power MOSFET
July, 2014
MCH6431 ONSEMI-MCH6431 Datasheet
382Kb / 5P
   Single N-Channel Power MOSFET
March 2015 - Rev. 3
NTMFS6B03N ONSEMI-NTMFS6B03N Datasheet
82Kb / 6P
   Single N-Channel Power MOSFET
February, 2015 ??Rev. 1
NVMFS6B14N ONSEMI-NVMFS6B14N Datasheet
82Kb / 6P
   Single N-Channel Power MOSFET
October, 2015 ??Rev. 0
NVMFS5C426NL ONSEMI-NVMFS5C426NL Datasheet
186Kb / 7P
   MOSFET ??Power, Single N-Channel
September, 2019 ??Rev. 1
NVMFS6H864N ONSEMI-NVMFS6H864N Datasheet
189Kb / 7P
   MOSFET - Power, Single N-Channel
June, 2020 ??Rev. 2
NTMFS005N10MCL ONSEMI-NTMFS005N10MCL Datasheet
137Kb / 6P
   MOSFET ??Power, Single N-Channel
November, 2020 ??Rev. 0
CPH3459 ONSEMI-CPH3459 Datasheet
462Kb / 5P
   Single N-Channel Power MOSFET
August, 2014
SCH1435 ONSEMI-SCH1435 Datasheet
523Kb / 5P
   Single N-Channel Power MOSFET
August 2015 - Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com