Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVE4153N Datasheet(PDF) 4 Page - ON Semiconductor

Part # NVE4153N
Description  Single N?묬hannel Small Signal MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVE4153N Datasheet(HTML) 4 Page - ON Semiconductor

  NVE4153N Datasheet HTML 1Page - ON Semiconductor NVE4153N Datasheet HTML 2Page - ON Semiconductor NVE4153N Datasheet HTML 3Page - ON Semiconductor NVE4153N Datasheet HTML 4Page - ON Semiconductor NVE4153N Datasheet HTML 5Page - ON Semiconductor NVE4153N Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NVA4153N, NVE4153N
http://onsemi.com
4
TYPICAL ELECTRICAL CHARACTERISTICS
VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
VGS = 0 V
0
0.1
0.2
0.3
0.4
0.5
0.6
0
0.2
0.4
0.6
0.8
0
1.6
4
1
0
QG, TOTAL GATE CHARGE (nC)
1.2
2
3
5
0.4
Figure 7. Gate−to−Source Voltage vs. Total
Gate Charge
0.8
QT
ID = 0.2 A
TA = 25°C
2.0
TJ = 25°C
TJ = 125°C
Figure 8. Diode Forward Voltage vs. Current
QGS
QGD
0.00001
0.0001
0.001
0.01
0.1
1.0
10
100
1000
0.001
0.01
0.1
1.0
t, TIME (s)
Figure 9. Normalized Thermal Response
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5


Similar Part No. - NVE4153N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVE4153N ONSEMI-NVE4153N Datasheet
77Kb / 6P
   Small Signal MOSFET
December, 2014 ??Rev. 7
NVE4153NT1G ONSEMI-NVE4153NT1G Datasheet
77Kb / 6P
   Small Signal MOSFET
December, 2014 ??Rev. 7
More results

Similar Description - NVE4153N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTR5103N ONSEMI-NTR5103N Datasheet
109Kb / 5P
   N?묬hannel Small Signal MOSFET
March, 2014 ??Rev. 0
NTZD3158P ONSEMI-NTZD3158P Datasheet
110Kb / 5P
   Dual P?묬hannel Small Signal MOSFET
April, 2013 ??Rev. 0
2N7002E ONSEMI-2N7002E Datasheet
104Kb / 5P
   Small Signal MOSFET 60 V, 310 mA, Single, N?묬hannel, SOT??3
April, 2007 ??Rev. 1
2N7002W ONSEMI-2N7002W Datasheet
107Kb / 5P
   Small Signal MOSFET 60 V, 340 mA, Single, N?묬hannel, SC??0
April, 2007 ??Rev. 2
logo
Leshan Radio Company
LNTS4409NWT1G LRC-LNTS4409NWT1G Datasheet
216Kb / 5P
   Small Signal MOSFET 25 V, 0.75 A, Single, N?묬hannel, ESD Protection
logo
ON Semiconductor
NTJS4405N ONSEMI-NTJS4405N Datasheet
131Kb / 5P
   Small Signal MOSFET 25 V, 1.2 A, Single, N?묬hannel, SC??8
February, 2006 ??Rev. 4
NVR4003NT3G ONSEMI-NVR4003NT3G Datasheet
105Kb / 5P
   Small Signal MOSFET 30 V, 0.56 A, Single N?묬hannel, SOT??3
June, 2012 ??Rev. 3
NTR4003N ONSEMI-NTR4003N Datasheet
67Kb / 5P
   Small Signal MOSFET 30 V, 0.56 A, Single N?묬hannel, SOT??3
May, 2006 ??Rev. 0
2N7002K ONSEMI-2N7002K Datasheet
106Kb / 5P
   Small Signal MOSFET 60 V, 380 mA, Single, N?묬hannel, SOT??3
July, 2008 ??Rev. 4
2N7002KT3G ONSEMI-2N7002KT3G Datasheet
103Kb / 6P
   Small Signal MOSFET 60 V, 380 mA, Single, N?묬hannel, SOT??3
February, 2013 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com