Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVA4153N Datasheet(PDF) 2 Page - ON Semiconductor

Part # NVA4153N
Description  Single N?묬hannel Small Signal MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVA4153N Datasheet(HTML) 2 Page - ON Semiconductor

  NVA4153N Datasheet HTML 1Page - ON Semiconductor NVA4153N Datasheet HTML 2Page - ON Semiconductor NVA4153N Datasheet HTML 3Page - ON Semiconductor NVA4153N Datasheet HTML 4Page - ON Semiconductor NVA4153N Datasheet HTML 5Page - ON Semiconductor NVA4153N Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NVA4153N, NVE4153N
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
20
26
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
18.4
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V, VDS = 16 V
100
nA
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±4.5 V
±1.0
mA
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
0.45
0.76
1.1
V
Negative Threshold Temperature
Coefficient
VGS(TH)/TJ
−2.15
mV/
°C
Drain−to−Source On Resistance
RDS(on)
VGS = 4.5 V, ID = 600 mA
127
230
m
W
VGS = 2.5 V, ID = 500 mA
170
275
VGS = 1.8 V, ID = 350 mA
242
700
VGS = 1.5 V, ID = 40 mA
500
9500
Forward Transconductance
gFS
VDS = 10 V, ID = 400 mA
1.4
S
CHARGES AND CAPACITANCES
Input Capacitance
CISS
VGS = 0 V, f = 1.0 MHz,
VDS = 16 V
110
pF
Output Capacitance
COSS
16
Reverse Transfer Capacitance
CRSS
12
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 10 V,
ID = 0.2 A
1.82
nC
Threshold Gate Charge
QG(TH)
0.2
Gate−to−Source Charge
QGS
0.3
Gate−to−Drain Charge
QGD
0.42
SWITCHING CHARACTERISTICS (Note 3)
Turn−On Delay Time
td(ON)
VGS = 4.5 V, VDD = 10 V,
ID = 0.2 A, RG = 10 W
3.7
ns
Rise Time
tr
4.4
Turn−Off Delay Time
td(OFF)
25
Fall Time
tf
7.6
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 200 mA
TJ = 25°C
0.67
1.1
V
TJ = 125°C
0.54
2. Pulse Test: pulse width
≤ 300ms, duty cycle ≤ 2%.
3. Switching characteristics are independent of operating junction temperatures.
ORDERING INFORMATION
Device
Marking
(XX)
Package
Shipping
NVA4153NT1G
VR
SC−75 / SOT−416
(Pb−Free)
3000 / Tape & Reel
NVE4153NT1G
VP
SC−89
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NVA4153N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVA4153N ONSEMI-NVA4153N Datasheet
77Kb / 6P
   Small Signal MOSFET
December, 2014 ??Rev. 7
NVA4153NT1G ONSEMI-NVA4153NT1G Datasheet
77Kb / 6P
   Small Signal MOSFET
December, 2014 ??Rev. 7
More results

Similar Description - NVA4153N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTR5103N ONSEMI-NTR5103N Datasheet
109Kb / 5P
   N?묬hannel Small Signal MOSFET
March, 2014 ??Rev. 0
NTZD3158P ONSEMI-NTZD3158P Datasheet
110Kb / 5P
   Dual P?묬hannel Small Signal MOSFET
April, 2013 ??Rev. 0
2N7002E ONSEMI-2N7002E Datasheet
104Kb / 5P
   Small Signal MOSFET 60 V, 310 mA, Single, N?묬hannel, SOT??3
April, 2007 ??Rev. 1
2N7002W ONSEMI-2N7002W Datasheet
107Kb / 5P
   Small Signal MOSFET 60 V, 340 mA, Single, N?묬hannel, SC??0
April, 2007 ??Rev. 2
logo
Leshan Radio Company
LNTS4409NWT1G LRC-LNTS4409NWT1G Datasheet
216Kb / 5P
   Small Signal MOSFET 25 V, 0.75 A, Single, N?묬hannel, ESD Protection
logo
ON Semiconductor
NTJS4405N ONSEMI-NTJS4405N Datasheet
131Kb / 5P
   Small Signal MOSFET 25 V, 1.2 A, Single, N?묬hannel, SC??8
February, 2006 ??Rev. 4
NVR4003NT3G ONSEMI-NVR4003NT3G Datasheet
105Kb / 5P
   Small Signal MOSFET 30 V, 0.56 A, Single N?묬hannel, SOT??3
June, 2012 ??Rev. 3
NTR4003N ONSEMI-NTR4003N Datasheet
67Kb / 5P
   Small Signal MOSFET 30 V, 0.56 A, Single N?묬hannel, SOT??3
May, 2006 ??Rev. 0
2N7002K ONSEMI-2N7002K Datasheet
106Kb / 5P
   Small Signal MOSFET 60 V, 380 mA, Single, N?묬hannel, SOT??3
July, 2008 ??Rev. 4
2N7002KT3G ONSEMI-2N7002KT3G Datasheet
103Kb / 6P
   Small Signal MOSFET 60 V, 380 mA, Single, N?묬hannel, SOT??3
February, 2013 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com