Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB11876 Datasheet(PDF) 2 Page - ON Semiconductor

Part # LB11876
Description  Three-Phase Brushless Motor Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11876 Datasheet(HTML) 2 Page - ON Semiconductor

  LB11876 Datasheet HTML 1Page - ON Semiconductor LB11876 Datasheet HTML 2Page - ON Semiconductor LB11876 Datasheet HTML 3Page - ON Semiconductor LB11876 Datasheet HTML 4Page - ON Semiconductor LB11876 Datasheet HTML 5Page - ON Semiconductor LB11876 Datasheet HTML 6Page - ON Semiconductor LB11876 Datasheet HTML 7Page - ON Semiconductor LB11876 Datasheet HTML 8Page - ON Semiconductor LB11876 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
LB11876
No.8317-2/15
Allowable Operating Ranges at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage range 1
VCC1
8 to 17
V
Supply voltage range 2
VCC2
With VCC shorted to VREG
4.5 to 5.5
V
Input current range
I13
V13 pin
0.5 to 4
mA
Output current
IO
UL pin, VL pin, WL pin, UH pin, VH pin, and WH pin
20
mA
5V constant voltage output
IREG
0 to -30
mA
LD pin apply voltage
VLD
0 to 17
V
LD pin output current
ILD
0 to 15
mA
FGS pin apply voltage
VFGS
0 to 17
V
FGS pin output current
IFGS
0 to 10
mA
Electrical Characteristics at Ta
= 25°C, VCC = 12V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply current 1
ICC1
15
25
mA
Supply current 2
ICC2
Stop mode
3
5
mA
5V constant voltage output (VREG pin)
Output voltage
VREG
4.65
5.0
5.35
V
Line regulation
ΔVREG1
VCC = 8 to 13.5V
40
100
mV
Load regulation
ΔVREG2
IO = 0 to -15mA
20
100
mV
Temperature coefficient
ΔVREG3
Design target
0
mV/
°C
13V constant voltage output (V13 pin)
Output voltage
V13
IO = 2mA
12.5
13.5
14.5
V
Output Block
Output saturation voltage 1-1
VO sat1-1
Low level, IO = 400μA
0.2
0.5
V
Output saturation voltage 1-2
VO sat1-2
Low level, IO = 10mA
0.9
1.2
V
Output saturation voltage 2
VO sat2
High level, IO = -20mA
VCC – 1.2
VCC – 0.9
V
Output leakage current
IO leak
10
μA
Hall Sensor Amplifier Block
Input bias current
IHB (HA)
-2
-0.5
μA
Common-mode input voltage
range1
VICM1 (HA)
When a Hall sensor is used
0.5
VCC – 2.0
V
Common-mode input voltage
range2
VICM2 (HA)
When a single-sided input bias is used
(using a Hall sensor IC)
0
VCC
V
Input sensitivity
Sine wave
80
mVp-p
Hysteresis
ΔVIN (HA)
15
24
42
mV
Input current low
→ high
VSLH (HA)
12
mV
Input current high
→ low
VSHL (HA)
-12
mV
FG Schmitt Trigger Block
Input bias current
IB (FGS)
-2
-0.5
μA
Common-mode input voltage
range1
VICM1 (FGS)
When a Hall sensor is used
0.5
VCC – 2.0
V
Common-mode input voltage
range2
VICM2 (FGS)
When a single-sided input bias is used
(using a Hall sensor IC)
0
VCC
V
Input sensitivity
VIN (FGS)
Sine wave
80
mVp-p
Hysteresis
ΔVIN (FGS)
Design target
15
24
42
mV
Input current low
→ high
VSLH (FGS)
Design target
12
mV
Input current high
→ low
VSHL (FGS)
Design target
-12
mV
Continued on next page.


Similar Part No. - LB11876

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11876 SANYO-LB11876 Datasheet
173Kb / 15P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
More results

Similar Description - LB11876

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
   Three-Phase Brushless Motor Driver
logo
Texas Instruments
DRV3203-Q1 TI-DRV3203-Q1_15 Datasheet
456Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com