Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB1927 Datasheet(PDF) 2 Page - ON Semiconductor

Part # LB1927
Description  3-phase Brushless Motor Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1927 Datasheet(HTML) 2 Page - ON Semiconductor

  LB1927 Datasheet HTML 1Page - ON Semiconductor LB1927 Datasheet HTML 2Page - ON Semiconductor LB1927 Datasheet HTML 3Page - ON Semiconductor LB1927 Datasheet HTML 4Page - ON Semiconductor LB1927 Datasheet HTML 5Page - ON Semiconductor LB1927 Datasheet HTML 6Page - ON Semiconductor LB1927 Datasheet HTML 7Page - ON Semiconductor LB1927 Datasheet HTML 8Page - ON Semiconductor LB1927 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LB1927
No.6197-2/11
Allowable Operating Ranges
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Power supply voltage range 1
VCC
9.5 to 28
V
Regulator voltage output current
IREG
-30 to 0
mA
LD output current
ILD
0 to 15
mA
Electrical Characteristics
at Ta
= 25°C, VCC = VM = 24V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Power supply current 1
ICC1
23
30
mA
Power supply current 2
ICC2
In STOP mode
3.5
5.0
mA
Output
Output saturation voltage 1
VOsat1
IO = 1.0A, VO (SINK) +VO (SOURCE)
2.0
2.5
V
Output saturation voltage 2
VOsat2
IO = 2.0A, VO (SINK) +VO (SOURCE)
2.6
3.2
V
Output leak current
IOleak
100
μA
Lower-side diode forward voltage 1
VD1
ID = -1.0A
1.2
1.5
V
Lower-side diode forward voltage 2
VD2
ID = -2.0A
1.5
2.0
V
5V regulator voltage output
Output voltage
VREG
IO = -5mA
4.65
5.00
5.35
V
Voltage fluctuation
ΔVREG1
VCC = 9.5 to 28V
30
100
mV
Load fluctuation
ΔVREG2
IO = -5 to -20mA
20
100
mV
Hall amplifier
Input bias current
IHB
-2
-0.5
μA
Common mode input voltage range
VICM
1.5
VREG-1.5
V
Hall input sensitivity
80
mVp-p
Hysteresis width
ΔVIN
15
24
42
mV
Input voltage L
→H
VSLH
12
mV
Input voltage H
→L
VSHL
-12
mV
PWM oscillator
Output High level voltage
VOH (PWM)
2.5
2.8
3.1
V
Output Low level voltage
VOL (PWM)
1.2
1.5
1.8
V
Oscillator frequency
F (PWM)
C = 3900pF
18
kHz
Amplitude
V (PWM)
1.05
1.30
1.55
Vp-p
CSD circuit
Operating voltage
VOH (CSD)
3.6
3.9
4.2
V
External capacitance charge
current
ICHG
-17
-12
-9
μA
Operating time
T (CSD)
C = 10
μF Design target value
3.3
s
Current limiter operation
Limiter
VRF
VCC-VM
0.45
0.5
0.55
V
Thermal shutdown operation
Thermal shutdown operating
temperature
TSD
Design target value (junction temperature)
150
180
°C
Hysteresis width
ΔTSD
Design target value (junction temperature)
50
°C
FG amplifier
Input offset voltage
VIO (FG)
-10
+10
mV
Input bias current
IB (FG)
-1
+1
μA
Output High level voltage
VOH (FG)
IFGO = -0.2mA
VREG-1.2
VREG-0.8
V
Output Low level voltage
VOL (FG)
IFGO = 0.2mA
0.8
1.2
V
FG input sensitivity
GAIN 100 times
3
mV
Next-stage Schmitt comparator
width
Design target value
100
180
250
mV
Operation frequency range
2
kHz
Open-loop gain
f (FG) = 2kHz
45
51
dB
Continued on next page.


Similar Part No. - LB1927

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1927 SANYO-LB1927 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
More results

Similar Description - LB1927

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
   3-Phase Brushless Motor Driver????
LB1687 SANYO-LB1687 Datasheet
86Kb / 4P
   3-Phase Brushless Motor Driver???
logo
ON Semiconductor
LB8111V ONSEMI-LB8111V Datasheet
160Kb / 15P
   3-phase Brushless Motor Driver
August, 2014
LV8112VB ONSEMI-LV8112VB Datasheet
206Kb / 15P
   3-phase Brushless Motor Driver
November 2014 - Rev. 1
logo
Sanyo Semicon Device
LB1687M SANYO-LB1687M Datasheet
101Kb / 5P
   3-Phase Brushless Motor Driver???
LB1619M SANYO-LB1619M Datasheet
141Kb / 6P
   3-Phase Brushless Motor Driver
LB1688 SANYO-LB1688 Datasheet
96Kb / 4P
   3-Phase Brushless Motor Driver????
LB1851M SANYO-LB1851M Datasheet
141Kb / 6P
   3-phase Brushless Motor Driver?
LB1980JH SANYO-LB1980JH Datasheet
106Kb / 7P
   3-Phase Brushless Motor Driver
logo
Renesas Technology Corp
M56733AFP RENESAS-M56733AFP Datasheet
186Kb / 7P
   3-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com