Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM3P623S05A Datasheet(PDF) 6 Page - ON Semiconductor

Part # ASM3P623S05A
Description  Peak EMI Reduction IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM3P623S05A Datasheet(HTML) 6 Page - ON Semiconductor

Back Button ASM3P623S05A Datasheet HTML 2Page - ON Semiconductor ASM3P623S05A Datasheet HTML 3Page - ON Semiconductor ASM3P623S05A Datasheet HTML 4Page - ON Semiconductor ASM3P623S05A Datasheet HTML 5Page - ON Semiconductor ASM3P623S05A Datasheet HTML 6Page - ON Semiconductor ASM3P623S05A Datasheet HTML 7Page - ON Semiconductor ASM3P623S05A Datasheet HTML 8Page - ON Semiconductor ASM3P623S05A Datasheet HTML 9Page - ON Semiconductor ASM3P623S05A Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
P3P623S05A/B and
P3P623S09A/B
Rev. 1 | Page 6 of 11 | www.onsemi.com
Electrical Characteristics
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
VIL
Input LOW Voltage
5
0.8
V
VIH
Input HIGH Voltage
5
2.0
V
IIL
Input LOW Current
VIN = 0V
50
µA
IIH
Input HIGH Current
VIN = VDD
100
µA
VOL
Output LOW Voltage
6
IOL = 8mA
0.4
V
VOH
Output HIGH Voltage
6
IOH = -8mA
2.4
V
IDD
Supply Current
Unloaded outputs
15
mA
Zo
Output Impedance
23
Notes:
5. CLKIN input has a threshold voltage of VDD/2
6. Parameter is guaranteed by design and characterization. Not 100% tested in production.
Switching Characteristics
Parameter
Test Conditions
Min
Typ
Max
Unit
Input Frequency
20
50
MHz
Output Frequency
30pF load
20
50
MHz
Duty Cycle
7,8 = (t
2 / t1) * 100
Measured at VDD/2
40
50
60
%
Output Rise Time
7, 8
Measured between 0.8V and 2.0V
2.5
nS
Output Fall Time
7, 8
Measured between 2.0V and 0.8V
2.5
nS
Output-to-output skew
7, 8
All outputs equally loaded
250
pS
Delay, CLKIN Rising Edge to
CLKOUT Rising Edge
8
Measured at VDD /2
±350
pS
Device-to-Device Skew
8
Measured at VDD/2 on the CLKOUT pins
of the device
700
pS
Cycle-to-Cycle Jitter
7, 8
Loaded outputs
±200
pS
PLL Lock Time
8
Stable power supply, valid clock presented
on CLKIN pin
1.0
mS
Notes:
7. All parameters specified with 30pF loaded outputs.
8. Parameter is guaranteed by design and characterization. Not 100% tested in production.


Similar Part No. - ASM3P623S05A

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P623S05A PULSECORE-ASM3P623S05A Datasheet
703Kb / 15P
   Timing-Safe??Peak EMI reduction IC
ASM3P623S05AF-08-SR PULSECORE-ASM3P623S05AF-08-SR Datasheet
703Kb / 15P
   Timing-Safe??Peak EMI reduction IC
ASM3P623S05AF-08-ST PULSECORE-ASM3P623S05AF-08-ST Datasheet
703Kb / 15P
   Timing-Safe??Peak EMI reduction IC
ASM3P623S05AF-08-TR PULSECORE-ASM3P623S05AF-08-TR Datasheet
703Kb / 15P
   Timing-Safe??Peak EMI reduction IC
ASM3P623S05AF-08-TT PULSECORE-ASM3P623S05AF-08-TT Datasheet
703Kb / 15P
   Timing-Safe??Peak EMI reduction IC
More results

Similar Description - ASM3P623S05A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCS3P622Z05B ONSEMI-PCS3P622Z05B Datasheet
168Kb / 13P
   Peak EMI Reduction IC
August, 2011 ??Rev. P2
P3P622S01J ONSEMI-P3P622S01J Datasheet
135Kb / 6P
   Peak EMI Reduction IC
October, 2014 ??Rev. 2
PCS3P623Z05A ONSEMI-PCS3P623Z05A Datasheet
173Kb / 13P
   Peak EMI Reduction IC
August, 2011 ??Rev. P2
PCS3P73Z01AW ONSEMI-PCS3P73Z01AW Datasheet
202Kb / 13P
   Peak EMI Reduction IC
August, 2011 ??Rev. 2
PCS3P2537A ONSEMI-PCS3P2537A Datasheet
133Kb / 7P
   Peak EMI Reduction IC
JANUARY 2010 ??Rev. 1
P3P76Z11D ONSEMI-P3P76Z11D Datasheet
164Kb / 10P
   Peak EMI reduction IC
March, 2011 ??Rev. 0
P3PSL450A ONSEMI-P3PSL450A Datasheet
159Kb / 9P
   Peak EMI Reduction IC
July, 2010 ??Rev. 1
PCS3P8103A ONSEMI-PCS3P8103A Datasheet
138Kb / 7P
   General Purpose Peak EMI Reduction IC
APRIL 2010 ??Rev. 2
PCS3PS550A ONSEMI-PCS3PS550A Datasheet
126Kb / 7P
   General Purpose Peak EMI Reduction IC
July, 2010 ??Rev. 1
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com