Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPP-10E-LR-CDFP Datasheet(PDF) 5 Page - Source Photonics, Inc.

Part # SPP-10E-LR-CDFP
Description  Support 10GBASE-LR/LW and Data Center application
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPP-10E-LR-CDFP Datasheet(HTML) 5 Page - Source Photonics, Inc.

  SPP-10E-LR-CDFP Datasheet HTML 1Page - Source Photonics, Inc. SPP-10E-LR-CDFP Datasheet HTML 2Page - Source Photonics, Inc. SPP-10E-LR-CDFP Datasheet HTML 3Page - Source Photonics, Inc. SPP-10E-LR-CDFP Datasheet HTML 4Page - Source Photonics, Inc. SPP-10E-LR-CDFP Datasheet HTML 5Page - Source Photonics, Inc. SPP-10E-LR-CDFP Datasheet HTML 6Page - Source Photonics, Inc. SPP-10E-LR-CDFP Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DS-7159
Rev 02
2013-04-10
SPP-10E-LR-CDFP
Pin Definitions
Figure 3, Pin View
Table 6
–Pin Function Definitions
Pin
Logic
Symbol
Name/Description
Note
1
VEET
Module Transmitter Ground
1
2
LVTTL-O
TX_Fault
Module Transmitter Fault
2
3
LVTTL-I
TX_DISABLE
Transmitter Disable; Turns off transmitter laser output
3
4
LVTTL-I/O
SDL
2-Wire Serial Interface Data Line (MOD-DEF2)
5
LVTTL-I/O
SCL
2-Wire Serial Interface Clock (MOD-DEF1)
6
MOD_ABS
Module Absent, connected to VEET or VEER in the module
2
7
LVTTL-I
RS0
Rate Select 0, NOT implement
4
8
LVTTL-O
RX_LOS
Receiver Loss of Signal Indication (in FC designated as
RX_LOS, in SONET designated as LOS, and in Ethernet
designated as NOT Signal Detect)
2
9
LVTTL-I
RS1
Rate Select 1, NOT implement
4
10
VEER
Module Receiver Ground
1
11
VEER
Module Receiver Ground
1
12
CML-O
RD-
Receiver Inverted Data Output
13
CML-O
RD+
Receiver Non-Inverted Data Output
14
VEER
Module Receiver Ground
1
15
VCCR
Module Receiver 3.3 V Supply
16
VCCT
Module Transmitter 3.3 V Supply
17
VEET
Module Transmitter Ground
1
18
CML-I
TD+
Transmitter Non-Inverted Data Input
19
CML-I
TD-
Transmitter Inverted Data Input
20
VEET
Module Transmitter Ground
1


Similar Part No. - SPP-10E-LR-CDFP

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPP-10E-LR-CDFF SOURCE-SPP-10E-LR-CDFF Datasheet
347Kb / 7P
   Support 10GBASE-LR/LW and CPRI wireless application
More results

Similar Description - SPP-10E-LR-CDFP

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPP-10E-LR-IDFP SOURCE-SPP-10E-LR-IDFP Datasheet
346Kb / 7P
   Support 10GBASE-LR/LW and CPRI wireless application
SPP-10E-LR-CDFF SOURCE-SPP-10E-LR-CDFF Datasheet
347Kb / 7P
   Support 10GBASE-LR/LW and CPRI wireless application
SPP-10E-LR-IDFF SOURCE-SPP-10E-LR-IDFF Datasheet
346Kb / 7P
   Support 10GBASE-LR/LW and CPRI wireless application
SPP-10S-LR-CDFC SOURCE-SPP-10S-LR-CDFC Datasheet
373Kb / 7P
   Support 8G FC, 10GBASE-LR/LW and SONET/SDH application
SPP-10S-LR-EDFC SOURCE-SPP-10S-LR-EDFC Datasheet
372Kb / 7P
   Support 8G FC, 10GBASE-LR/LW and SONET/SDH application
SPP-10E-ER-IDFC SOURCE-SPP-10E-ER-IDFC Datasheet
322Kb / 7P
   Support 10GBASE-ER/EW application
SPP-10E-ZR-CDFA SOURCE-SPP-10E-ZR-CDFA Datasheet
339Kb / 7P
   Support 10GBASE-ZR/ZW application
SPP-10E-ER-CDFC SOURCE-SPP-10E-ER-CDFC Datasheet
172Kb / 7P
   Support 10GBASE-ER/EW application
SPP-10E-ZR-IDFA SOURCE-SPP-10E-ZR-IDFA Datasheet
365Kb / 7P
   Support 10GBASE-ZR/ZW application
logo
List of Unclassifed Man...
M02139 ETC2-M02139 Datasheet
365Kb / 18P
   10GBASE-SR, IR and LR Links
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com