Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPL-35-GB-BX-CDFM Datasheet(PDF) 7 Page - Source Photonics, Inc.

Part # SPL-35-GB-BX-CDFM
Description  Up to 10km point-point transmission
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPL-35-GB-BX-CDFM Datasheet(HTML) 7 Page - Source Photonics, Inc.

Back Button SPL-35-GB-BX-CDFM Datasheet HTML 2Page - Source Photonics, Inc. SPL-35-GB-BX-CDFM Datasheet HTML 3Page - Source Photonics, Inc. SPL-35-GB-BX-CDFM Datasheet HTML 4Page - Source Photonics, Inc. SPL-35-GB-BX-CDFM Datasheet HTML 5Page - Source Photonics, Inc. SPL-35-GB-BX-CDFM Datasheet HTML 6Page - Source Photonics, Inc. SPL-35-GB-BX-CDFM Datasheet HTML 7Page - Source Photonics, Inc. SPL-35-GB-BX-CDFM Datasheet HTML 8Page - Source Photonics, Inc. SPL-35-GB-BX-CDFM Datasheet HTML 9Page - Source Photonics, Inc. SPL-35-GB-BX-CDFM Datasheet HTML 10Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SPL-35-GB-BX-CDFM
SPL-53-GB-BX-CDFM
DS-6764 Rev01 2011-12-12
Preliminary
16
1
Length (50um)
00
17
1
Length (62.5um)
00
18
1
Length (copper)
00
19
1
Reserved
00
20—35
16
Vendor name
53 4F 55 52 43 45 50 48
4F 54 4F 4E49 43 53 20
“SOURCEPHOTONICS”(ASCⅡ)
36
1
Reserved
00
37—39
3
Vendor OUI
00 1F 22
40—55
16
Vendor PN
53 50 4C xx xx 47 42 42
58 43 44 46 4D 20 20 20
SPL35GBBXCDFM”
SPL53GBBXCDFM”
56—59
4
Vendor rev
31 30 20 20
ASC ( “31 30 20 20” means 1.0 revision)
60-61
2
Wavelength
05 1E/06 0E
1310/1550nm
62
1
Reserved
00
63
1
CC BASE
xx
Check sum of bytes 0 - 62
64—65
2
Options
00 1A
LOS, TX_FAULT and TX_DISABLE
66
1
BR, max
00
67
1
BR, min
00
68—83
16
Vendor SN
xx xx xx xx xx xx xx xx
xx xx xx xx xx xx xx xx
ASC .
84—91
8
Vendor date code
xx xx xx xx xx xx 20 20
Year (2 bytes), Month (2 bytes), Day (2
bytes)
92
1
Diagnostic type
58
Diagnostics(External.Cal)
93
1
Enhanced option
B0
Diagnostics (Optional Alarm/warning flags,
Soft TX_FAULT and Soft TX_LOS
monitoring)
94
1
SFF-8472
02
Diagnostics(SFF-8472 Rev 9.5)
95
1
CC EXT
xx
Check sum of bytes 64 - 94
96—127
32
Vendor specific
Note: The “xx” byte should be filled in according to practical case. For more information, please refer to the
related document of SFF-8472 Rev 9.5.
Monitoring Specification
The digital diagnostic monitoring interface also defines another 256-byte memory map in EEPROM, which
makes use of the 8 bit address 1010001X (A2h). Please see Figure 4. For detail EEPROM information,
please refer to the related document of SFF-8472 Rev 9.5. The monitoring specification of this product is
described in Table 9.


Similar Part No. - SPL-35-GB-BX-CDFM

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-35-GB-BX-IDFM SOURCE-SPL-35-GB-BX-IDFM Datasheet
291Kb / 10P
   1.25Gbps bi-directional data links
More results

Similar Description - SPL-35-GB-BX-CDFM

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-35-GB-BD-XDFM SOURCE-SPL-35-GB-BD-XDFM Datasheet
263Kb / 10P
   Up to 40km point-point transmission
SPL-45-MR-IR2-IDFM SOURCE-SPL-45-MR-IR2-IDFM Datasheet
279Kb / 10P
   Up to 40km point-point transmission
SPL-35-03-EBX-CDFM SOURCE-SPL-35-03-EBX-CDFM Datasheet
284Kb / 9P
   Up to 20km point-point transmission on SMF
SPL-35-03-EBX-IDFM SOURCE-SPL-35-03-EBX-IDFM Datasheet
284Kb / 9P
   Up to 20km point-point transmission on SMF
logo
Analog Devices
HMC442 AD-HMC442 Datasheet
371Kb / 6P
   Point-to-Point and Point-to-Multi-Point Radios
logo
Micross Components
HMC521 MICROSS-HMC521 Datasheet
883Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC525 MICROSS-HMC525 Datasheet
886Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC527 MICROSS-HMC527 Datasheet
899Kb / 10P
   Point-to-Point and Point-to-Multi-Point Radio
logo
Analog Devices
HMC494LP3 AD-HMC494LP3 Datasheet
370Kb / 6P
   Point-to-Point
logo
Micross Components
HMC523 MICROSS-HMC523 Datasheet
894Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com