Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPL-53-GB-BD-xDFM Datasheet(PDF) 10 Page - Source Photonics, Inc.

Part # SPL-53-GB-BD-xDFM
Description  Up to 40km point-point transmission
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPL-53-GB-BD-xDFM Datasheet(HTML) 10 Page - Source Photonics, Inc.

Back Button SPL-53-GB-BD-xDFM Datasheet HTML 2Page - Source Photonics, Inc. SPL-53-GB-BD-xDFM Datasheet HTML 3Page - Source Photonics, Inc. SPL-53-GB-BD-xDFM Datasheet HTML 4Page - Source Photonics, Inc. SPL-53-GB-BD-xDFM Datasheet HTML 5Page - Source Photonics, Inc. SPL-53-GB-BD-xDFM Datasheet HTML 6Page - Source Photonics, Inc. SPL-53-GB-BD-xDFM Datasheet HTML 7Page - Source Photonics, Inc. SPL-53-GB-BD-xDFM Datasheet HTML 8Page - Source Photonics, Inc. SPL-53-GB-BD-xDFM Datasheet HTML 9Page - Source Photonics, Inc. SPL-53-GB-BD-xDFM Datasheet HTML 10Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
SPL-35-GB-BD-xDFM
SPL-53-GB-BD-xDFM
DS-6659 Rev 02 2011-10-24
Preliminary
Contact
U.S.A. Headquarters
20550 Nordhoff Street
Chatsworth, CA 91311
USA
Tel: +1-818-773-9044
Fax: +1-818-773-0261
China
Building #2&5, West Export Processing Zone
No. 8 Kexin Road, Hi-Tech Zone
Chengdu, 611731, China
Tel: +86-28-8795-8788
Fax: +86-28-8795-8789
Taiwan
9F, No 81, Shui Lee Rd.
Hsinchu, Taiwan, R.O.C.
Tel: +886-3-5169222
Fax: +886-3-5169213
© Copyright Source Photonics, Inc. 2007~2011
All rights reserved


Similar Part No. - SPL-53-GB-BD-xDFM

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-53-GB-BD-CDA SOURCE-SPL-53-GB-BD-CDA Datasheet
523Kb / 7P
   SFP Bi-Directional Transceiver
SPL-53-GB-BD-CNA SOURCE-SPL-53-GB-BD-CNA Datasheet
523Kb / 7P
   SFP Bi-Directional Transceiver
SPL-53-GB-BD-TDA SOURCE-SPL-53-GB-BD-TDA Datasheet
523Kb / 7P
   SFP Bi-Directional Transceiver
SPL-53-GB-BD-TNA SOURCE-SPL-53-GB-BD-TNA Datasheet
523Kb / 7P
   SFP Bi-Directional Transceiver
More results

Similar Description - SPL-53-GB-BD-xDFM

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-45-MR-IR2-IDFM SOURCE-SPL-45-MR-IR2-IDFM Datasheet
279Kb / 10P
   Up to 40km point-point transmission
SPL-35-GB-BX-CDFM SOURCE-SPL-35-GB-BX-CDFM Datasheet
264Kb / 10P
   Up to 10km point-point transmission
SPL-35-03-EBX-CDFM SOURCE-SPL-35-03-EBX-CDFM Datasheet
284Kb / 9P
   Up to 20km point-point transmission on SMF
SPL-35-03-EBX-IDFM SOURCE-SPL-35-03-EBX-IDFM Datasheet
284Kb / 9P
   Up to 20km point-point transmission on SMF
SPL-34-GB-BD-XDFM SOURCE-SPL-34-GB-BD-XDFM Datasheet
281Kb / 10P
   Up to 40km transmission on SMF
logo
Analog Devices
HMC442 AD-HMC442 Datasheet
371Kb / 6P
   Point-to-Point and Point-to-Multi-Point Radios
logo
Micross Components
HMC521 MICROSS-HMC521 Datasheet
883Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC525 MICROSS-HMC525 Datasheet
886Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC527 MICROSS-HMC527 Datasheet
899Kb / 10P
   Point-to-Point and Point-to-Multi-Point Radio
logo
Analog Devices
HMC494LP3 AD-HMC494LP3 Datasheet
370Kb / 6P
   Point-to-Point
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com