Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPL-43-GB-BX-CDFM Datasheet(PDF) 10 Page - Source Photonics, Inc.

Part # SPL-43-GB-BX-CDFM
Description  1.25Gbps bi-directional data links
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPL-43-GB-BX-CDFM Datasheet(HTML) 10 Page - Source Photonics, Inc.

Back Button SPL-43-GB-BX-CDFM Datasheet HTML 2Page - Source Photonics, Inc. SPL-43-GB-BX-CDFM Datasheet HTML 3Page - Source Photonics, Inc. SPL-43-GB-BX-CDFM Datasheet HTML 4Page - Source Photonics, Inc. SPL-43-GB-BX-CDFM Datasheet HTML 5Page - Source Photonics, Inc. SPL-43-GB-BX-CDFM Datasheet HTML 6Page - Source Photonics, Inc. SPL-43-GB-BX-CDFM Datasheet HTML 7Page - Source Photonics, Inc. SPL-43-GB-BX-CDFM Datasheet HTML 8Page - Source Photonics, Inc. SPL-43-GB-BX-CDFM Datasheet HTML 9Page - Source Photonics, Inc. SPL-43-GB-BX-CDFM Datasheet HTML 10Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
SPL-34-GB-BX-CDFM
SPL-43-GB-BX-CDFM
DS-6227 Rev 02 2013-9-13
Contact
U.S.A. Headquarters
20550 Nordhoff Street
Chatsworth, CA 91311
USA
Tel: +1-818-773-9044
Fax: +1-818-773-0261
China
Building #2&5, West Export Processing Zone
No. 8 Kexin Road, Hi-Tech Zone
Chengdu, 611731, China
Tel: +86-28-8795-8788
Fax: +86-28-8795-8789
Taiwan
9F, No 81, Shui Lee Rd.
Hsinchu, Taiwan, R.O.C.
Tel: +886-3-5169222
Fax: +886-3-5169213
© Copyright Source Photonics, Inc. 2007~2013
All rights reserved


Similar Part No. - SPL-43-GB-BX-CDFM

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-43-GB-BX-CDA SOURCE-SPL-43-GB-BX-CDA Datasheet
625Kb / 9P
   SFP Bi-Directional Transceiver
SPL-43-GB-BX-CDC SOURCE-SPL-43-GB-BX-CDC Datasheet
625Kb / 9P
   SFP Bi-Directional Transceiver
More results

Similar Description - SPL-43-GB-BX-CDFM

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-35-GB-BX-IDFM SOURCE-SPL-35-GB-BX-IDFM Datasheet
291Kb / 10P
   1.25Gbps bi-directional data links
SP-GB-ZX-CDFC SOURCE-SP-GB-ZX-CDFC Datasheet
231Kb / 9P
   1.25Gbps bi-directional data links
SPL-34-MR-IR2-IDFM SOURCE-SPL-34-MR-IR2-IDFM Datasheet
278Kb / 10P
   155M - 2.67Gb/s bi-directional data links
SPL-35-MR-IR1-XDFQ SOURCE-SPL-35-MR-IR1-XDFQ Datasheet
269Kb / 10P
   614.4M-2.5Gb/s bi-directional data links
SPL-34-MR-IR1-XDFQ SOURCE-SPL-34-MR-IR1-XDFQ Datasheet
256Kb / 9P
   614.4M - 2.5Gb/s bi-directional data links
logo
Level One
SFP-3841 LVL1-SFP-3841 Datasheet
263Kb / 3P
   Up to 1.25Gbps bi-directional data links Hot-pluggable SFP footprint Extended cased temperature range
logo
Pulse A Technitrol Comp...
SFPT-BD53-01 PULSE-SFPT-BD53-01 Datasheet
222Kb / 11P
   1.25Gbps SFP Bi-Directional Transceiver
logo
Source Photonics, Inc.
FTM-9612S-SL15G SOURCE-FTM-9612S-SL15G Datasheet
291Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9312S-G10G SOURCE-FTM-9312S-G10G Datasheet
287Kb / 10P
   1.25Gbps Single Fiber Bi-directional GBIC Transceiver
FTM-9612C-SL10G SOURCE-FTM-9612C-SL10G Datasheet
291Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com