Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP-GB-ZX-CDFC Datasheet(PDF) 6 Page - Source Photonics, Inc.

Part # SP-GB-ZX-CDFC
Description  1.25Gbps bi-directional data links
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SP-GB-ZX-CDFC Datasheet(HTML) 6 Page - Source Photonics, Inc.

  SP-GB-ZX-CDFC Datasheet HTML 1Page - Source Photonics, Inc. SP-GB-ZX-CDFC Datasheet HTML 2Page - Source Photonics, Inc. SP-GB-ZX-CDFC Datasheet HTML 3Page - Source Photonics, Inc. SP-GB-ZX-CDFC Datasheet HTML 4Page - Source Photonics, Inc. SP-GB-ZX-CDFC Datasheet HTML 5Page - Source Photonics, Inc. SP-GB-ZX-CDFC Datasheet HTML 6Page - Source Photonics, Inc. SP-GB-ZX-CDFC Datasheet HTML 7Page - Source Photonics, Inc. SP-GB-ZX-CDFC Datasheet HTML 8Page - Source Photonics, Inc. SP-GB-ZX-CDFC Datasheet HTML 9Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SP-GB-ZX-CDFC
SP-GB-ZX-IDFC
DS-7466 Rev 00 2013-07-16
EEPROM Information
The SFP MSA defines a 256-byte memory map in EEPROM describing the transceiver’s capabilities, standard
interfaces, manufacturer, and other information, which is accessible over a 2 wire serial interface at the 8-bit
address 1010000X (A0h). The memory contents refer to Table 7.
Table 7 - EEPROM Serial ID Memory Contents (A0h)
Addr.
Field
Size
(Bytes)
Name of Field
Hex
Description
0
1
Identifier
03
SFP
1
1
Ext. Identifier 04
MOD4
2
1
Connector
07
LC
3—10
8
Transceiver
00 00 00 02 12 00 01 01
1000BASE-LX,long distance (L); Longwave
laser (LC)
11
1
Encoding
01
8B10B
12
1
BR, nominal 0D
1.25Gbps
13
1
Reserved
00
14
1
Length
(9um)-km
50
80km
15
1
Length (9um) FF
80km
16
1
Length (50um) 00
17
1
Length (62.5um) 00
18
1
Length (copper) 00
19
1
Reserved
00
20—35
16
Vendor name
53 4F 55 52 43 45 50 48
4F 54 4F 4E 49 43 53 20
“SOURCEPHOTONICS”(ASCⅡ)
36
1
Reserved
00
37—39
3
Vendor OUI
00 1F 22
40—55
16
Vendor PN
53 50 47 42 5A 58 xx 44
46 43 20 20 20 20 20 20
“SPGBZXxDFC ” (ASCⅡ)
56—59
4
Vendor rev
31 30 20 20
ASC (
“31 30 20 20” means 1.0 revision)
60-61
2
Wavelength
06 0E
1550nm
62
1
Reserved
00
63
1
CC BASE
xx
Check sum of bytes 0 - 62
64—65
2
Options
00 1A
LOS, TX_FAULT and TX_DISABLE
66
1
BR, max
00
67
1
BR, min
00
68—83
16
Vendor SN
xx xx xx xx xx xx xx xx
xx xx xx xx xx xx xx xx
ASCⅡ
84—91
8
Vendor date
code
xx xx xx xx xx xx 20 20
Year (2 bytes), Month (2 bytes), Day (2
bytes)
92
1
Diagnostic type 58
Diagnostics (External. Cal)
93
1
Enhanced
B0
Diagnostics(Optional Alarm/warning flags,


Similar Part No. - SP-GB-ZX-CDFC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-GB-ZX-CDA SOURCE-SP-GB-ZX-CDA Datasheet
531Kb / 7P
   80 km Gigabit Ethernet SFP Transceiver
More results

Similar Description - SP-GB-ZX-CDFC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-35-GB-BX-IDFM SOURCE-SPL-35-GB-BX-IDFM Datasheet
291Kb / 10P
   1.25Gbps bi-directional data links
SPL-34-GB-BX-CDFM SOURCE-SPL-34-GB-BX-CDFM Datasheet
320Kb / 10P
   1.25Gbps bi-directional data links
SPL-34-MR-IR2-IDFM SOURCE-SPL-34-MR-IR2-IDFM Datasheet
278Kb / 10P
   155M - 2.67Gb/s bi-directional data links
SPL-35-MR-IR1-XDFQ SOURCE-SPL-35-MR-IR1-XDFQ Datasheet
269Kb / 10P
   614.4M-2.5Gb/s bi-directional data links
SPL-34-MR-IR1-XDFQ SOURCE-SPL-34-MR-IR1-XDFQ Datasheet
256Kb / 9P
   614.4M - 2.5Gb/s bi-directional data links
logo
Level One
SFP-3841 LVL1-SFP-3841 Datasheet
263Kb / 3P
   Up to 1.25Gbps bi-directional data links Hot-pluggable SFP footprint Extended cased temperature range
logo
Pulse A Technitrol Comp...
SFPT-BD53-01 PULSE-SFPT-BD53-01 Datasheet
222Kb / 11P
   1.25Gbps SFP Bi-Directional Transceiver
logo
Source Photonics, Inc.
FTM-9612S-SL15G SOURCE-FTM-9612S-SL15G Datasheet
291Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9312S-G10G SOURCE-FTM-9312S-G10G Datasheet
287Kb / 10P
   1.25Gbps Single Fiber Bi-directional GBIC Transceiver
FTM-9612C-SL10G SOURCE-FTM-9612C-SL10G Datasheet
291Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com