Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP-GB-EX-CDFC Datasheet(PDF) 8 Page - Source Photonics, Inc.

Part # SP-GB-EX-CDFC
Description  Digital diagnostic monitor interface Compatible with SFF-8472
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SP-GB-EX-CDFC Datasheet(HTML) 8 Page - Source Photonics, Inc.

  SP-GB-EX-CDFC Datasheet HTML 1Page - Source Photonics, Inc. SP-GB-EX-CDFC Datasheet HTML 2Page - Source Photonics, Inc. SP-GB-EX-CDFC Datasheet HTML 3Page - Source Photonics, Inc. SP-GB-EX-CDFC Datasheet HTML 4Page - Source Photonics, Inc. SP-GB-EX-CDFC Datasheet HTML 5Page - Source Photonics, Inc. SP-GB-EX-CDFC Datasheet HTML 6Page - Source Photonics, Inc. SP-GB-EX-CDFC Datasheet HTML 7Page - Source Photonics, Inc. SP-GB-EX-CDFC Datasheet HTML 8Page - Source Photonics, Inc. SP-GB-EX-CDFC Datasheet HTML 9Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SP-GB-EX-CDFC
SP-GB-EX-IDFC
DS-7211 Rev 01 2013-02-19
Mechanical Diagram
Figure 5, Mechanical Design Diagram of the SFP
Order Information
Table 9 –
Order Information
Part No.
Case Temperature
Application
Data Rate
Laser Source
Fiber Type
SP-GB-EX-CDFC
-5 to 70
0C
1000BASE-EX
1.25Gbps
1310nm
 
DFB
SMF
SP-GB-EX-IDFC
-40 to 85
0C
1000BASE-EX
1.25Gbps
1310nm
 
DFB
SMF
Warnings
Handling Precautions:
This device is susceptible to damage as a result of electrostatic discharge (ESD). A
static free environment is highly recommended. Follow guidelines according to proper ESD procedures.
Laser Safety:
Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to
direct or indirect radiation.
Legal Notice
IMPORTANT NOTICE!
All information contained in this document is subject to change without notice, at Source Photonics’s sole and


Similar Part No. - SP-GB-EX-CDFC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-GB-EX-CDA SOURCE-SP-GB-EX-CDA Datasheet
485Kb / 7P
   40km GbE SFP Transceiver
More results

Similar Description - SP-GB-EX-CDFC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3725 IRF-IR3725_11 Datasheet
435Kb / 19P
   INPUT POWER MONITOR WITH DIGITAL INTERFACE
IR3725 IRF-IR3725 Datasheet
773Kb / 19P
   INPUT POWER MONITOR WITH DIGITAL INTERFACE
logo
Analog Devices
ADM1293 AD-ADM1293 Datasheet
777Kb / 48P
   Digital Power Monitor with PMBus Interface
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-57J7ATPZ AVAGO-AFCT-57J7ATPZ Datasheet
248Kb / 17P
   Compatible, Digital Diagnostic Optical Transceiver
logo
Source Photonics, Inc.
XP-MR-08-CDFB SOURCE-XP-MR-08-CDFB Datasheet
468Kb / 8P
   2-wire interface with integrated Digital Diagnostic monitoring
XP-XE-04-IDFA SOURCE-XP-XE-04-IDFA Datasheet
248Kb / 8P
   2-wire interface with integrated Digital Diagnostic monitoring
XP-MR-01-IDFG SOURCE-XP-MR-01-IDFG Datasheet
379Kb / 8P
   2-wire interface with integrated Digital Diagnostic monitoring
XP-XE-04-CDFA SOURCE-XP-XE-04-CDFA Datasheet
248Kb / 8P
   2-wire interface with integrated Digital Diagnostic monitoring
XP-MR-01-CDFG SOURCE-XP-MR-01-CDFG Datasheet
441Kb / 8P
   2-wire interface with integrated Digital Diagnostic monitoring
XP-MR-04-IDFB SOURCE-XP-MR-04-IDFB Datasheet
397Kb / 8P
   2-wire interface with integrated Digital Diagnostic monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com