Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP-03-LR1 Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part # SP-03-LR1
Description  1310nm FP laser and PIN photodetector for 40km transmission
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SP-03-LR1 Datasheet(HTML) 2 Page - Source Photonics, Inc.

  SP-03-LR1 Datasheet HTML 1Page - Source Photonics, Inc. SP-03-LR1 Datasheet HTML 2Page - Source Photonics, Inc. SP-03-LR1 Datasheet HTML 3Page - Source Photonics, Inc. SP-03-LR1 Datasheet HTML 4Page - Source Photonics, Inc. SP-03-LR1 Datasheet HTML 5Page - Source Photonics, Inc. SP-03-LR1 Datasheet HTML 6Page - Source Photonics, Inc. SP-03-LR1 Datasheet HTML 7Page - Source Photonics, Inc. SP-03-LR1 Datasheet HTML 8Page - Source Photonics, Inc. SP-03-LR1 Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SP-03-LR1/LR2-xDFM
DS-5585 Rev 042013-12-20
Recommended Operating Conditions
Table 3 – Recommended Operating Conditions
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Operating
Case
Temperature
Standard
TC
-5
-
+70
°C
Industrial
-40
-
+85
°C
Power Supply Voltage
VCC
3.13
3.3
3.47
V
Power Supply Current
ICC
-
-
300
mA
Power Dissipation
PD
-
-
1
W
Data Rate
155
Mbps
Table 4 – Optical Characteristics
SP-03-LR1-CDFM SP-03-LR1-IDFM (1310nm FP and PIN, 40km, Monitoring function)
Transmitter
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Centre Wavelength
λC
1263
1360
nm
Average Output Power
P0UT
-5
0
dBm
1
Spectral Width (RMS)
∆λ
3
nm
Extinction Ratio
EX
10
dB
Jitter Generation (RMS)
0.01
UI
Jitter Generation (pk-pk)
0.1
UI
Optical Eye Mask
Compliant with Telcordia GR-253-CORE and ITU-T G.957
2
Receiver
Centre Wavelength
λC
1260
1580
nm
Receiver Sensitivity
PIN
-34
dBm
3
Receiver Overload
PIN
-10
dBm
3
Optical Path Penalty
1
dB
4
LOS Assert
LOSA
-45
dBm
LOS Deassert
LOSD
-37
dBm
LOS Hysteresis
0.5
4
dB
Notes:
1. The optical power is launched into SMF.
2. Measured with a PRBS 2
23-1 test pattern @155Mbps.
3. Measured with a PRBS 2
23-1 test pattern @155Mbps, BER ≤1×10-10.
4. Measured with a PRBS 2
23-1 test pattern @155Mbps, over 40km G.652 SMF, BER ≤1×10-10.


Similar Part No. - SP-03-LR1

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-03-LR1-CDA SOURCE-SP-03-LR1-CDA Datasheet
485Kb / 7P
   155 Mbps SFP Transceiver (LR1)
SP-03-LR1-CNA SOURCE-SP-03-LR1-CNA Datasheet
485Kb / 7P
   155 Mbps SFP Transceiver (LR1)
SP-03-LR1-TDA SOURCE-SP-03-LR1-TDA Datasheet
485Kb / 7P
   155 Mbps SFP Transceiver (LR1)
SP-03-LR1-TNA SOURCE-SP-03-LR1-TNA Datasheet
485Kb / 7P
   155 Mbps SFP Transceiver (LR1)
More results

Similar Description - SP-03-LR1

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-03-IR1-CDFN SOURCE-SP-03-IR1-CDFN Datasheet
293Kb / 9P
   1310nm FP laser and PIN photodetector for 15km transmission
logo
Mitsubishi Electric Sem...
ML7XX45 MITSUBISHI-ML7XX45 Datasheet
199Kb / 3P
   1310nm InGaAsP FP LASER DIODES
logo
Finisar Corporation.
FP-1310-10LRM-SCA FINISAR-FP-1310-10LRM-SCA Datasheet
360Kb / 8P
   1310nm SC TOSA with FP laser
logo
Mitsubishi Electric Sem...
ML7XX19 MITSUBISHI-ML7XX19 Datasheet
200Kb / 4P
   MITSUBISHI LASER DIODES 1310nm InGaAsP FP LASER DIODES
logo
Source Photonics, Inc.
SPP-10E-LR-EDFF SOURCE-SPP-10E-LR-EDFF Datasheet
445Kb / 7P
   1310nm DFB laser and PIN receiver
logo
NXP Semiconductors
TDA1300T PHILIPS-TDA1300T Datasheet
136Kb / 20P
   Photodetector amplifiers and laser supplies
1997 Jul 15
logo
Finisar Corporation.
FP-1310-4I-LCB FINISAR-FP-1310-4I-LCB Datasheet
557Kb / 7P
   1310nm FABRY-PEROT (FP) LASER DIODE, LC TOSA
logo
KODENSHI_AUK CORP.
KLF-311C-30 KODENSHI-KLF-311C-30 Datasheet
66Kb / 1P
   1310nm FP-LD chip
logo
Source Photonics, Inc.
SPL-34-GB-BD-XDFM SOURCE-SPL-34-GB-BD-XDFM Datasheet
281Kb / 10P
   Up to 40km transmission on SMF
SPL-35-GB-BD-XDFM SOURCE-SPL-35-GB-BD-XDFM Datasheet
263Kb / 10P
   Up to 40km point-point transmission
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com